Part Number Hot Search : 
4HC40 CAT4004 RODUCTS CD401 74LS03 IRF620 K3638 HT16511
Product Description
Full Text Search
 

To Download L90CSDC24V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l90 pcb 18 relay type: contact form: 1c l90 c s dc12v coil voltage:- 5 ~ 24vdc sealing type: nil-open features dimension l * w * h (mm) 32.5 * 27.5 * 20 terminal type pcb weight 30 gm approximately contact data contact form 1a, 1c contact material ag alloy contact capacity 30a @ 250vac, 30a @ 28vdc coil data coil voltage ( dc) 5 ~ 24 vdc coil power consumption 0.93w coil specification coil voltage coil resistance ( ) 10% pull in voltage (vdc) drop out voltage (vdc) 12 vdc 155 80% 5% 24 vdc 660 80% 5% general data dielectric strength 1500 vac @ 50 hz / min (between open contacts) 2500 vac @ 50 hz / min ( between coil & contacts) insulation resistance 500m electrical life 5 1 x 10 mechanical life 7 1 x 10 operating temperature - 55c ~ + 85c mounting diagram application hvac, domestic application, car control switching box etc. s: sealed


▲Up To Search▲   

 
Price & Availability of L90CSDC24V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X