Part Number Hot Search : 
TA166 XC6366D 4HCT0 C68HC70 630D08 AK4682EQ S10ML1X 8HC90
Product Description
Full Text Search
 

To Download JA9033L-WL101-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please cal l your nearest foxconn sales re presentative for update informat ion. specifications audio jack connector ja series t/h type 3 bands plug ( 3.5mm 6 pos. mechanical mating force: 3.0kg ( 6.6lb ) min . unmating force: 0.3kg (0.66lb ) min . durability : 5000 cycles electrical voltage rating: 150v max. current rating: 1a max. contact resistance: 50m ? max. dielectric withstanding voltage: 500v insulation resistance: 100m ? physical housing: thermoplastic, ul 94v-0 contact: copper alloy plating: see ?ordering information? metal spring: copper alloy operating temperature: -40 j to +85 j drawing ordering in fo r matio n tail length w/o shell schematic color w=high temperature plastic tr=tape reel 3=3 band contact area plating plug diameter l=pd/ni + gold flash 3=3.50 (0.141") body&termination type j=jack 9=single port, special body hight sleeve style plug type 0=w/ bushing conn. series a=audio jack series prefix product no.: j a 9 0 3 3 l - w * 1 0 1 - t r b=light blue l=lime 1=2.40mm p=pink packing code


▲Up To Search▲   

 
Price & Availability of JA9033L-WL101-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X