Part Number Hot Search : 
2SJ353 MA795WK PS2701 2SC1729 B1580 UPD43256 C1411EPA SMA36
Product Description
Full Text Search
 

To Download JA6333L-WL1S1-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please cal l your nearest foxconn sales re presentative for update informat ion. specifications audio jack connector ja series t/h type 3 bands plug ( 3.5mm 6 pos. mechanical mating force: 3.0kg ( 6.6lb ) min . unmating force: 0.3kg (0.66lb ) min . durability : 5000 cycles electrical voltage rating: 150v max. current rating: 1a max. contact resistance: 50m ? max. dielectric withstanding voltage: 500v insulation resistance: 100m ? physical housing: thermoplastic, ul 94v-0 contact: copper alloy plating: see ?ordering information? metal spring: copper alloy operating temperature: -40 j to +85 j drawing ordering in fo r matio n tr=tape reel packing code contact area plating color l=pd/ni + gold flash w=high temperature plastic p=pink o=orange b=light blue l=lime product no.: j a 6 3 3 3 l - (w *) 1 s * - t r a=audio jack plug diameter body&termination type sleeve style plug type 3=w/o bushing 3=3 band 6=single port, r/a, 3=3.50 (0.141") series prefix j=jack conn. series 0=2.00mm schematic 1=2.40mm w/ shell tail length 2=1.45mm


▲Up To Search▲   

 
Price & Availability of JA6333L-WL1S1-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X