all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update informat ion. specifications header connector hl22 series vertical, t/h type plug 2.54mm [.100??] pitch 34 pos. mechanical contact retention force: 1.36kgf min. electrical voltage rating: 250v current rating: 3.0a per pin dielectric withstanding voltage: 500v ac insulation resistance: 1000m ? min. physical housing: thermoplastic, ul 94v-0 rating contact: copper alloy plating: see ?ordering information? operating temperature: -10 j to +85 j drawing ordering i nf or mati on see the attachment i see the attachment ii
all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update informat ion. the attachment i product no. : h l 2 2 ** * - * ** 25=25/50 pos. shrouded header temination&contact type no. of single row pos. 05=05/10 pos. 06=06/12 pos. . header modification code f=gold flash with rohs compliance contactt area plating . . code none d1 d0 d4 d3 d2 d8 d7 d6 e1 d9 e3 e4 e2 pos. no. 24 pos. no. 38 pos. no. 30 pos. no. 22 full pin removed pins full pin pos. no. 20 pos. no. 21 pos. no. 8 pos. no. 25 pos. no. 26 pos. no. 28 pos. no. 15 pos. no. 1 removed pins last pin none code l3 p9 l1 p8 p7 pos. no. 32 pos. no. 17 pos. no. 9 pos. no. 3 pos. no. 12 p1 p4 p5 p6 p3 pos. no. 6 pos. no. 10 pos. no. 5 pos. no. 2 pos. no. 7 e5 p0 pos. no. 9 & 10 pos. no. 4 l5 pos. no. 18 code none removed pins full pin pos. no. 1,2,3,4,14,15&16 pos. no. 1,2,10,11&12 pos. no. 3, 25 & 26 pos. no. 3, 19, 20 & 29 pos. no. 8 & n pos. no. 7 & 8 pos. no. 25 pos. no. 16 pos. no. 3 & last pin pos. no. 8 & 19 pos. no. 30 & 32 pos. no. 8 & 9 pos. no. 14 l6 t5 t8 t7 t6 t3 t4 t2 t1 l8 t0 l9 l7 removed pins full pin none code pos. no. 25, 27 & 28 pos. no. 3, 5, 7 & 9 pos. no. 19 pos. no. 13 pos. no. 11 pos. no. 3 & 5 pos. no. 13,15 & 16 pos. no. 1 & 11 pos. no. 4 & 7 pos. no. 8 & 13 pos. no. 4, 5 & 6 u9 u7 u8 u6 u5 u0 u2 u4 u3 u1 t9 n=housing color green r=housing color red u=housing color blue y=housing color yellow w=housing color white none=housing color black optional for housing color (see below) modification code the attachment ii
|