Part Number Hot Search : 
V602ME38 CMC7106Y U4056B1 4LVTH1 MCR8DCN TMP89 100166F UML500
Product Description
Full Text Search
 

To Download HEX41-AC-45-21-A9-2-DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification control drawing rev: a dcr # d060250 date: aug 17, 2006 product brand: 300 constitution drive menlo park, ca 94025, usa title: hexashield adaptor for code 41 connectors- tinel clamping nut unless otherwise specified dimensions are in millimeters. inch dimensions are shown in brackets tyco electronics reserves the right to amend this drawing at any time. users should evaluate the suitability of the product for their application. document no. hex41-ay-yy- yy-ayy-2-yy drawn: irt date: feb 03 file: d060250 scale: none sheet: 1 of 4 if this document is printed it becomes unc ontrolled. check for the latest revision c max o ring - silicone typ entry size straight adaptor - 00 1 3 4 2 d max e m ax f max g max 90 adaptor - 90 45 adaptor - 45 ?s ?b max typ ?a thread typ ? 2006 tyco electronics corporation. all rights reserved.
specification control drawing rev: a dcr # d060250 date: aug 17, 2006 product brand: 300 constitution drive menlo park, ca 94025, usa title: hexashield adaptor for code 41 connectors- tinel clamping nut unless otherwise specified dimensions are in millimeters. inch dimensions are shown in brackets tyco electronics reserves the right to amend this drawing at any time. users should evaluate the suitability of the product for their application. document no. hex41-ay-yy- yy-ayy-2-yy drawn: irt date: feb 03 file: d060250 scale: none sheet: 2 of 4 if this document is printed it becomes unc ontrolled. check for the latest revision kit description item description material 1 body assembly aluminium alloy 2 tinel clamping adaptor assembly aluminium alloy tinel-lock? ring tinel-x? 3 conic ring aluminium alloy 4 star aluminium alloy table of dimensions shell size ?a thread unef 2b ?b max ?c max d max e max f max g max ferrule quantity order number ser ser tinel entry size i ii std. opt. 09 09 08 05 0.4375?-28 19.0 38. 5 12.5 38.5 16.0 42.0 1 - [0.75?] [1.52?] [0.49? ] [1.52?] [0.63?] [1.65?] 11 11 10 08 0.5625?-24 22.0 38. 5 13.0 39.0 17.5 43.5 2 - [0.87?] [1.52?] [0.51? ] [1.54?] [0.69?] [1.71?] 13 13 12 10 0.6875?-24 25.5 38. 5 14.0 39.5 19.0 45.0 3 - [1.00?] [1.52?] [0.55? ] [1.56?] [0.75?] [1.77?] 15 15 14 12 0.8125?-20 30.5 38. 5 14.5 40.5 20.5 46.5 5 - [1.20?] [1.52?] [0.57? ] [1.60?] [0.81?] [1.83?] 17 17 16 14 0.9375?-20 33.5 38. 5 15.0 41.0 22.0 48.0 6 7 [1.32?] [1.52?] [0.59? ] [1.61?] [0.87?] [1.89?] 19 19 18 16 1.0625?-18 37.0 38. 5 15.5 41.5 23.5 49.5 7 8 [1.46?] [1.52?] [0.61?] [1.63?] [0.93?] [1.95?] 21 21 20 18 1.1875?-18 38.5 38. 5 16.5 42.5 25.5 51.5 9 11 [1.52?] [1.52?] [0.65? ] [1.67?] [1.00?] [2.03?] 23 23 22 20 1.3125?-18 42.0 38. 5 17.0 43.0 27.0 53.0 10 13 [1.65?] [1.52?] [0.67? ] [1.69?] [1.06?] [2.09?] 25 25 24 20 1.4375?-18 46.5 46. 0 18.0 51.5 28.5 62.0 12 18 [1.83?] [1.81?] [0.71? ] [2.03?] [1.12?] [2.44?] tinel ?s tinel ?s entry entry size size 05 10.97/11.13 14 25.17/25.46 [0.432/0.438?] [0.991?/1.002?] 08 15.72/15.91 16 28.34/28.63 [0.619?/0.626?] [1.116?/1.127?] 10 18.84/19.11 18 31.52/31.81 [0.742?/0.752?] [1.241?/1.252?] 12 22.02/22.28 20 34.69/34.98 [0.867?/0.877?] [1.366?/1.377?]
specification control drawing rev: a dcr # d060250 date: aug 17, 2006 product brand: 300 constitution drive menlo park, ca 94025, usa title: hexashield adaptor for code 41 connectors- tinel clamping nut unless otherwise specified dimensions are in millimeters. inch dimensions are shown in brackets tyco electronics reserves the right to amend this drawing at any time. users should evaluate the suitability of the product for their application. document no. hex41-ay-yy- yy-ayy-2-yy drawn: irt date: feb 03 file: d060250 scale: none sheet: 3 of 4 if this document is printed it becomes unc ontrolled. check for the latest revision part numbering hex41 a b 00 21 2 a = aluminium alloy - connector code number: hex41 = mil-c-38999 series i and ii - material code: - plating code: b = cadmium olive drab to qq-p-416 c = electroless nickel to mil-c-26074 - order number - 2 = tinel clamping adaptor assembly - ferrule quantity code 00 = straight a9 45 = 45 90 = 90 - body style ds - ds = drilled star - optional - see note 2 application - these adaptors are designed to be mounted on the following connectors: mil-c-38999 series i and ii - they are qualified to the raychem specification rb-114, when installed on metallic mil-specification circular connectors only. - they are designed for wire bundle installations having an ov erall braid terminated by means of a tinel-lock? ring*. - they are also designed to accept raychem heat shrink moul ded parts where strain relief is required ? see illustrations. moulded part - use in conjunction with the ferrules het-a-0xx, which are purchased separately. refer to he t-a-0xx s.c.d. for relevant selection details. - * refer to tr s.c.d. for furthe r information on tinel-lock? rings. installation - see installation procedure rpip-696-04. packaging - all components are supplied in a plastic bag.
specification control drawing rev: a dcr # d060250 date: aug 17, 2006 product brand: 300 constitution drive menlo park, ca 94025, usa title: hexashield adaptor for code 41 connectors- tinel clamping nut unless otherwise specified dimensions are in millimeters. inch dimensions are shown in brackets tyco electronics reserves the right to amend this drawing at any time. users should evaluate the suitability of the product for their application. document no. hex41-ay-yy- yy-ayy-2-yy drawn: irt date: feb 03 file: d060250 scale: none sheet: 4 of 4 if this document is printed it becomes unc ontrolled. check for the latest revision notes! 1. item 4 - star - is not supplied with hexashield order number 09. 2. the ds option, illustrated below, is fo r a drilled star that is available on sizes 15 to 25 only. this option is to allow unshielded wires to pass through the assembly. ?h max star size 15 17 19 21 23 25 ?h max 3.0 6.0 9.0 12.0 15.0 18.0 [0.12?] [0.24?] [0.35?] [0.47?] [0.59?] [0.71?] 3. where the ferrule quantities required are standard, t he item 4 - star - is also standard. if the optional quantity is selected then 2 items 4 will be supplied - one ?split? and the other one standard*, see below for illustration. example: ferrule quantity code -a13 -a13 = -a10 split star + -a3 standard star * on order number 19 only, the optional ferrule quantity of 8 uses a ?standard? star also. 4. assembly is to be permanently marked wi th code identity number and part number. (e.g. 06090 hex41-ab-00-21-a9-2)


▲Up To Search▲   

 
Price & Availability of HEX41-AC-45-21-A9-2-DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X