Part Number Hot Search : 
2SK0601 R05H12 ILD223 L1040 GP1006 A71A1 GP1006 GF1004
Product Description
Full Text Search
 

To Download HDP-240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal ac input / full range built-in active pfc function, pf 0.94 high efficiency up to 84% protections: short circuit / overload / over voltage / over temperature conformal coated years warranty forced air cooling by built-in dc fan1u low profile 36mm built-in cooling fan on-off control zvs technology to reduce power dissipation led indicator for power on 3 specification HDP-240 model output voltage range note.5 frequency range power factor (typ.) efficiency (typ.) input environment inrush current (typ.) leakage current over temperature safety standards safety & emc (note 4) withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage protection ac current (typ.) +3.8v +2.8v 41.5a 25a 0 ~ 50a 0 ~ 27.5a 227.7w (typ.) 241w (max.) 241w continue. v1 total power output shall not exceed 200w (max. 50a) ; v2 tota l power output shall not exceed 82.5w (max. 27.5a) 100mvp-p (the v1 & v2 combine total power output shall not exceed 241w) 100mvp-p 3.6 ~ 4v 2.5 ~ 3v 2.0% 2.0% 0.5% 0.5% 2.0% 2.0% v2: 3.22 ~ 3.78v 1000ms, 50ms/230vac 2500ms, 50ms/115vac at full load 16ms/230vac 16ms/115vac at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf 0.94/230vac pf 0.98/115vac at full load 3.3a/115vac 1.3a/230vac 30a/115vac 45a/230vac <2ma / 240vac v1+v2: 105 ~ 150% max. output power ; or v2: 125 ~ 170% rated current v1: 4.37 ~ 5.13v protection type: hiccup mode, recovers automatically after fault c ondition is removed protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, re-power on to recovery ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, en61000-6- 2, heavy industry level, criteria a i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh -30 ~ +70 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 111.3k hrs min. mil-hdbk-217f (25 ) 215*115*36mm (l*w*h) features : 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. 6. output voltage between v1 and v2 should be higher than 0.8v(v1-v2 0.8v) . h d p - 2 4 0 240w dual output with pfc function 1kg; 15pcs/16kg/0.7cuft 84% 80 5 (tsw1) detect on heatsink of power transistor file name:HDP-240-spec 2011-12-28 function fan control (typ.) rth4 50 fan on ; rth4 45 fan off v1 v2 output number dc voltage rated current current range (max.) rated power output power (max.) voltage adj. range note.6 line regulation load regulation setup, rise time hold up time (typ.) ripple & noise (max.) note.2 voltage tolerance note.3 emc immunity emc emission
mechanical specification 5-m3 l=3mm terminal pin no. assignment : pin no. pin no. 1 4,5 3 svr1: v1(+3.8v)adj. svr2: v2(+2.8v)adj. 2 6,7 assignment assignment ac/l v2(+2.8v) fg ac/n v1(+3.8v) com 8,9,10,11 ambient temperature ( ) load (%) -30 0 10 20 30 40 50 60 70 (horizontal) pfc fosc : 65khz pwm fosc : 80khz derating curve output derating vs input voltage input voltage (v) 60hz 90 95 100 115 130 145 165 185 205 225 245 264 100 90 80 70 60 50 40 load(%) block diagram 20 40 50 60 80 100 o.l.p. o.t.p. emi inrush active filter current limiting rectifiers & pfc i/p fg pwm pfc circuit detection power switching filter & rectifiers +v1 control control o.v.p. com +v2 filter & rectifiers circuit control detection pwm o.l.p. o.v.p. fan fan control on/off svr2 36 file name:HDP-240-spec 2011-12-28 h d p - 2 4 0 case no.206a unit:mm 240w dual output with pfc function 16max. 32.5 150 215 4-m4 l=5mm 1 2 3 4 5 6 7 8 9 10 11 15 15.85 svr1 led 24 direction air flow 32.5 150 33.5 115 108 44.75 34.4 32.5 10 50 95 97.5 204.5 215 4-m4 l=5mm 47.45 12.5 135 8.3 9.5 3.5 16


▲Up To Search▲   

 
Price & Availability of HDP-240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X