Part Number Hot Search : 
2SK2672 MC3346 78L08 R16V2 MSZ52 4004AT 2N5301 321EJ1V
Product Description
Full Text Search
 

To Download GTL-2691 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GTL-2691 version: 1 modules are to be ordered separately. 20 ge + 4 ge combo sfp + 2 10g slots l3 managed stackable switch the levelone gel-2691 is a layer 3 managed switch with 24 x 1000base-t ports associated with 4 x gigabit sfp (small form factor pluggable) slots + 2 optional 10 gigabit ethernet slots for sfp/xfp. this switch is also 19-inch rack-mountable and 1 x redundant power supply connector, which provides convenient and flexible installation. the switch provides a flexible, web-based management interface snmp for both ipv4 and ipv6 as well as layer 3 management features. despite its affordable pricing, the gel-2691 is equipped with many advanced features such as unicast routes, multicast routing igmp v1/v2/v3, igmp v3 proxy, ip vlans, vlan trunk, ieee 802.1d/w/s spanning tree, access control list (acl) of up to 512 entries for easy network security, link aggregation control (lacp), ieee 802.1p qos with 8 priority queues much more. an ideal network solution for workgroups and edge deployments, or anyone looking for an affordable and efficient way to expand their network. key features - 24 gigabit ethernet ports with 4 shared sfp slots and 2 10g slots - multicast routing igmp v1/v2/v3, mld www.level1.com page 1 of 6
- supports dhcp relay features under layer 3 protocol - supports access control list (acl) authentication of up to 256 entries and port-level security with ieee802.1x - ieee 802.1d/w/s spanning tree protocol (mstp) and port mirroring - ieee 802.3ad lacp for auto port aggregation - ieee 802.1p qos with 8 priority queues - supports ipv4/ipv6 network operation - provides qos control based on ip dscp for advanced traffic prioritization and bandwidth management specifications system specifications buffer memory (kb): 2048kb connectors and cabling: 20 x 10/100/1000base-t rj-45 ports 4 x combination (rj-45/sfp) gigabit ethernet ports 2 x 10gbase extender module slots for sfp/xfp transceivers 2 x slots for stacking transceivers 1 x rj-45 console port 1 x redundant power supply connector indicator: port, uplink, system, diagnostic transmission method: store-and-forward power: power consumption: - 49.6 watts (without expansion sfp/xfp modules) - 63.96 watts (with two expansion sfp/xfp modules) power input: 100-240v ac, 47-63hz standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3ae 10 gigabit ethernet ieee 802.1ab station and media access control connectivity discovery (lldp) ieee 802.1p quality of service (qos) ieee 802.1q virtual lans (vlans) ieee 802.1d mac bridges ieee 802.1s multiple spanning tree protocol (mstp) ieee 802.1d standard spanning tree protocol (stp) ieee802.1v vlan classification by protocol and port ieee 802.1w rapid spanning tree protocol (rstp) ieee 802.1x port-based network access control (pnac) ieee 802.3x flow control (full-duplex flow control) ieee 802.3ad link aggregation control protocol (lacp) features general: quality of service(qos): - priority queues: 8 hardware queues per port - traffic classification based on ieee 802.1p cos, ip precedence, dscp, tcp/udp port number, access control list, marking diffserv www.level1.com page 2 of 6
- supports wrr and strict priority - port rate limiting ieee 802.1d/w/s spanning tree with loopback detection, auto edge port & bpdu filter/guard vlan: - ip subnet based vlan, private vlan isolated, private vlan - gvrp/garp, 802.1v vlan classification by protocol and port - voice vlan, vlan translation, ipv6 vlans, vlan trunking ipv6: - ipv4/ipv6 dual protocol stack, ipv6 address types (unicast, multicast) - icmpv6, icmpv6 redirect, ipv6 path mtu discovery, ipv6 neighbor discovery - snmp over ipv6, http over ipv6, ssh over ipv6, ipv6 telnet, ipv6 dns resolver - ipv6 syslog, ipv6 sntp, ipv6 tftp, remote ipv6 ping, ping over ipv6 - trace route over ipv6, ipv6 dhcp relay, sflow over ipv6, ipv6 acl - ipv6 diffserv, pim-dmv6, pim-smv6 igmp snooping v1/v2/v3, select q-in-q, port mirroring security: port security: - ip source guard, supports ieee 802.1x port-based and mac-based access control - ip filter configuration for management interface (snmp, telnet, web) - radius authentication, access control list, ssh v2, https/ssl, mac filter - dynamic arp inspection, link detection management: cli via console port or telnet, web management, snmp v1/v2c/v3 supports rmon (groups 1, 2, 3 and 9), supports bootp, dhcp for ip address assignment dhcp snooping, dhcp option (66, 67), sntp, event/error log, system log cable diagnostics, atc traffic control, delay reload, sflow, cpu process utilization cable diagnostic, ip clustering l3: host table: 8k route table: 8k static route table: 512 multicast table: 1k unicast routing: - static unicast routes - rip v1/v2 - ospf - bgp multicast routing: - pim-dm - pim-sm - igmp v1/v2/v3 - igmp v3 proxy ip redundancy, proxy arp, udp helper ease of use: firmware and configuration: - dual firmware images - firmware upgrade via tftp/ftp/xmodem - multiple configuration files - configuration file upload/download via tftp/ftp server performance www.level1.com page 3 of 6
backplane (gbps): switching capacity: 128 gbps forwarding rate: 95.2 mpps mac address table: 16k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps jumbo frame (k): 9k environment temperature (c): operating: 0c ~ 50c storage: -40c ~ 70c humidity (non-condensing): operating: 5 ~ 95% physical specifications dimensions (w x d x h mm): 440 x 415 x 44 mm weight (g): 5700g others approval and compliance: fcc part 15 class a, ce deployment: 19-inch rack-mountable order information GTL-2691 optional accessory mdu-0163 10g sfp-plus module rps-04a2 redundant power supply unit, 4 supplies of 150w www.level1.com page 4 of 6
acp-13k2 130cm stacking cable acp-03k2 30cm stacking cable mdu-0162 10ge xfp module l3c-0030 30cm stacking cable l3c-0130 130cm stacking cable no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of GTL-2691

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X