Part Number Hot Search : 
D883B TW0185A 204C56AD 204C56AD 5865B 13080 RT334048 04006GOF
Product Description
Full Text Search
 

To Download GRS-625PF-CH-122-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 [25.4 mm] hex typ 3/4 [19.1 mm] hex 0.34 [8.6 mm] 5/8-24 thd 3/4 [19.1 mm] hex 5/8-24 thd accepts center conductors of 0.151 [3.8 mm] max 5.18 [131.6 mm] 0.122 [3.1 mm] dia. pin 2.31 [58.8 mm] 1/2 [12.7 mm] center conductor cutting guide trim trim 1/2 [12.7 mm] center conductor cutting guide typ corning gilbert broadband products tel: 800 528 5567 / 623 245 1050 ? fax: 800 344 6358 / 623 939 3538 55 1 1/4 [31.8 mm] hex 1 1/8 [28.6 mm] hex 1 1/8 [28.6 mm] hex 1 1/4 [31.8 mm] hex 2.31 [58.8 mm] .122 [3.1 mm] dia. pin 5/8-24 "ks" interface center conductor cutting guide power connectors cable type part number commscope 50 ohm grs-625/50-ch-122-t times fiber 50 ohm grs-625/50-ch-122-t commscope power feeder? grs-625/pf-ch-122-t times fiber p-22 grs-625/pf-ch-122-t times fiber p-20 grs-625/20-ch-122-t stripping/coring tool cable type g-sct-625/50 g-jcs-625 g-sct-625/50 g-jcs-625 g-sct-625/pf g-jcs-625 g-sct-625/pf g-jcs-625 g-sct-625/p20 g-jcs-625 pin connector features: ? power rating 25 (amps continuous) @ 10 c rise. ? ac operating voltage 90 vac 1 to 60 hz. ? above products also available with .067" pin. contact corning gilbert technical support team for information. 1-1/8 [28.6 mm] hex typ center conductor cutting guide 1-1/4 [31.8 mm] hex typ cable type part number commscope 50 ohm grs-625/50-sp times fiber 50 ohm grs-625/50-sp commscope power feeder grs-625/pf-sp times fiber p-22 grs-625/pf-sp times fiber p-20 grs-625/20-sp power connector recommended tools cable type g-sct-625/50 g-jcs-625 g-sct-625/50 g-jcs-625 g-sct-625/pf g-jcs-625 g-sct-625/pf g-jcs-625 g-sct-625/p20 g-jcs-625 splice connector 5/8-24 thd 3/4 [19.1 mm] hex 1 [25.4 mm] hex 1.0 [25.4 mm] 0.34 [8.6 mm] 5/8-24 thd accepts center conductors of 0.151 [3.8 mm ] max 0.122" [3.1 mm] dia. pin 2.31 [58.8 mm] trim 1/2 [12.7 mm] center conductor cutting guide part number gp-90-pwr-t features: ? power rating 25 (amps continuous) @ 10 c rise. ? ac operating voltage 90 vac 1 to 60 hz. 90 o power adapter part number gp-pa-pwr-t features: ? power rating 25 (amps continuous) @ 10 c rise. ? ac operating voltage 90 vac 1 to 60 hz. 180 o power adapter warning and disclaimer: use of these power products may result in injury or death. because the application and the circumstances concerning the use of this product are beyond the control of corning gilbert inc., the user assumes all risks associated with the product. corning gilbert hereby disclaims any liability whatsoever for injury or death caused by the use or misuse of this product. features: ? power rating 25 (amps continuous) @ 10 c rise. ? ac operating voltage 90 vac 1 to 60 hz.


▲Up To Search▲   

 
Price & Availability of GRS-625PF-CH-122-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X