75 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. (*excludes shock and vibration) 2 an internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open. note: a 0.01f bypass capacitor should be placed between v dd (pin 6) and gnd (pin 3) to minimize power supply line noise. drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. output (pin 4) active active high z ? enable / disable function 3 (pin 1) open '1' level v ih 70% v dd '0' level v il 30% v dd output (pin 5) active active high z all dimensions are in millimeters. fea tures ? 3.3v operation ? lv-pecl output ? complementary outputs ? standby function ? tape and reel (2,000 pcs. std) options ? 2.5v version - xpresso ? equivalent fxo-pc72 ? pin 2 e/d (a series) l v-pe cl 7x5mm 3.3v oscillator rev. 1/22/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm f4600 series frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm* 25ppm* 20ppm* operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 40.000 ~ 280.000 40.000 ~ 280.000 40.000 ~ 280.000 40.000 ~ 280.000 40.000 ~ 280.000 40.000 ~ 170.000 40.000 ~ 170.000 f4600 f4600r f4605 f4605r f4606 f4606r f4608 model number part number 535-frequency-xxxxx 536-frequency-xxxxx 537-frequency-xxxxx 538-frequency-xxxxx 539-frequency-xxxxx 540-frequency-xxxxx 541-frequency-xxxxx ? par t number selection learn more - internet required 40.000 ~ 280.000 mhz -55oc ~ +125oc 3.3v 5% 88ma 45% ~ 55% 40% ~ 60% 1ns 1ns 1.7v 2.2v min 30a see recommended circuit 10ms 100ns 10ms 0.3ps typ. 2.5ps typ. 20ps typ. parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) output symmetry (50% vp-p level) 40.000 mhz ~ 170.000 mhz 170.000* mhz ~ 280.000 mhz rise time (t r ) (20% ~ 80% vp-p) fall time (t f )(80% ~ 20% vp-p) output voltage (v ol ) (v oh ) standby current output load start-up time (t s ) output disable time 2 output enable time 2 jitter 12khz ~ 20mhz rms period cycle-to-cycle ? electrical characteristics max (unless otherwise noted) page 1 of 2 xpresso ? equivalent fxo-pc73 why xpresso? lower cost, faster delivery, low jitter!
fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed l v-pe cl 7x5mm 3.3v oscillator rev. 1/22/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm f4600 series page 2 of 2 ? t ape specifica tions (millimeters) model f4600 series a ? 1.5 b 4.0 c 8.0 d 7.5 e 16.0 f 2.15 std reel qty 2,000 ? reel specifica tions (millimeters) g 2.0 h ? 13 i ? 21 j ? 80 k ? 255 l 17.5 m 2.0 model f4600 series
|