Part Number Hot Search : 
IDT54 MODEL78 DTC123 PQG20 HD74AL KV2302A GV860 PS235
Product Description
Full Text Search
 

To Download EVQP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  light touch switches/EVQP4 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es110 ? 1 e 2 v 3 q 45 6 7 8 9 p 4 product code type height push plate color features external dimensions : 6.2 mm  2.55 mm (excluding the push plate), height 3.5 mm (EVQP4 type : printed circuit board being as low as 1.35 mm) side-operational middle stroke type ( 0.7 mm ) with a high operating force (5.0 n) improved soldering strength in the operating direction when mounted on pc board edge speci? cations recommended ap pli ca tions operation switches for portable electronic equipment (mobile phones, digital still cameras, camcorders portable audio players, etc.) keyless entry (car electronics) car audio equipment explanation of part numbers 6.2 mm  2.5 mm side-operati onal edge mount light touc h switch es type: EVQP4 travel type middle push travel short push travel type sn ap action / push-on type spst electrical rating 10 a 2 vdc to 20 ma 15 vdc (resi stive load) contact re sistance 100 m  max. insulation resistance 100 m  min. (at 100 vdc) dielectric with stand ing voltage 250 va c (1 minute) bouncing 10 ms max. (on, off) mechanical operatin g force 2.5 n, 3. 5 n, 5.0 n 1.0 n, 1.6 n, 2.4 n, 3.5 n travel 0.70 mm 0 .2 mm 0. 25 mm ?0.15 mm push strength 50 n (1 minute) endurance ope rating life 2. 5 n: 1 000000 cycles min. 3. 5 n: 5 00000 cycles min. 5. 0 n: 2 00000 cycles min. 1. 0 n, 1. 6 n: 1 000000 cycles min. 2. 4 n: 5 00000 cycles min. 3. 5 n: 2 00000 cycles min. operating temp erature ?40 c to +85 c storage tem per a ture ?40 c to +85 c (bulk) ?20 c to +60 c (taping) minimum quantity/packing un it 2500 pcs. embossed taping (reel pack) quantity/carton 12500 pcs. +0.05 oct. 2012 00 free datasheet http:///
light touch switches/EVQP4 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es111 ? 3.4 +0.2 2.5 +0.2 _ 0.1 1.8 1 2 p.w.b. 0.3 max. 3.1 0.1 6.0 0.1 7.0 0.1 5.8 0.1 0.45 0.1 1.65 0.1 1.25 0.1 0.05 max. r0.5 max. 2.05 0.1 0.3 max. 0.1 max. 3.1 0.1 3.5 +0.2 _ 0.1 0.4 0.2 ? 1.35 0.1 4.8 0.1 2.7 0.1 2.55 5.7 0.1 6.2 +0.4 _ 0 _ 0.1 1 2 circuit diagram pwb land pattern for reference 5.1 +0.1 _ 0 6.2 +0.4 _ 0 5.7 0.1 2.1 +0.2 _ 0.1 2.55 2.7 0.1 3.0 +0.2 _ 0.1 2 4.8 0.1 2.6 1.6 ? 1.35 0.1 0.4 0.2 3.5 +0.2 _ 0.1 3.1 0.1 0.1 max. 0.3 max. 2.05 0.1 r0.5 max. 0.05 max. 1.25 0.1 1.65 0.1 0.45 0.1 5.8 0.1 7.0 0.1 6.0 0.1 3.1 0.1 0.3 max. p.w.b. 1 2 circuit diagram pwb land pattern for reference 1 2 5.1 +0.1 _ 0 dimensions in mm (not to scale) no. 1 part numb ers operating force height push plate color operating life ev qp 4h b3 b2 .5 n3 .5 mm bl ue 1 000000 cycles ev qp 4k b3 q3 .5 n3 .5 mm gr ey 5 00000 cycles ev qp 4m b3 k5 .0 n3 .5 mm bl ac k2 00000 cycles part numb ers operating force height push plate color operating life EVQP40b3m 1.0 n 3.5 mm natural 1 000000 cycles ev qp 42 b3 m1 .6 n3 .5 mm na tu ra l1 000000 cycles ev qp 44 b3 m2 .4 n3 .5 mm na tu ra l5 00000 cycles EVQP46b3m 3.5 n 3.5 mm natural 2 00000 cycles no. 2 EVQP4 middle push travel EVQP4 short push travel ? height from surfac e of pcb : 1.35 mm ? height from surfac e of pcb : 1.35 mm oct. 2012 00 free datasheet http:///
light touch switches/EVQP4 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es112 ? p 2 p 0 p 1 t 2 t 1 d 0 a b feeding hole chip component tape running direction chip pocket f w e tape width=12.0 mm t w a b e c d r t 180 260 max. 150 230 90 30 40 10 (normal temp.) operation top ( c) soldering time (s) fan or normal temp. recommended re? ow soldering conditions embossed carrier tap ing standard reel dimensions in mm (not to scale) unit: mm part no. height abwfep 1 p 2 p 0 d 0 dia. t 1 t 2 ev qp 43 .5 6. 5 0. 23 .9 0 .2 12.00.3 5.50.1 1.750.10 8.00.1 2.00.1 4.00.1 1.5 +0.1 0.4 0.1 3.750.20 ?0 item a b c d e rate (mm) 370.02.0 5 0.0 min. 13.00.5 21.01 .0 2.00.5 item w t t r rate (mm) 14.01.5 ? 1 .0 to 3.0 1.00.5 oct. 2012 00 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of EVQP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X