Part Number Hot Search : 
2121A4 OV7635 CYW4329 3RS207QA LBN14081 PT2222 AD9853 MK5373
Product Description
Full Text Search
 

To Download DR354-0-102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 24, 2009 datatronic : 28151 highway 74, romoland, ca 92585 tel: 951-928-7700 fax: 951-928-7701 email: ddisales@datatronics.com 499 king?s road, hong kongtel: (852) 2562 3858, (852) 2564 8477 fax: (852) 2565 7214, (852) 2563 1290 all specifications are subject to change without notice. page 1 of 2 smd inductor dr354-0 series features ? smd 0402 chip inductor, low profile ? suitable for high frequency application ? inductance range from 1.0nh to 68nh ? operating temp. -40c to +125c ? tinned leads with leaded solder is available (note 4) electrical specifications at 25oc 900mhz 1.7ghz part number l(nh) @250mhz tolerance q min. l typ. q typ. l typ. q typ. srf (ghz) min. dcr (ohm) max. idc (ma) max. DR354-0-102 1.0 s 16 1.07 77 1.02 69 7.0 0.054 1360 dr354-0-202 2.0 s 16 1.93 54 1.93 75 7.0 0.084 1040 dr354-0-222 2.2 s 19 2.19 59 2.23 100 7.0 0.084 960 dr354-0-272 2.7 s 19 2.94 50 2.96 75 7.0 0.095 840 dr354-0-332 3.3 s 19 3.10 65 3.12 87 7.0 0.079 840 dr354-0-392 3.9 s 19 3.56 45 3.62 71 6.0 0.079 840 dr354-0-522-t 5.2 j,k 20 5.15 56 5.25 82 4.7 0.120 640 dr354-0-562-t 5.6 j,k 20 5.16 54 5.28 81 4.8 0.099 760 dr354-0-682-t 6.8 j,k 20 6.56 63 6.93 78 4.8 0.099 680 dr354-0-822-t 8.2 j,k 21 8.50 57 8.85 84 4.4 0.136 680 dr354-0-103-t 10 g,j,k 21 9.80 50 10.10 67 3.9 0.240 480 dr354-0-123-t 12 g,j,k 24 11.9 53 12.70 71 3.6 0.168 640 dr354-0-153-t 15 g,j,k 24 14.6 55 15.50 77 3.3 0.204 560 dr354-0-183-t 18 g,j,k 24 18.3 57 20.28 62 3.1 0.276 420 dr354-0-223-t 22 g,j,k 24 23.2 53 26.75 53 2.8 0.360 400 dr354-0-273-t 27 g,j,k 24 28.7 49 33.50 63 2.5 0.360 400 dr354-0-333-t 33 g,j,k 24 34.9 31 41.74 32 2.4 0.450 400 dr354-0-393-t 39 g,j,k 25 41.7 47 50.23 45 2.1 0.660 200 dr354-0-433-t 43 g,j,k 25 45.8 46 61.55 34 2.0 0.744 175 dr354-0-473-t 47 g,j,k 20 50.0 38 - - 2.1 0.792 175 dr354-0-563-t 56 g,j,k 22 62.8 42 - - 1.8 0.780 175 dr354-0-683-t 68 g,j,k 22 78.19 36 - - 1.6 0.912 150 inductance tolerance: when ordering, please specify the tolerance. t (k=10%, j=5%, g=2%, s=0.3nh)
august 24, 2009 datatronic : 28151 highway 74, romoland, ca 92585 tel: 951-928-7700 fax: 951-928-7701 email: ddisales@datatronics.com 499 king?s road, hong kongtel: (852) 2562 3858, (852) 2564 8477 fax: (852) 2565 7214, (852) 2563 1290 all specifications are subject to change without notice page 2 0f 2 1.19 max .64 max .66 max .25 .51 .23 2x .56 .66 2x .46 .36 2x mechanical outlines notes : 1. all dimensions are shown in millimeter ?mm? 2. general tolerance ? 0.3mm, unless other specified 3. tape and reel quantity, 8000 pcs/reel 4. for non-rohs parts replace dr prefix with 42- (e.g. dr354-0 becomes 42-354-0) 5. terminal finish is compliant to rohs requirements . solder in accordance with j-std-020d schematic suggested pad layout


▲Up To Search▲   

 
Price & Availability of DR354-0-102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X