Part Number Hot Search : 
LA6544H 1N5346B MMBT2222 V103MD 91031 MMBT2222 SMCJ11CA 91031
Product Description
Full Text Search
 

To Download D1414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2sD1414 description with to-220fa package high dc current gain low saturation voltage complement to type 2sb1024 darlington applications power amplifier and switching applications hammer drive,pulse motor drive applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 100 v v ceo collector -emitter voltage open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 4 a i b base current 0.5 a p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol free datasheet http://www..net/
savantic semiconductor product specification 2 silicon npn power transistors 2sD1414 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 80 v v cesat collector-emitter saturation voltage i c =3a ;i b =6ma 1.5 v v besat base-emitter saturation voltage i c =3a ;i b =6ma 2.0 v i cbo collector cut-off current v cb =100v; i e =0 20 a i ebo emitter cut-off current v eb =5v; i c =0 2.5 ma h fe-1 dc current gain i c =1a ; v ce =2v 2000 h fe-2 dc current gain i c =3a ; v ce =2v 1000 switching times t on turn-on time 0.2 s t stg storage time 1.5 s t f fall time i b1 =-i b2 =6ma v cc =30v ,r l =10 ? 0.6 s free datasheet http://www..net/
savantic semiconductor product specification 3 silicon npn power transistors 2sD1414 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm) free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of D1414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X