Part Number Hot Search : 
QPF8N60C AN6096 BA6893AK LQ057 S355C 2SC43 ELM307SM LB5410
Product Description
Full Text Search
 

To Download D10040200GTH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 1 of 4 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . rf mems D10040200GTH 40-1000mhz gaas power doubler hybrid the D10040200GTH is a hybrid power doubler amplifier module. the part employs gaas die and is operated from 40mhz to 1000mhz. it pro- vides excellent linearity and superior return loss performance with low noise and optimal reliability. output input +vb ? excellent linearity ? superior return loss perfor- mance ? extremely low distortion ? optimal reliability ? low noise ? unconditionally stable under all terminations ? 20.0db min. gain at 1ghz ? 440ma max. at 24vdc applications ? 40mhz to 1000mhz catv amplifier systems document revision level b 9 package: sot-115j d10040200g th 40- 1000mhz gaas power doubler hybrid parameter specification unit condition min. typ. max. overall v b = 24v; t mb =30c; z s =z l =75 power gain 19.5 20.0 20.5 db f=50mhz 20.0 21.5 22 db f=1000mhz slope [1] 1.0 1.5 2.0 db f=40mhz to 1000mhz flatness of frequency response 0.8 db f=40mhz to 1000mhz (peak to valley) input return loss 20.0 db f=40mhz to 320mhz 19.0 db f=320mhz to 640mhz 17.0 db f=640mhz to 870mhz 16.0 db f = 870 mhz to 1000 mhz output return loss 20.0 db f=40mhz to 320mhz 19.0 db f=320mhz to 640mhz 18.0 db f=640mhz to 870mhz 17.0 db f=870mhz to 1000mhz noise figure 5.5 6.5 db f=50mhz to 1000mhz total current consumption (dc) 420.0 440.0 ma 1. the slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2 of 4 document revision level b 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . D10040200GTH absolute maximum ratings parameter rating unit rf input voltage (single tone) 75 dbmv dc supply over-voltage (5 minutes) 30 v storage temperature -40 to +100 c operating mounting base tempera- ture -30 to +100 c parameter specification unit condition min. typ. max. distortion data 40mhz to 550mhz v b = 24v; t mb =30c; z s =z l =75 ctb -65 -63 dbc 79 ch 7db tilted; v o =52dbmvat 550mhz [2] xmod -62 -60 dbc 79 ch 7db tilted; v o =52dbmvat 550mhz [2] cso -67 -65 dbc 79 ch 7db tilted; v o =52dbmvat 550mhz [2] 2. 79 channels, ntsc frequency raster: 55.25mhz to 547.25mhz, +45dbmv to +52dbmv tilted output level. composite second order (cso) - the cso parameter (both sum and difference products) is defined by the ncta. composite triple beat (ctb) - the ctb parameter is defined by the ncta. cross modulation (xmod) - cross modulation (xmod) is measured at baseband (selective voltmeter me thod), referenced to 100% modu lation of the car- rier being tested. caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. extended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. rohs status based on eudirective2002/95/ec (at time of this document revision). the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice.
3 of 4 document revision level b 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . D10040200GTH 123 5 78 9 r o q m 510mm 0 scale b n l f a d h ? g t s p j u i e c k 123456789 input gnd gnd +vb gnd gnd output pinning: min ma x a 44,4 44,8 b 13,4 13,8 c 19,9 20,9 d 7,85 8,15 e12,4512,75 f 37,9 38,3 g3,954,2 h3,84,2 i 25,2 25,6 j-- k4,04,4 l 27,0 27,4 m 11,1 12,1 n5,46,2 o 0,23 0,27 p 0,42 0,48 q 2,24 2,84 r 2,04 3,04 s 2,29 2,79 t 4,83 5,33 u 4,83 5,33 nominal 44,6 0,2 13,6 0,2 20,4 0,5 8 0,15 12,6 0,15 38,1 0,2 4 0,2 25,4 0,2 4 +0,2 / -0,05 unc 6- 32 4,2 0,2 27,2 0,2 11,6 0,5 5,8 0,4 0,25 0,02 0,45 0,03 2,54 0,3 2,54 0,5 2,54 0,25 5,08 0,25 5,08 0,25 all dimensions in mm: european projection notes:
4 of 4 document revision level b 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . D10040200GTH


▲Up To Search▲   

 
Price & Availability of D10040200GTH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X