statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com s y s t e m c e r t i f i c a t i o n i s o 9 0 0 1 10116 rev g CXOM oscillator 200 khz to 200 mhz low profile miniature surface mount crystal oscillator gm 4.19m a top bottom 23 14 bc d d e typical maximum dim inches mm inches mm a0.2566.500.2636.68 b0.1975.000.2045.18 c (sm1) 0.051 1.30 0.055 1.40 c (sm3/sm5) 0.055 1.40 0.063 1.60 d0.0551.400.0651.65 e0.0601.520.0701.78 pin connections 1. enable/disable (e or t) or not connected (n) 2. ground 3. output 4. v dd suggested land pattern dimensions 0.067 (1.70) 0.070 (1.78) 0.065 (1.65) 0.136 (3.45) grid placement courtyard 0. 13 7 ( 3 .4 8 ) 0.201 (5.11) i n c h e s ( m m ) description statek s surface-mount CXOM oscillators consist of a statek miniature quartz crystal and a cmos/ttl compatible hybrid circuit in a low-profile ceramic package with an extremely small footprint. features designed for surface mount applications using infrared, vapor phase, or epoxy mount techniques cmos and ttl compatible low power consumption optional output enable/disable with tri-state low emi emission high shock resistance full military testing available hermetically sealed ceramic package applications military & aerospace smart munitions cockpit systems navigation industrial, computer & communications industrial controls instrumentation microprocessor clocks medical infusion pumps
statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com s y s t e m c e r t i f i c a t i o n i s o 9 0 0 1 10116 rev g specifications specifications are typical at 25 o c unless otherwise noted. specifications are subject to change without notice. tighter specifications available. please contact factory. supply voltages 1 0.9 v to 5.0 v ?10% frequency range 2 200 khz to 200 mhz calibration tolerance 3 ?100 ppm frequency stab ility 50 ppm for commercial over temperature 4 ?100 ppm for industrial ?100 ppm for military supply current (typical) 10 mhz 4 ma 24 mhz 8 ma 30 mhz 10 ma 40 mhz 12 ma 50 mhz 14 ma output load (cmos) 5 15 pf start-up time 5 ms max rise/fall time 6 ns max duty cycle 40% min, 60% max aging, first year 10 ppm max shock, survival 6 3,000 g, 0.3 ms, 1 / 2 sine vibration, survival 7 20 g, 10-2,000 hz swept sine operating temp ranges -10 o c to +70 o c (commercial) -40 o c to +85 o c (industrial) -55 o c to +125 o c (military) 1. voltages available: 0.9 v, 1.8 v, 2.5 v, 3.0 v, 3.3 v, 5.0 v. for 3.3 v, see the cxo3m data sheet (10126). for others, contact factory. 2. maximum available frequency for the 5v version of this oscillator is 160 mhz. contact factory 3. other tolerances available. 4. does not include calibration tolerance. other tolerances available. 5. higher cmos loads and ttl loads available. contact factory. 6. higher shock version available. contact factory about CXOMhg. 7. per mil-std-202g, method 204d, condition d. random vibration testing also available. note: all parameters are measured at ambient temperature with a 10 m , 15 pf load. how to order CXOM surface mount crystal oscillators ??if special or custom design, or if the operating voltage is other than 5.0 v; otherwise leave blank. frequency k = khz m = mhz enable/disable option e, t*, or n terminations blank = sm1 =gold plated sm3 = solder dipped sm5 = solder dipped (lead free) //200/ i temp. range: c=-10 o c to +70 o c i =-40 o c to +85 o c m=-55 o c to +125 o c s=customer specified total frequency tolerance (in ppm) temp. range: c=-10 o c to +70 o c i =-40 o c to +85 o c m=-55 o c to +125 o c s=customer specified frequency stability over temp.range (in ppm) calibration tolerance @ 25 0 c (in ppm) or absolute maximum ratings supply voltage v dd -0.5 v to 7.0 v* storage temperature -55 o c to +125 o c maximum process temperature 260 o c for 20 seconds *the supply voltage range is -0.5 v to +4.0 v for some products. contact factory. packaging options CXOM - tray pack - 16mm tape, 7? or 13? reels per eia 418 (see tape and reel data sheet 10109) et when enabled (pin 1 is high*) output freq. output freq. output oscillator oscillates oscillates current consumption normal normal when disabled (pin 1 is low) output high z state high z state oscillator stops oscillates current consumption very low lower than normal when re-enabled (pin 1 changes from low to high) output recovery delayed immediate enable/disable options (e/t/n) statek offers three enable/disable options: e, t, and n. both the e-version and t-version have tri-state outputs and differ in whether the oscillator continues to run internally when the output is put into the high z state: it stops in the e-version and continues to run in the t-version. so, the e- version offers very low current consumption when the oscillator is disabled and the t-version offers very fast output recovery when the oscillator is re-enabled. the n-version does not have pin 1 connected internally and so has no enable/disable capability. the following table summarizes the three options. * when pin 1 is allowed to float, it is held high by an internal pull-up resistor. comparison of enable/disable options e and t CXOM s n sm3 32.0m , 100 / 100 / / i *the t-version is not available in all frequencies and voltages. contact factory.
|