Part Number Hot Search : 
H100T3G 74LVC 74HC423 XP0053A 2SA132 3200A NTE244 RFU37
Product Description
Full Text Search
 

To Download C4D20120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 d a t a s h e e t : c 4 d 2 0 1 2 0 a r e v . b C4D20120A Csilicon carbide schottky diode z -r ec ? r ectifier v rrm = 1200 v i f = 20 a q c =130 nc features ? 1.2kv schottky rectifer ? zero reverse recovery current ? high-frequency operation ? temperature-independent switching ? extremely fast swtitching benefts ? replace bipolar with unipolar rectifers ? essentially no switching losses ? higher effciency ? reduction of heat sink requirements ? parallel devices without thermal runaway applications ? switch mode power supplies ? power factor correction ? motor drives package to-220-2 maximum ratings (t c =25c unless otherwise specifed) symbol parameter value unit test conditions note v rrm repetitive peak reverse voltage 1200 v v rsm surge peak reverse voltage 1300 v v r dc peak reverse voltage 1200 v i f(avg) maximum dc current 27 a t c =135?c, no ac component i frm repetitive peak forward surge current 91 61 a t c =25?c, t p =10 ms, half sine pulse t c =110?c, t p =10 ms, half sine pulse i fsm non-repetitive forward surge current 130 110 a t c =25?c, t p =10 ms, half sine pulse t c =110?c, t p =10 ms, half sine pulse p tot power dissipation 242 104 w t c =25?c t c =110?c t c maximum case temperature 135 ?c t j operating junction range -55 to +175 ?c t stg storage temperature range -55 to +135 ?c to-220 mounting torque 1 8.8 nm lbf-in m3 screw 6-32 screw part number package marking C4D20120A to-220-2 c4d20120 pin 1 pin 2 case subject to change without notice. www.cree.com/power free datasheet http://www.ndatasheet.com
2 C4D20120A rev. b electrical characteristics symbol parameter typ. max. unit test conditions note v f forward voltage 1.5 2.2 1.8 3 v i f = 20 a t j =25c i f = 20 a t j =175c i r reverse current 35 65 200 400 a v r = 1200 v t j =25c v r = 1200 v t j =175c q c total capacitive charge 130 nc v r = 1200 v, i f = 20a d i /d t = 200 a/s t j = 25c c total capacitance 1500 93 67 pf v r = 0 v, t j = 25c, f = 1 mhz v r = 400 v, t j = 25?c, f = 1 mhz v r = 800 v, t j = 25?c, f = 1 mhz note: 1. this is a majority carrier diode, so there is no reverse recovery charge. thermal characteristics symbol parameter typ. max. unit test conditions note r jc thermal resistance from junction to case 0.62 c/w typical performance figure 1. forward characteristics 0 5 10 15 20 25 30 35 40 0 1 2 3 4 figure 2. reverse characteristics 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 500 1000 1500 t j =-55c t j = 25c t j = 75c t j =125c t j =175c t j =-55c t j = 25c t j = 75c t j =125c t j =175c i f (a) v f (v) v r (v) i r (ma) free datasheet http://www.ndatasheet.com
3 C4D20120A rev. b 0 20 40 60 80 100 120 140 0 200 400 600 800 1000 1200 0 20 40 60 80 100 120 140 25 50 75 100 125 150 175 figure 3. current derating figure 4. power derating 0 50 100 150 200 250 25 50 75 100 125 150 175 figure 5. recovery charge vs. reverse voltage figure 6. capacitance vs. reverse voltage typical performance 10% duty 30% duty 50% duty 70% duty dc 0 200 400 600 800 1000 1200 1400 1600 0.1 1 10 100 1000 i f(peak) (a) t c ?c p tot (w) t c ?c c (pf) v r (v) qrr (nc) v r (v) free datasheet http://www.ndatasheet.com
4 C4D20120A rev. b figure 7. transient thermal impedance 0.0001 0.001 0.01 0.1 1 1e - 6 10e - 6 100e - 6 1e - 3 10e - 3 100e - 3 1 10 diode model note: t j = diode junction temperature in degrees celcius v t r t diode model csd04060 vf t = v t + if*r t v t= 0.965 + (t j * - 1.3*10 - 3 ) r t= 0.096 + (t j * 1.0 6 *10 - 3 ) v ft = v t +if*r t v t = 0.97+(t j * -1.40*10 -3 ) r t = 0.023+(t j * 2.71*10 -4 ) thermal resistance (?c/w) t (sec) free datasheet http://www.ndatasheet.com
5 5 C4D20120A rev. b this product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defbrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffc control systems, or weapons systems. copyright ? 2006-2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, and zero recovery are registered trademarks of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5451 www.cree.com/power recommended solder pad layout part number package marking C4D20120A to-220-2 c4d20120 the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu directive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. to-220-2 a c e d g h b j l m n f p q s t u v w x y m i n m a x m i n m a x a . 3 9 5 . 4 1 0 1 0 . 0 3 3 1 0 . 4 1 4 b . 2 3 5 . 2 5 5 5 . 9 6 9 6 . 4 7 7 c . 1 0 2 . 1 1 2 2 . 5 9 1 2 . 8 4 5 d . 3 3 7 . 3 3 7 8 . 5 6 0 8 . 5 6 0 e . 5 9 0 . 6 1 0 1 4 . 9 8 6 1 5 . 4 9 4 f . 1 4 9 . 1 5 3 3 . 7 8 5 3 . 8 8 6 g 1 . 1 2 7 1 . 1 4 7 2 8 . 6 2 6 2 9 . 1 3 4 h . 5 3 0 . 5 5 0 1 3 . 4 6 2 1 3 . 9 7 0 j l . 0 2 8 . 0 3 6 . 7 1 1 . 9 1 4 m . 0 4 5 . 0 5 5 1 . 1 4 3 1 . 3 9 7 n . 1 9 5 . 2 0 5 4 . 9 5 3 5 . 2 0 7 p . 1 7 0 . 1 8 0 4 . 3 1 8 4 . 5 7 2 q . 0 4 8 . 0 5 4 1 . 2 1 9 1 . 3 7 1 s 3 5 3 5 t 3 5 3 5 u 3 5 3 5 v . 1 0 0 . 1 1 0 2 . 5 4 2 . 7 9 4 w . 0 1 4 . 0 2 1 . 3 5 6 . 5 3 3 x 3 5 3 5 y . 3 9 5 . 4 1 0 1 0 . 0 3 3 1 0 . 4 1 4 z . 1 3 0 . 1 5 0 3 . 3 0 2 3 . 8 1 0 i n c h e s m i l l i m e t e r s p o s r 0 . 0 1 0 r 0 . 2 5 4 1 2 z package dimensions package to-220-2 pos inches millimeters min max min max a .381 .410 9.677 10.414 b .235 .255 5.969 6.477 c .100 .120 2.540 3.048 d .223 .337 5.664 8.560 e .590 .615 14.986 15.621 f .143 .153 3.632 3.886 g 1.105 1.147 28.067 29.134 h .500 .550 12.700 13.970 j r 0.197 r 0.197 l .025 .036 .635 .914 m .045 .055 1.143 1.397 n .195 .205 4.953 5.207 p .165 .185 4.191 4.699 q .048 .054 1.219 1.372 s 3 6 3 6 t 3 6 3 6 u 3 6 3 6 v .094 .110 2.388 2.794 w .014 .025 .356 .635 x 3 5.5 3 5.5 y .385 .410 9.779 10.414 z .130 .150 3.302 3.810 note: 1. dimension l, m, w apply for solder dip finish pin 1 pin 2 case free datasheet http://www.ndatasheet.com


▲Up To Search▲   

 
Price & Availability of C4D20120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X