Part Number Hot Search : 
4C10B BU323Z D2014UK C3329 C3329 HD74LS37 DA3674A URF1660
Product Description
Full Text Search
 

To Download BCS-127-L-D-DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54 mm) .100" bcs series bcs?110?l?s?de bcs?112?l?d?pe bcs?108?l?d?he bcs?110?l?s?he bcs?112?l?d?te www.samtec.com entry option row option plat ing op tion ?s = single ?d = double bcs 1 no. pins per row ?f = gold ? ash on contact, matte tin on tail ?l = 10" (0,25 m) gold on contact, matte tin on tail 01 thru 50 (2,79) .110 (5,33) .210 (2,54) .100 (0,51) .020 (0,89) .035 sq typ (0,25) .010 (5,08) .200 (7,62) .300 (3,25) .128 (2,54) .100 (0,25) .010 (3,05) .120 (0,25) .010 (7,87) .310 (8,13) .320 (3,18) .125 (5,72) .225 (3,18) .125 (0,25) .010 (1,78) .070 (4,06) .160 (3,05) .120 (2,54) .100 01 01 02 02 (2,54) .100 x no. of spaces (5,08) .200 (0,89) .035 sq typ (2,54) .100 (7,37) .290 (0,48) .019 (2,54) .100 x no. of positions (2,54) .100 (0,51) .020 note: some lengths, styles and options are non-standard, non-returnable. ?te = top entry ?de = top entry (for bottom entry specify ?de?be) cannot be used with plated through-holes ?he = horizontal entry ?pe = pass through entry (for bottom entry specify ?pe?be) f-213-1 mates with: tsw, mtsw, htsw, hmtsw, tss, zss, dw, ew, zw, hw, tsm, mtlw, pht other option ??xxx? = polarized position (?be not available) horizontal applications bcs tsw for complete speci cations see www.samtec.com?bcs insulator ma te ri al: black liquid crystal polymer contact material: phosphor bronze plating: au or sn over 50? (1,27 ?) ni voltage rating: 475 vac (-te/-de/-pe mated with tsm) 450 vac (-he mated with tsw) operating temp range: -55? to +125? contact re sis tance: 10 m insertion depth: (4,34 mm) .171" to (7,24 mm) .285" from top, (5,64 mm) .222" plus board thickness minimum from bottom. he is (4,34 mm) .171" to (6,35 mm) .250" insertion force: (single contact only) 5 oz (1,39 n) avg. (.025" (0,64 mm) sq pin) withdrawal force: (single contact only) 3 oz (0,83 n) avg. (.025" (0,64 mm) sq pin) rohs compliant: ye s lead?free solderable: ye s specifications tiger claw ? pass-through socket extended life product 10 year mixed flowing gas with 30" gold tm 2,500 cycles when mated with tsm note: other gold plating options available. contact samtec. application tsw bcs ssw current rating (per contact) ambient temp bcs mated with tsw 20c 5.9a 40c 5.2a 60c 4.7a 95c 3a 6 positions (2x3) powered


▲Up To Search▲   

 
Price & Availability of BCS-127-L-D-DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X