Part Number Hot Search : 
TND020 3296Y503 TND020 SST25VF0 XZMR65WA OP470 1EJHS1 TDA5737
Product Description
Full Text Search
 

To Download B040-016-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netcontroller 19" vga console kvm switch - 16 port model number: B040-016-19 description the B040-016-19 netcontroller 16-port console kvm switch is a cost effective and highly flexible system for controlling multiple computers from a single keyboard, monitor and mouse. directly connect up to 16 computers, or increase the number of connected computers to up to 256 by daisychaining up to 15 b042-series kvm switches. switch between connected computers via pushbutton, on screen display (osd), or hotkey commands. connect computers to the kvm using a tripp lite p780-series usb/ps2 combo kvm cable kit. cable kits come with both usb and ps/2 connectors, allowing you to connect to either a usb or ps/2 computer without the need to purchase additional cables or adapters. an additional vga port and usb port are located on the back panel of the unit, allowing for the connection of an external vga monitor and usb keyboard or mouse, or a tripp lite b051-000 ip remote access unit. password feature provides additional security to prevent unauthorized access to connected computers. rackmount hardware is included with the unit, and is designed for easy, one person installation. fits into any rack from 27 to 42 inches deep, and can be installed in a 2-post rack using tripp lite's b019-000 . compatible with all major operating systems. constructed of heavy-duty steel housing. features 1u rackmount console with built-in 16-port kvm switch, 19" lcd, keyboard, and touchpad directly control up to 16 computers, or increase the number of connected computers to up to 256 by daisychaining up to 15 b042-series kvm switches built-in monitor supports video resolutions up to 1366 x 768 use in racks from 27 to 42 inches deep on-screen display (osd) menu for intuitive, easy control of the kvm password protection and auto-log out features firmware upgradeable add ip remote access with a tripp lite b051-000 hot-swappable: disconnect and reconnect usb computers w/o reboot easy port selection via on screen display (osd), pushbutton or hot key commands p780-series usb/ps2 combo kvm cable kits allow you to connect either usb or ps/2 computers, without the need to purchase additional cables or adapters highlights 1u rackmount console with built-in 16-port kvm switch, 19" lcd screen, keyboard and touchpad directly control up to 16 computers, or increase the number of connected computers to up to 256 by daisychaining up to 15 b042-series kvm switches p780-series usb/ps2 combo kvm cables kits allow you to connect either usb or ps/2 computers, without the need to purchase separate cables or adapters compatible with all major operating systems package includes B040-016-19 16-port, 19" console kvm switch 4 ft. hd15 to db9 firmware upgrade cable c13 to 5-15p power cord external vga terminator cd with owner's manual and quick start guide quick start guide 1 / 4
adapters compatible with all major operating systems constructed of heavy-duty steel housing specifications overview # of users 1 console yes port control push buttons, hotkeys, osd max cpu 256 pc/server ps/2 cat5 kvm switch no ip remote access no input electrical consumption (line mode) 30w / (standby mode) 5w physical unit dimensions (hwd/in) 1.75 x 19 x 28 unit dimensions (hwd/cm) 4.445 x 48.26 x 71.12 unit weight (lbs) 34 unit weight (kg) 15.42 color black style 1u rackmount console lcd monitor (in.) 19 lcd monitor (cm) 48.26 environmental btus (line mode) 102 btu/hr / (standby mode) 17.06 btu/hr connections ports 16 computer/server ports (x16) hd15 female daisy-chain port hd15 female firmware upgrade port hd15 male 2 / 4
certifications approvals tuv (ul), ctuv (cul), ce, fcc, nom, rohs warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. p780-006 6-ft. kvm switch usb/ps2 combo cable kit for b040 & b042 series kvms 1 p780-010 10-ft. kvm switch usb/ps2 combo cable kit for b040 & b042 series kvms 1 p780-015 15-ft. kvm switch usb/ps2 combo cable kit for b040 & b042 series kvms 1 optional products model number description qty. b019-000 kvm switch accessories - 2-post rackmount bracket for b020,b021, b040, and b070 consoles and kvm consoles 1 b040-008-19 netcontroller 19" vga console kvm switch - 8 port 1 b042-004 kvm switches- 4-port 1u rackmount usb/ps2 kvm switch with on-screen display 1 b042-008 kvm switch - 8-port 1u rackmount usb/ps2 kvm switch with on-screen display 1 b042-016 kvm switch - 16-port 1u rackmount usb/ps2 kvm switch with on-screen display 1 b051-000 ip remote access unit ( kvm over ip ) 1 b051-000-ac ip remote access unit ( kvm over ip ) with power and serial control 1 p781-006 6-ft. daisychain cable for b040 & b042 series kvms 1 p781-010 10-ft. daisychain cable for b040 & b042 series kvms 1 p781-016 16-ft. daisychain cable for b040 & b042 series kvms 1 wext-kvm-b1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B040-016-19 . 3 / 4
? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B040-016-19


▲Up To Search▲   

 
Price & Availability of B040-016-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X