Part Number Hot Search : 
02A10 2SA1831 3D2R6C ISL6605 74ALS102 S1002 2SA1831 N7040A
Product Description
Full Text Search
 

To Download ASEMB-143181MHZ-X-25-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||| | | | | asemb applications: features: pb rohs compliant 2 3 303 a in r o filac , a t i r a g r a m a t nas o h c n ar , azna r e pse 8 8 629 t e l 949- 546 -800 0 | f a x 949- 546 -8 0 0 1 m o c.no c a r b a . w w w | revised: 12.10.10 visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature 3.5 x 2.5 x 0.85 mm pure silicon tm clock oscillator standard specifications: ? ultra miniature pure silicon tm clock oscillator ? 2nd generation mems technology by discera ? low power consumption <10ma ? exceptional stability over t emp. at 40 to +85c ? a vailable in 30kg shock resistance configuration ? low cost-compact qfn plastic packaging ? compact package design ? a vailable over extended operating t emperature ? a vailable tight stability +/- 5ppm over -40 to +85c ? low jitter ? ccd clock for vtr camera ? equipment connected to pcs ? low profile equipment ? computers and peripherals ? lower cost crystal oscillator replacement ? portable electronics (mp3 players, games) ? consumer electronics such as tv? s, dvr? s, etc. ? v ibrant, shock-prone & humid environments for industrial equipment ? demanding military & automotive electronics deifit r ec abracon is d e ifi t r ec abracon is iso9001:2008 d e ifi t r ec e zis efil asemb common key electrical specifications key electrical specifications C vdd = 1.8v parameters minimum typical maxi mum units notes frequency ra nge: 1.0 ----- 150 mhz oper ating te mp er at ure: 0 ----- +70 c see options c 05 1+ ----- 55 - :eru ta re pm e t eg a r ots overall frequency stabilit y*: -50 ----- +50 ppm see options v 6.3 + ~ 7 . 1+ :)dd v ( eg atlov y lpp u s output load: 15, 25 , or 4 0 pf see options 10 k? dd v2 /1 @ % 55 5 4 :yr t e mm y s s m 0 1 3 :e mit p u t r ats s n 00 1 02 :e mit e l b a s i d disable stand-by current: 1 5 ua t ri -state function (sta nd-by) : "1" (vih 0.75*vdd) or open: oscillation "0" (vil<0.2 5*vdd) : hi z v r a ey t sr i f mpp 0.5 + ----- 0.5 - :g ni g a parameters minimum typical maxi mum units notes suppl y current (no load): 1 .0 to 3 9 . 99 99m hz ----- 5 15 ma cl=0p rl= t=25c (standard cl: 15pf) 4 0 .0 to 79 . 9 999 mhz ----- 6 1 5 ma 80 .0 to 1 2 4.99 99 mhz ----- 7 1 5 ma 1 25.0 to 1 50mhz ----- 8 1 5 ma 1 .0 to 3 9 . 99 99m hz ----- 6 15 ma cl=0p rl= t=25c (cl option: 2 5pf) 4 0 .0 to 79 . 9 999 mhz ----- 7 15 ma 80 .0 to 1 2 4.99 99 mhz ----- 8 15 ma 1 25.0 to 1 50mhz ----- 9 15 ma 1 .0 to 3 9 . 99 99m hz ----- 7 15 ma cl=0p rl= t=25c (cl option: 4 0pf) 4 0 .0 to 79 . 9 999 mhz ----- 8 15 ma 80 .0 to 1 2 4.99 99 mhz ----- 9 15 ma 1 25.0 to 1 50mhz ----- 10 15 ma output volta ge: v o h 0.8*v d d ----- ----- v cl=15, 25, 4 0pf v ol ----- ----- 0.2*v d d v rise ti me: fall tim e: tr ----- 1.8 3.0 ns cl=15pf ; t =25c 20% /80% * vdd tf ----- 1.0 3.0 ns tr ----- 1.5 3.0 ns cl=25pf ; t =25c 20% /80% * vdd tf ----- 1.2 3.0 ns tr ----- 1.4 3.0 ns cl=40pf ; t =25c 10% /90% * vdd tf ----- 1.1 3.0 ns c ycle to c yc l e jitter: ----- 100 ----- ps f=100mhz cl=15pf ----- 55 ----- f=100mhz cl=25pf ----- 55 ----- f=100mhz cl=40pf period jitter rms: ----- 12 ----- ps f=100mhz cl=15pf ----- 10 ----- f=100mhz cl=25pf ----- 10 ----- f=100mhz cl=40pf
||||||||||| | | | | asemb pb rohs compliant 2 3 303 a in r o filac , a t i r a g r a m a t nas o h c n ar , azna r e pse 8 8 629 t e l 949- 546 -800 0 | f a x 949- 546 -8 0 0 1 m o c.no c a r b a . w w w | revised: 12.10.10 visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature 3.2 x 2.5 x 0.85 mm pure silicon tm clock oscillator asemb deifit r ec abracon is deifit r ec abracon is iso9001:2008 deifit r ec e zis efil key electrical specifications ? v dd = 2.5v parameters minimum typical maxi mum units notes suppl y current (no load) : 1.0 to 39.99 99m hz ----- 6 15 ma cl=0p rl= t=25c (standard cl: 15pf) 40 .0 to 79.9 99 9mhz ----- 7 15 ma 80 .0 to 12 4.9999 mhz ----- 8 15 ma 125.0 to 150mhz ----- 9 15 ma 1.0 to 39.99 99m hz ----- 7 15 ma cl=0p rl= t=25c (cl option : 2 5pf) 40 .0 to 79.9 99 9mhz ----- 8 15 ma 80 .0 to 12 4.9999 mhz ----- 9 15 ma 125.0 to 150mhz ----- 10 15 ma 1.0 to 39.99 99m hz ----- 8 16 ma cl=0p rl= t=25c (cl option : 4 0pf) 40 .0 to 79.9 99 9mhz ----- 9 16 ma 80 .0 to 12 4.9999 mhz ----- 10 16 ma 125.0 to 150mhz ----- 11 16 ma output volta ge: v oh 0.8*v d d ----- ----- v cl=15, 25p f v ol ----- ----- 0.2*v d d v v oh 0.9*v d d ----- ----- v cl=40pf v ol ----- ----- 0.1*v dd v rise time: fall time: tr ----- 1.0 2.0 ns cl=15pf ; t=25c 20% /80 %* vdd tf ----- 0.9 2. 0 ns tr ----- 1.1 2.0 ns cl=25pf ; t=25c 20% /80 %* vdd tf ----- 0.9 2.0 ns tr ----- 1.0 2.0 ns cl=40pf ; t=25c 20% /80 %* vdd tf ----- 0.9 2.0 ns period jitter rms: ----- 6.5 ----- ps f=100mhz cl=15pf ----- 5 ----- f=100mhz cl=25pf ----- 5 ----- f=100mhz cl=40pf cycle to cycle jitter: ----- 80 ----- ps f=100mhz cl=15pf ----- 40 ----- f=100mhz cl=25pf ----- 40 ----- f=100mhz cl=40pf key electrical specifications ? v dd = 3.3v parameters minimum typical maxi mum units notes suppl y current (no load) : 1.0 to 39.99 99m hz ----- 7 15 ma cl=0p rl= t=25c (standard cl: 15pf) 40 .0 to 79.9 99 9mhz ----- 8 15 ma 80 .0 to 12 4.9999 mhz ----- 9 15 ma 125.0 to 150mhz ----- 10 15 ma 1.0 to 39.99 99m hz ----- 8 16 ma cl=0p rl= t=25c (cl option : 2 5pf) 40 .0 to 79.9 99 9mhz ----- 9 16 ma 80 .0 to 12 4.9999 mhz ----- 10 16 ma 125.0 to 150mhz ----- 11 16 ma 1.0 to 39.99 99m hz ----- 8 16 ma cl=0p rl= t=25c (cl option : 4 0pf) 40 .0 to 79.9 99 9mhz ----- 9 16 ma 80 .0 to 12 4.9999 mhz ----- 10 16 ma 125.0 to 150mhz ----- 11 16 ma output volta ge: v oh 0.8*v d d ----- ----- v cl=15pf v ol ----- ----- 0.2*v d d v v oh 0.9*v d d ----- ----- v cl=25, 40p f v ol ----- ----- 0.1*v dd v rise time: fall time: tr ----- 1.0 2.0 ns cl=15pf ; t=25c 20% /80 %* vdd tf ----- 0.9 2. 0 ns tr ----- 0.1 2.0 ns cl=25pf ; t=25c 20% /80 %* vdd tf ----- 0.9 2. 0 ns tr ----- 0.8 2.0 ns cl=40pf ; t=25c 20% /80 %* vdd tf ----- 0.8 2. 0 ns period jitter rms: ----- 6 ----- ps f=100mhz cl=15pf ----- 5 ----- f=100mhz cl=25pf ----- 5 ----- f=100mhz cl=40pf cycle to cycle jitter: ----- 80 ----- ps f=100mhz cl=15pf ----- 40 ----- f=100mhz cl=25pf ----- 40 ----- f=100mhz cl=40pf
|||||||||||| | | | asemb pb rohs compliant 30 332 esper anz a, rancho s an ta margar ita, calif ornia 92 688 tel 949- 546- 80 00 | f ax 949- 546 -8001 | ww w. ab rac on.c om revised: 12.10.10 visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature pure silicon tm clock oscillator certified abracon is certified abracon is iso9001:2008 certified absolute maximum ratings item mi nimum maxi mum unit condition supply vo ltage -0.3 +4 .0 v input volta ge -0. 3 vdd+0.3 v juncti on temp. ----- +150 c sto rage temp. -55 +1 50 c solder in g tem p. ----- +260 c 40sec max esd hbm mm c dm 4, 000 200 1, 500 v programmed orders (quantity > 1,000pcs) options and part identification: (left blank if standard) li fe si ze asemb 3.5 x 2.5 x 0.85 mm asemb - mhz - - - *r5: 5p pm st abilit y is availa ble by request. plea se co nt act abr acon for mo re info rm atio n. un-programmed orders b la nk un-p ro grammed oscilla to rs and our l ow cost por tab le prog ramm er are av aila ble for qu ic k turn engin eerin g requ ir emen ts. please call ab racon or visit mems peed pro site http://ww w. abracon.com/memsp eed pro/memsp eed pro.html f or more inform ation . asemb - blank - - note: available 15pf output load only for asemb blank mems oscillator frequency in mhz e.g . 14.3181 mhz (ma ximum 4 dig its after decimal) oper ating te mp. blank : 0 c ~ +70c e: - 2 0 c ~ + 7 0 c l: - 4 0 c ~ + 8 5 c x: -4 0 c ~ +105c ov era ll freq. stability blank : 5 0ppm r 5* : 5ppm y: 1 0ppm r: 25 pp m pac ka gi ng blank : tube (110 pc s / t ube) t: tape & reel (1kpcs / reel) output load blank : 15pf 25 : 25 pf 40 : 40 pf oper ating te mp. blank : 0 c ~ +70c e: - 2 0 c ~ + 7 0 c l: - 4 0 c ~ + 8 5 c x: -4 0 c ~ +105c ov era ll freq. stability blank : 5 0ppm y: 1 0ppm r: 25 pp m pac ka gi ng blank : tube (110 pc s / t ube) t: tape & reel (1kpcs / reel)
||||||||||| | | | | asemb pb rohs compliant 2 3 303 a in r o filac , a t i r a g r a m a t nas o h c n ar , azna r e pse 8 8 629 t e l 949- 546 -800 0 | f a x 949- 546 -8 0 0 1 m o c.no c a r b a . w w w | revised: 12.03.10 visit www.abracon.com for terms & conditions of sale plastic package industrial grade ultra miniature pure silicon tm clock oscillator deifit r ec abracon is deifit r ec abracon is iso9001:2008 deifit r ec outline dimensions: dimensions: mm (inches) note: recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4. t= tape and reel (1,000pcs/reel) tube: 110 pcs/tube unit orientation in tube: dimensions: mm reflow profile: tape and reel: need a test socket for the asemb series? to view compatible precision test sockets for these parts, click here. pn: axs- 3225-04-02 attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where componentfailure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authoriza- tion from abracon corporation is required. please contact abracon corporation for more information. 3.5 x 2.5 x 0.85 mm li fe si ze asemb


▲Up To Search▲   

 
Price & Availability of ASEMB-143181MHZ-X-25-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X