Part Number Hot Search : 
THC63LV 2N3045 SHM50UF PS1201 181RSA O55CC UESP12J O55CC
Product Description
Full Text Search
 

To Download 86566710064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a b c 1 2 3 4 d a b c d 1 2 3 copyright fci. 4 rev f - 2006-04-17 reference for reel according to feeding direction gauge reel of 5000 female contacts reel of 10000 female contacts gauge reel of 5000 pin contacts reel of 10000 pin contacts # 24-28 86566710064 86566710064lf ------------ # 24-28 86564710064 86564710064lf ------------ # 20-24 86566720064 86566720064lf ------------ # 20-24 86564720064 86564720064lf ------------ # 24-28 86566710065 86566710065lf ------------ # 24-28 86564710065 86564710065lf ------------ # 20-24 86566720065 86566720065lf ------------ # 20-24 86564720065 86564720065lf ------------ # 24-28 86566710067 86566710067lf ------------ # 24-28 86564710067 86564710067lf ------------ # 20-24 86566720067 86566720067lf ------------ # 20-24 86564720067 86564720067lf ------------ rev ecn no dr date e ls06-196 mpe 27/11/2006 f ls08-0127 mpe 2008/05/13 g i09-0152 amr 2009-07-27 h i10-0070 amr 2010-03-09 j i11-0003 amr 2011-01-06 - - - - - - - - sheet 1 of 2 customer - catalog no j c01-8656-1525 dwg no title rev. crimp contacts - spec ref 8656 product family - - appr i11-0003 ecn 0.05 0.xxx linear 2 0 - - chr 5/1 a3 0.1 0.xx angular - - eng scale size 0.3 0.x 13/05/02 c jarry dr tolerances unless otherwise specified www.fciconnect.com mm iso 1101 iso 406 iso 1302 projection tolerance std - surface 200 mm note : rohs informations the lf products meet european union directives and other country regulations as described in gs-22-008 terminations plating spec : 2um nickel min + 2um sn min packaging spec : see gs-14-920 see detail a 25 mm 450 mm see detail b detail a scale 3/1 closing-line above detail b scale 3/1 closing-line above pdm: rev:j released . status: printed: mar 05, 2011
a b c 1 2 3 4 d a b c d 1 2 3 4 copyright fci. rev f - 2006-04-17 sheet 2 of 2 customer - catalog no j c01-8656-1525 dwg no title rev. crimp contacts - spec ref 8656 product family - - appr i11-0003 ecn 0.05 0.xxx linear 2 0 - - chr 10/1 a3 0.1 0.xx angular - - eng scale size 0.3 0.x 13/05/02 c jarry dr tolerances unless otherwise specified www.fciconnect.com mm iso 1101 iso 406 iso 1302 projection tolerance std - surface notes 1- material : phosphor bronze, thickness 0.20 2 -finish on contact area :termination 064:gold flash termination 065:076 au / gxt termination 067:04 au / gxt finish on termination : bright tin over nickel 3 -wire range :20 to 28 awg(see ref sheet 1/2) 4 -max outer dia of wire insulator: -1.73 mm for contact #20-24 -1.02 mm for contact #24-28 5 -current carrying capacity per contact: 5 amps max when crimped to #20 awg 5 amps max when crimped to #22 awg 3 amps max when crimped to #24 awg 2 amps max when crimped to #26 awg 1 amps max when crimped to #28 awg 6 -after 5 insertions into connector, contact retention must be 5 pounds axial load min 7 -when contact is crimped to 20 awg, the insulation support crimped height must be 1.78 mm max to ensure a proper insertion into housing. 8-reel should be continous without any contacts missing in between 9 -packaging : reel cross sections for ct #20-24 cross sections for ct #24-28 dimension for male & female scale 5 section b-b section a-a section a-a section b-b max 0,25 14.2 max max 2,08 1,65 9.45 max max 0,25 15 max 2.16 max 0,99 1,40 0,15 1,5 0,1 1.4 0.15 1,5 0,1 pitch 7,500 6,10 3,15 1,9 0,1 2.48 0.2 1,8 0,1 0.2 1,75 pdm: rev:j released . status: printed: mar 05, 2011


▲Up To Search▲   

 
Price & Availability of 86566710064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X