Part Number Hot Search : 
MJ160 MJ160 70BRS 1V102 E1500 FAN8732G MJ160 ZR36730
Product Description
Full Text Search
 

To Download 73387-0021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  precision test connectors 2.4mm compression-mount 73387 2.4mm vertical compression-mount test connectors, 50 ghz providing the high-speed digital testing industrys only vertical pcb launch confguration, molexs innovative precision 2.4mm compression-mount test connectors optimize design fexibility and reduce installation time while achieving 50 ghz analog performance or over 20 gbps digital signals realize improved testing capability with molexs precision 2.4mm compression- mount test connectors. designed with a vertical launch confguration and a unique compression-mount design, customers can create test points virtually anywhere on the pcb, enabling unparalleled design fexibility. the precision 2.4mm compression-mount test connectors mate to 2.4mm male (plug) connectors, available on the customers test equipment cable end. the precision 2.4mm compression-mount test connectors are an extension of the precision optimized sma test connectors (series 73251). precision test connectors 2.4mm vertical compression-mount vertical pcb launch confguration can be located anywhere on the pcb for increased pcb density unique compression-mount design using two 0-80 unf screws reduces installation time by eliminating soldering from the process. accommodates a wide range of board thicknesses including 0.57 to 2.79mm; more options available upon request. provides a continuous ground connection between the connector and pcb capable of handling 50 ghz analog signals provides high-bandwidth performance for high-speed (over 20 gbps digital signals) digital test boards 2.4mm mating interface compatible with network analyzer cables integrated center pin design capable of 1.2:1 vswr at 50 ghz. the interface dimensions are optimized after installing on the pcb. provides low refections for accurate measurements stainless-steel body durable housing to withstand over 500 mating cycles features benefits markets and applications ? datacommunication and telecommunication applications C test and characterization boards C reference backplanes C high-speed backplanes ? test and measurement equipment ? chip manufacturers reference backplane
specifications reference information packaging: tray mates with: 2.4mm male plug (not sold by molex) designed in: millimeters rohs: yes halogen free: yes electrical contact resistance: center contact 3 m outer contact 2 m dielectric withstanding voltage: 500v rms insulation resistance: 5,000 megohms voltage standing wave ratio: dc to 26.5 ghz 1.10 max. 26.5 to 40 ghz 1.15 max. 40 to 50 ghz 1.20 max. rf leakage: -100db rf insertion loss: 0.03 x f (ghz) db max. mechanical mating force: .23n meters max. durability (min.): 500 cycles physical housing: stainless steel contact: beryllium copper plating: center contact gold (au) under plating nickel (ni) pcb thickness: 0.57 to 2.79mm = standard; more options available upon request operating temperature: 0 to +165 c additional product features ordering information precision test connectors 2.4mm compression-mount 2.4mm ertical compression-mount test connectors, 50 ghz www.molex.com/link/precision.html literature order no. 987650-7341 printed in usa/kc/2012.04 ? 2012, molex ? innovative design includes two 0-80 unf screws for mounting the receptacle to the pcb, eliminating soldering mounting screw length order no. 4.76mm 73387-0020 6.35mm 73387-0021 none 73387-0022 mounting method illustration depicting two 0-80 unf screws for mounting the receptacle to the pcb, eliminating soldering actual launch pad on which the connector mounts


▲Up To Search▲   

 
Price & Availability of 73387-0021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X