Part Number Hot Search : 
D5621B LVR033K SG17311 MCSO1ELS A2726 TL082CN 266BE CMBT2484
Product Description
Full Text Search
 

To Download 62MRXXLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1-31 model 62 electrical standard resistance range, ohms 10 to 1meg standard resistance tolerance ?0% (<100 ohms = ?0%) input voltage, maximum 200 vdc or rms not to exceed power rating slider current, maximum 100ma or within rated power, whichever is less power rating, watts 0.5 at 70? derating to 0 at 125? end resistance, maximum 2 ohms actual electrical travel, nominal 220 dielectric strength 600vrms insulation resistance, minimum 100 megohms resolution essentially infinite contact resistance variation, maximum 1% or 1 ohm, whichever is greater environmental seal 85? fluorinert?(no leaks) temperature coefficient, maximum ?00ppm/? operating temperature range ?5? to +125? thermal shock 5 cycles, ?5? to +125? (1% ? rt, 1% ? vr) moisture resistance ten 24 hour cycles (1% ? rt, ir 100 megohms min.) shock, 6ms sawtooth 100g? (1% ? rt, 1% ? vr) vibration 20g?, 10 to 2,000 hz (1% ? rt, 1% ? vr) high temperature exposure 250 hours at 125? (2% ? rt, 2% ? vr) rotational life 200 cycles (2% ? rt) load life at 0.5 watts 1,000 hours at 70? (2% ? rt) resistance to solder heat 260? for 10 sec. (1% ? rt) mechanical mechanical stops solid torque, starting maximum 3 oz.-in. (0.021 n-m) weight, nominal .02 oz. (0.60 grams) model 62 1/4?diameter single turn cermet trimming potentiometer fluorinert?is a registered trademark of 3m company. specifications subject to change without notice.
1-32 model 62 terminal pins (3) solderable .017 .003 0.432 0.076 dia. min. .19 4.83 .10 2.54 .10 2.54 .10 2.54 .210 5.08 (3) (2) (1) .10 2.54 .10 2.54 case: plastic .30 7.62 .150 .015 3.810 0.381 (2) (3) dia. .017 .003 0.432 0.076 solderable pins (3) (1)   .20 5.08 max. .015 0.381 min. .25 6.35 min. standoff 3 pls. .360 9.144 max. .280 7.112 max. 1 2 3 model no. & resistance value on either surface top adjustment (inch/mm) .10 2.54 .210 5.08 .10 2.54 .025 0.635 90 5 (2) (3) (1) model dim . a min. .312 .062 7.92 1.57 62p .625 15.87 .250 .020 6.350 0.508 62pf .007 0.178 min. standoff 3 places standoff plastic terminal pins (3) solderable .017 .003 0.432 0.076 a dia. housing: metal dia. .110 .005 2.794 0.127 electric adjustment .025 .005 0.635 0.127 long x .035 .005 0.889 0.127 wide x deep slot model 62p, 62pf model 62b model 62m note: model 62p dimensions applicable to all models except as noted.
1 1-33 model 62 standard: plastic bags capacity = 100 units metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original english units and are provided for general information only. tolerances unless otherwise specified: linear = .01 inches (.25mm) angular = 2 degrees circuit diagram (1) (2) (3) cw notes mm inch packaging ordering information 62 p r 10k lf model series pin style resistance value resistance prefix rohs compliant product code - optional standard: standard resistance values, ohms 10 200 5k 50k 500k 20 500 10k 100k 1meg 50 1k 20k 200k 100 2k 25k 250k


▲Up To Search▲   

 
Price & Availability of 62MRXXLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X