Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download 50-001-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  push button switches page <1> 19/08/09 v1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk round round: mounting dimensions bottom view dimensions dimensions : millimetres square square: rectangular mounting dimensions bottom view dimensions dimensions : millimetres
push button switches page <2> 20/08/09 v1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk specifications: switch system : each contact block has one double break snap action switching mechanism. switch mode : momentary or alternate action, 1 to 4 poles. contact material : soldering type-silver is standard; : socket type-pin with golden plating. body material : high-grade temperature thermoplastic. : contact housing moulded in electrical high-grade thermosetting plastic. operating travel : 3.0mm. actuating force : 2 to 5n depending on number of contact block. mechanical lifetime : >2 million operations. electric rating : 250v ac, 5a, 125v ac, 8a, 250v dc, 0.2a and 24v dc, 6a. specification table rectangular: dimensions : millimetres dimensions bottom view mounting dimensions type description part number round switch, spdt, mom, round, 18mm d16-lmr1-1ab switch, dpdt, mom, round, 18mm d16-lmr1-2ab switch, spdt, latching, round, 18mm d16-lar1-1ab switch, dpdt, latching, round, 18mm d16-lar1-2ab square switch, spdt, mom, 18 x 18mm d16-lms1-1ab switch, dpdt, mom, 18 x 18mm d16-lms1-2ab switch, spdt, latching, 18 x 18mm d16-las1-1ab switch, dpdt, latching, 18 x 18mm d16-las1-2ab rectangular switch, spdt, mom, 18 x 24mm d16-lmt1-1ab switch, dpdt, mom, 18 x 24mm d16-lmt1-2ab switch, spdt, latching, 18 x 24mm d16-lat1-1ab switch, dpdt, latching, 18 x 24mm d16-lat1-2ab
page <3> 20/08/09 v1.1 push button switches http://www.farnell.com http://www.newark.com http://www.cpc.co.uk - - basic type : d16 = 16mm. functions : lm = soldering type pushbutton switches with momentary action, la = soldering type pushbutton switches with alternate action. pushbutton head : r1 s1 t1 contact arrange : 1ab = 1 no + 1 nc, 2ab = 2 no + 2 nc. r1 pushbutton head 1ab contact arrange lm functions d16 basic type part number explanation: description part number lens, blue, round, 18mm, for d16 50-001-01 lens, green, round, 18mm, for d16 50-001-02 lens, orange, round, 18mm, for d16 50-001-03 lens, red, round, 18mm, for d16 50-001-04 lens, white, round, 18mm, for d16 50-001-05 lens, yellow, round, 18mm, for d16 50-001-06 lens, blue, 18 x 18mm, for d16 50-003-01 lens, green, 18 x 18mm, for d16 50-003-02 lens, orange, 18 x 18mm, for d16 50-003-03 lens, red, 18 x 18mm, for d16 50-003-04 lens, white, 18 x 18mm, for d16 50-003-05 lens, yellow, 18 x 18mm, for d16 50-003-06 part number table round (concave)


▲Up To Search▲   

 
Price & Availability of 50-001-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X