Part Number Hot Search : 
1V221M BR71H 0RPEL CAT4237 ST485068 LSM303D LD1010DA BJ100
Product Description
Full Text Search
 

To Download 3EXM1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  124 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. m series m series corcom product guide the m series power entry modules offer the most choices of power entry components and filtering options to fit a specific need. the fully configured m series expands the options of a manufacturer whose products are marketed worldwide. one component, fully assembled and tested, provides the capability of interfacing a multi-voltage power supply to any common voltage or fusing scheme in the world, without modification. ? the iec connector provides an internationally accepted power entry termination, which can be used with a variety of line cords. ? the selectable fuseholder allows use of single or dual european fuses, or a single north american fuse. ?the optional dpst on/off switch breaks both sides of the line and is labeled with the international i/o markings. ?the optional voltage selector provides a convenient means to change transformer primary connection, and it is available in both 2-voltage and 4-voltage configurations. ?the series is available with four filter circuits to meet a variety of applications, and convenient connections are provided on unfiltered models to allow wiring of a separate rfi filter. the m series is a family of components offering greater flexibility and cost-effectiveness in the selection of primary power components. wiring to the modules is accom- plished via .110terminals for labor savings and convenience. four filter circuits provide a choice of attenuation tailored to specific categories of susceptibility and emissions needs. hm models Cthis medical filter provides susceptibility protection without the leakage current associated with line-to-ground capacitors. designed to allow equipment to meet ul544 for patient care and non-patient care equipment, the hm filter has a maximum leakage current of 2 ? at 120 vac 60 hz. see appendix c for more information on medical applications and ul standards. fm models Cgeneral purpose rfi filter designed for sus- ceptibility applications, effectively providing rfi control of line-to-ground noise. the design is compact and meets the very low leakage current requirements of vde portable equipment as well as (120 volt) ul544 non-patient medical equipment. xm models Chigh performance rfi filter designed to bring most digital equipment (including switching power supplies) into compliance with fcc part 15j, class b conducted emissions limits. zm models Cpremium rfi filter designed to bring most digital equipment (including switching power supplies) into compliance with en55022, level b (as well as fcc part 15j, class b) conducted emissions limits. xm/zm v m power entry module with optional rfi power line filters for general and medical applications ul recognized csa certified vde approved fuse installation instructions 1. remove power cord. 2. pry door open at socket. 3. lift and swing door into socket. 4. lift fuse holder out of housing. 5. install one (1) ag fuse or two (2) metric fuses*. 6. replace fuse holder into housing. 7. swing and snap door back in place. *install fuses on one side only, do not install both ag and metric fuses at the same time. free datasheet http://www.datasheet-pdf.com/
125 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s corcom product guide m series fuse options european fusing arrangement** north american fusing arrangement** power entry module with optional rfi power line filters for general and medical applications (continued) **install fuses on one side only. do not install both ag and metric fuses at the same time. voltage selection to change selected voltage: open cover, using small blade screwdriver or similar tool; set aside cover/fuse block assembly; pull voltage selector card straight out of housing, using indicator pin; orient selector card so that desired voltage is readable at the bottom; orient indicator pin to point up when desired voltage is readable at bottom (note that when indicator pin is fixed, successive voltages are selected by rotating the card 90 clockwise); insert voltage selector card into housing, printed side of card facing forward toward iec connector and edge containing the desired voltage first; replace cover, and verify that indicator pin shows the desired voltage. voltage selector card orientation removing the fuse holder 0 0 0 0 2 2 2 2 2 2 1 1 1 1 4 4 3 3 0 0 0 0 0 0 0 0 4 4 2 2 2 2 1 1 3 3 0 0 0 0 0 0 0 0 2 2 2 2 1 1 1 1 4 4 3 3 0 0 0 0 0 0 0 0 2 2 2 2 2 2 1 1 4 4 3 3 100v 120v 230v 240v 0 0 2 2 0 0 0 0 1 1 a a s ection a-a "x" li ft up 1. i nse rt a pock et scr ewd riv er at p oint x as sh own. g e ntly l ift up until th e e ntire d o or lifts up appro xim atel y 1 /4" ( minimum ). 2. onc e lifted, the door wi l l pi vot o n its hinges and e xpose the f u se hol der. 3. wh en t he f u se holder is installe d in the singl e f u se p o sit ion, appl y the screw dri ver as sh own an d ge ntly p r y u p . us e scre wdr ive r as s hown, d o n ot u se fingers. when th e f u se holder is installe d i n th e d ual f use p o sit ion, it will nor mally releas e as soon as th e d o or i s op ene d. free datasheet http://www.datasheet-pdf.com/
126 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. corcom product guide m series power entry module with optional rfi power line filters for general and medical applications (continued) electrical schematics Cunfiltered models vm (1-voltage) vm (2-voltage) vm (4-voltage) note 1: jumpers required if no input filter is used. note 2: provision for dual european style fusing. note 3: on/off switch present only with "s" suffix. note 4: when using a center-tapped transformer, the c-f winding should be the low voltage (high current) winding and must be capable of handling the full primary current in the 120v position. specifications m aximum leakage current,each line-to-ground hm fm xm/zm @ 120 vac 60 hz: 2 a .25 ma .30 ma @ 250 vac 50 hz: 5 a .50 ma .50 ma hipot rating (one minute): l ine-to-ground: 1500 vac line-to-line 1450 vdc line-to-load (switch off) unfiltered only 2500 vac operating frequency: 50/60 hz rated voltage (max.): 250 vac operating voltages: 100, 120, 220/ 240 vac switch: double-insulated, rated for 100,000 operations at full load at 70 amps inrush current. fuse (not included): reversible fuseholder, accepts one 1/4" x 1-1/4" fuse or two 5 x 20 mm fuses terminals: .110 [ 2.79 ] terminals minimum insertion loss in db: line-to-ground in 50 ohm circuit current frequency-mhz rating .01 .05 .15 .5 1 5 10 30 hm 5a - - 14 18 19 22 22 17 fm 0 5a - - 14 21 26 40 45 40 xm 3a 2 13 23 40 46 44 44 44 zm 3a 15 29 39 46 43 40 40 40 line-to-line in 50 ohm circuit current frequency-mhz rating .02 .03 .05 .07 .15 .5 1 5 10 30 xm 0 3a - - - 5 34 62 68 60 50 40 zm 3a 5 13 28 37 55 75 75 62 54 44 k l g g neutral hot p ower on/off note 3 n ote 2 c ustomer t ransformer primaries l k 1 20v b d e f a c d e f hb j g n eutral hot p ower on/off note 3 note 2 note 1 note 1 note 4 1 20v 240v customer transformer primaries l l k k c f a 120v 120v 120v 120v a c d e f a c d e f h b j g neutral hot power on/off note 3 note 2 note 1 note 1 120v 100v 230v 240v customer transformer primaries l k 20v 100v 120v free datasheet http://www.datasheet-pdf.com/
127 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s corcom product guide m series power entry module with optional rfi power line filters for general and medical applications (continued) electrical schematics - filtered models fm & hm (1-voltage) fm & hm (4-voltage) xm & zm (1-voltage) xm & zm (4-voltage) recommended panel cutout (snap-in only) case styles Cunfiltered models 6vm1 (iec connector, selectable fuseholder) 6vm1c (iec connector, selectable fuseholder, snap-in) 6vm1s (iec connector, dpst on/off switch, selectable fuseholder) 6vm1sc (iec connector, dpst on/off switch, selectable fuseholder, snap-in) typical dimensions: mounting holes: .155 [ 3.94 ] dia. (2) with .279 [ 7.09 ] dia. x 82? countersunk. all mounting holes countersunk. panel thickness: .06 - .09 [ 1.53 -2.29 ] note 1: provision for dual fusing (euro standard) note 2: power on/off switch with suffix "s" only note 3: hm models without line-to-ground capacitors note 4: models hm4, fm4, xm4, and zm4 have added terminals k and l. external switch or jumper must be placed from k to h and l to j. 230v nomenclature relates to pending european cenelec agreement. c ustomer transformer primaries neutral phase p ower on/off note 4 n ote 4 note 3 note 2 n ote 1 120v 1 00v 230v 240v a c d e f a c d e f h b j g k k l 20v 100v 120v neutral phase power on/off note 2 note 1 hb jf g neutral phase power on/off note 1 note 2 note 4 note 4 120v 100v 230v 240v a c d e f a c d e f h b j g 20v 100v 120v k l customer transformer primaries neutral phase power on/off n ote 2 n ote 3 n ote 1 hb j f g c e u se only with 250v fuses disconnect power b efore replacing fuses d b a c e a d use only with 250v fuses d isconnect power before replacing fuses c e use only with 2 50v fuses disconnect power before replacing fuses d b a c e a d use only with 250v fuses disconnect power before replacing fuses f 0.13 r 3.30 1.145 29.08 free datasheet http://www.datasheet-pdf.com/
128 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. m series corcom product guide case styles - filtered models case styles - unfiltered models (cont'd) power entry module with optional rfi power line filters for general and medical applications (continued) 3EXM1S & 3ezm1s ( iec connector, dpst on/off switch, selectable fuseholder) 3exm4 & 3ezm4 (iec connector, voltage selector, selectable fuseholder) 3exm4s & 3ezm4s (iec connector, dpst on/off switch, voltage selector, selectable fuseholder) 6vm2 & 6vm4 ( iec connector, voltage selector, selectable fuseholder) 6vm4c (iec connector, voltage selector, selectable fuseholder, snap-in) 6vm2s & 6vm4s (iec connector, dpst on/off switch, voltage selector, selectable fuseholder) 6vm4sc (iec connector, dpst on/off switch, voltage selector, selectable fuseholder, snap-in) use only with 250v fuses disconnect power before replacing fuses 1 00v 120v 230v 240v c e d a 6vm4c.ai use only with 2 50v fuses disconnect power b efore replacing fuses d b a 100v 120v 230v 2 40v c e 100v 120v 230v 240v c e a b use only with 250v fuses d isconnect power b efore replacin g fuses use only with 2 50v fuses disconnect power before replacing fuses t hread 6-32 x 1/4 g d b a 1.13?020 28.7?508 c 1 .88?020 4 7.8?508 3.09 7 8.49 max. e use only with 250v fuses disconnect power before replacing fuses 100v 1 20v 230v 240v thread 6-32 x 1/4 g d b a 1.13?020 28.7?508 c e 3.09 78.49 max. 1.88?020 47.8?508 use only with 250v fuses d isconnect power before replacing fuses 100v 120v 230v 240v thread 6-32 x 1/4 g d b a 1.17?020 29.7?508 c e 3.09 78.49 max. 1.88?020 47.8?508 u se only with 250v fuses d isconnect power b efore replacing fuses d b a 100v 1 20v 230v 240v c e free datasheet http://www.datasheet-pdf.com/
129 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s m series corcom product guide power entry module with optional rfi power line filters for general and medical applications (continued) case styles - filtered models (cont'd) 5efm1c (iec connector, selectable fuseholder) 5efm4c (iec connector, voltage selector, selectable fuseholder) 5efm1sc (iec connector, dpst on/off switch, selectable fuseholder) 5ehm1s & 5efm1s (iec connector, dpst on/off switch, selectable fuseholder) 5ehm4 & 5efm4 ( iec connector, dpst on/off switch, selectable fuseholder) 5ehm4s & 5efm4s (iec connector, dpst on/off switch, voltage selector, selectable fuseholder) typical dimensions: torque: 7 in. lb max. holes: .055 [ 1.40 ] dia. ?004 [ .10 ] except solder lug ground tap with wire wrap. mounting holes: .155 [ 3.94 ] dia. all parts typical. note: mounting holes on tabs are countersunk and take a #6 flathead screw. 5ehm1 & 5efm1 ( iec connector, selectable fuseholder) c a d e use only with 2 50v fuses disconnect power before replacing fuses 100v 120v 230v 2 40v c e a d u se only with 250v fuses disconnect power before replacing fuses c a d e use only with 250v fuses disconnect power before replacing fuses c e use only with 250v fuses disconnect power before replacing fuses d b a c e use only with 250v fuses disconnect power before replacing fuses d b a 100v 120v 230v 2 40v c e u se only with 2 50v fuses d isconnect power before replacing fuses d b a 1 00v 1 20v 230v 2 40v c e use only with 250v fuses disconnect power before replacing fuses d b a free datasheet http://www.datasheet-pdf.com/
130 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. corcom product guide m series power entry module with optional rfi power line filters for general and medical applications (continued) case dimensions abcdefg part no. (max) ?.01 (max) (max) (max) ?.038 3EXM1S 4.17 3.62 1.14 3.22 1.72 3.28 3.3 3 ezm1s 1 05.9 91.9 29.0 81.8 43.7 83.8 83.8 3exm4 3.88 3.32 1.14 2.92 1.72 2.98 2.99 3ezm4 98.6 84.3 29.0 74.2 43.7 75.7 75.9 3exm4s 4.65 4.1 1.14 3.72 1.72 3.76 3.8 3ezm4s 118.1 104.1 29.0 94.5 43.7 95.5 96.5 5efm1 3.39 2.84 1.14 2.44 2.19 2.5 5ehm1 86.1 72.1 29.0 62.0 55.6 63.5 5efm1c 2.56 1.14 2.44 2.19 2.49 65.0 29.0 62.0 55.6 63.2 5efm1s 4.17 3.62 1.14 3.22 2.19 3.28 5ehm1s 105.9 91.9 29.0 81.8 55.6 83.3 5efm1sc 3.34 1.14 3.27 2.19 3.27 84.8 29.0 83.1 55.6 83.1 5efm4 3.88 3.32 1.14 2.92 2.19 2.98 5ehm4 98.6 84.3 29.0 74.2 55.6 75.7 5efm4c 3.04 1.14 2.92 2.19 2.97 77.2 29.0 74.2 55.6 75.4 5efm4s 4.65 4.1 1.14 3.7 2.19 3.76 5ehm4s 118.1 104.1 29.0 94.0 55.6 95.5 5efm4sc 3.82 1.14 3.7 2.19 3.75 97.0 29.0 94.0 55.6 95.3 6vm1 3.39 2.84 1.14 2.44 1.45 2.5 86.1 72.1 29.0 62.0 36.8 63.5 6vm1c 2.56 1.14 2.44 1.45 2.5 86.1 29.0 62.0 36.8 63.2 6vm1s 4.17 3.62 1.14 3.22 1.45 3.28 105.9 91.9 29.0 81.8 36.8 83.3 6vm1sc 3.34 1.14 3.27 1.45 3.27 84.8 29.0 83.1 36.8 83.1 6vm2 3.88 3.32 1.14 2.92 1.45 2.98 6vm4 98.6 84.3 29.0 74.2 36.8 75.7 6vm4c 3.04 1.14 2.92 1.45 2.97 98.6 29.0 74.2 36.8 75.4 6vm2s 4.65 4.1 1.14 3.72 1.45 3.76 6vm4s 118.1 104.1 29.0 94.5 36.8 95.5 6vm4sc 3.82 1.14 3.7 1.45 3.75 97.0 29.0 94.0 36.8 95.3 5efm4sc (iec connector, dpst on/off switch, voltage selector, selectable fuseholder) recommended panel cutout note: snap-in models allow front mount only. xm and zm models allow back mount only. fm and hm models allow front or back mounting. accessories for m series include interconnection assembly, medical standoff bracket, voltage selector cards, and insulating shroud. see page 142. all mounting holes countersunk. case styles - filtered models (cont'd) 100v 120v 2 30v 2 40v c e a d u se only with 250v fuses disconnect power before replacing fuses f b .170 dia. 4.32 .175 4.45 0.13 r 3.30 .570 14.5 1.145 29.08 1.88 + .020 47.8 + .508 1.13 + .020 28.7 + .508 1.17 + .020 29.7 + .508 *blind insert xm and zm models only *4s models *1s & 4 models holes (2) free datasheet http://www.datasheet-pdf.com/
131 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s m series corcom product guide power entry module with optional rfi power line filters for general and medical applications (continued) filtered models part rfi current rating current rating available voltage dpst mounting number f ilter @120vac @250vac selection on/off style type (amps) (amps) positions ? switch 3EXM1S smps fcc-b 1 32 1 ? ? flange 3exm4 smps fcc-b 1 3 2 4 flange 3 exm4s smps fcc-b 1 3 24 ? ? f lange 3 ezm1s smps en55022-b 2 3 21 ? ? f lange 3ezm4 smps en55022-b 2 3 2 4 flange 3ezm4s smps en55022-b 2 32 4 ? ? flange 5ehm1 medical 3 5 4 1 flange 5ehm1s medical 3 54 1 ? ? flange 5ehm4 medical 3 5 4 4 flange 5ehm4s medical 3 54 4 ? ? flange 5efm1 general purpose 5 4 1 flange 5efm1c general purpose 5 4 1 snap-in 5efm1s general purpose 54 1 ? ? flange 5efm1sc general purpose 5 4 1 ? ? snap-in 5efm4 general purpose 5 4 4 flange 5efm4c general purpose 5 4 4 snap-in 5efm4s general purpose 54 4 ? ? flange 5efm4sc general purpose 5 44 ? ? snap-in ? ? includes dpst switch unfiltered models part current rating current rating available voltage dpst mounting number @120vac 250vac selection on/off style (amps) (amps) position ? switch 6vm1 6 6 1 flange 6vm1c 6 6 1 snap-in 6vm1s 6 4 1 ? ? flange 6vm1sc 6 4 1 ? ? snap-in 6vm2 6 6 2 flange 6vm2s 6 62 ? ? flange 6vm4 6 6 4 flange 6vm4c 6 6 4 snap-in 6vm4s 6 4 4 ? ? flange 6vm4sc 6 4 4 ? ? snap-in ? ? includes dpst switch ? 1-120v/240v fixed, 2 - 120/240v selectable, 4- 100, 120, 230, 240v selectable 1 emissions filter for switching power supply applications where fcc-b level requirements must be met 2 emissions filter for switching power supply applications where en5502-b level requirements must be met 3 medical filter for very low leakage ul544, ul2601 and en60601 health care applications ? general purpose filer for susceptibility applications free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of 3EXM1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X