Part Number Hot Search : 
IT8206R 83251 G261P1 LPC764 MV1652 20211 L40CW CG5649
Product Description
Full Text Search
 

To Download 23S08-1DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier august 2009 2003 integrated device technology, inc. dsc 6394/10 c commercial and industrial temperature ranges the idt logo is a registered trademark of integrated device technology, inc. features: ? phase-lock loop clock distribution for applications ranging from 10mhz to 133mhz operating frequency ? distributes one clock input to two banks of four outputs ? separate output enable for each output bank ? external feedback (fbk) pin is used to synchronize the outputs to the clock input ? output skew <200 ps ? low jitter <200 ps cycle-to-cycle ? 1x, 2x, 4x output options (see table): ? idt23s08-1 1x ? idt23s08-2 1x, 2x ? idt23s08-3 2x, 4x ? idt23s08-4 2x ? idt23s08-1h, -2h, and -5h for high drive ? no external rc network required ? operates at 3.3v v dd ? spread spectrum compatible ? available in soic and tssop packages functional block diagram description: the idt23s08 is a high-speed phase-lock loop (pll) clock multiplier. it is designed to address high-speed clock distribution and multiplication applica- tions. the zero delay is achieved by aligning the phase between the incoming clock and the output clock, operable within the range of 10 to 133mhz. the idt23s08 has two banks of four outputs each that are controlled via two select addresses. by proper selection of input addresses, both banks can be put in tri-state mode. in test mode, the pll is turned off, and the input clock directly drives the outputs for system testing purposes. in the absence of an input clock, the idt23s08 enters power down. in this mode, the device will draw less than 12a for commercial temperature range and less than 25a for industrial temperature range, and the outputs are tri-stated. the idt23s08 is available in six unique configurations for both pre- scaling and multiplication of the input ref clock. (see available options table.) the pll is closed externally to provide more flexibility by allowing the user to control the delay between the input clock and the outputs. the idt23s08 is characterized for both industrial and commercial opera- tion. idt23s08 3.3v zero delay clock multiplier, spread spectrum compatible pll s1 2 14 15 3 clka1 clka2 clka3 clka4 6 10 11 clkb1 clkb2 clkb3 clkb4 9 fbk 16 control logic 7 8 1 ref s2 (-2, -3) (-3, -4) (-5) 2 2 2 note: eol for non-green parts to occur on 5/13/10 per pdn u-09-01
2 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier pin configuration soic/ tssop top view ref clka1 s2 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 clka2 gnd clkb1 fbk clka4 gnd s1 v dd v dd clkb2 clkb3 clkb4 clka3 symbol rating max. unit v dd supply voltage range ?0.5 to +4.6 v v i (2) input voltage range (ref) ?0.5 to +5.5 v v i input voltage range ?0.5 to v (except ref) v dd +0.5 i ik (v i < 0) input clamp current ?50 ma i o continuous output current 50 ma (v o = 0 to v dd ) v dd or gnd continuous current 100 ma t a = 55c maximum power dissipation 0.7 w (in still air) (3) t stg storage temperature range ?65 to +150 c operating commercial temperature 0 to +70 c temperature range operating industrial temperature -40 to +85 c temperature range notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. the input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 3. the maximum package power dissipation is calculated using a junction temperature of 150 c and a board trace length of 750 mils. applications: ? sdram ? telecom ? datacom ? pc motherboards/workstations ? critical path delay designs pin number functional description ref (1) 1 input reference clock, 5 volt tolerant input clka1 (2) 2 clock output for bank a clka2 (2) 3 clock output for bank a v dd 4 3.3v supply gnd 5 ground clkb1 (2) 6 clock output for bank b clkb2 (2) 7 clock output for bank b s2 (3) 8 select input, bit 2 s1 (3) 9 select input, bit 1 clkb3 (2) 10 clock output for bank b clkb4 (2) 11 clock output for bank b gnd 12 ground v dd 13 3.3v supply clka3 (2) 14 clock output for bank a clka4 (2) 15 clock output for bank a fbk 16 pll feedback input notes: 1. weak pull down. 2. weak pull down on all outputs. 3. weak pull ups on these inputs. pin description absolute maximum ratings (1)
3 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier device feedback from bank a frequency bank b frequency idt23s08-1 bank a or bank b reference reference idt23s08-1h bank a or bank b reference reference idt23s08-2 bank a reference reference/2 idt23s08-2 bank b 2 x reference reference idt23s08-2h (1) bank a reference reference/2 idt23s08-2h (1) bank b 2 x reference reference idt23s08-3 (1) bank a 2 x reference reference or reference (2) idt23s08-3 (1) bank b 4 x reference 2 x reference idt23s08-4 bank a or bank b 2 x reference 2 x reference idt23s08-5h bank a or bank b reference/2 reference/2 notes: 1. contact factory for availability. 2. output phase is indeterminant (0 or 180 from input clock). available options for idt23s08 s2 s1 clk a clk b output source pll shut down l l tri-state tri-state pll y l h driven tri-state pll n h l driven driven ref y h h driven driven pll n function table (1) select input decoding note: 1. h = high voltage level l = low voltage level spread spectrum compatible many systems being designed now use a technology called spread spectrum frequency timing generation. this product is designed not to filter off the spread spectrum feature of the reference input, assuming it exists. when a zero delay buffer is not designed to pass t he spread spectrum feature through, the result is a significant amount of tracking skew, which may cause problems in systems requiring synchronization.
4 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier zero delay and skew control to close the feedback loop of the idt23s08, the fbk pin can be driven from any of the eight available output pins. the output d riving the fbk pin will be driving a total load of 7pf plus any additional load that it drives. the relative loading of this output (with respect to the remaining outputs) can adjust the input-output delay. for applications requiring zero input-output delay, all outputs including the one providing feedback should be equally loaded. ensure the outputs are loaded equally, for zero output-output skew. dc electrical characteristics - commercial symbol parameter conditions min. typ. (1) max. unit v il input low voltage level ? ? 0.8 v v ih input high voltage level 2 ? ? v i il input low current v in = 0v ? ? 50 a i ih input high current v in = v dd ? ? 100 a v ol output low voltage i ol = 8ma (-1, -2, -3, -4) ? ? 0.4 v i ol = 12ma (-1h, -2h, -5h) v oh output high voltage i oh = -8ma (-1, -2, -3, -4) 2.4 ? ? v i oh = -12ma (-1h, -2h, -5h) i dd_pd power down current ref = 0mhz (s2 = s1 = h) ? ? 12 a 100mhz clka (-1, -2, -3, -4) ? ? 45 100mhz clka (-1h, -2h, -5h) ? ? 70 i dd supply current unloaded outputs 66mhz clka (-1, -2, -3, -4) ? ? 32 ma select inputs at v dd or gnd 66mhz clka (-1h, -2h, -5h) ? ? 50 33mhz clka (-1, -2, -3, -4) ? ? 18 33mhz clka (-1h, -2h, -5h) ? ? 30 note: 1. applies to both ref and fbk. symbol parameter test conditions min. max. unit v dd supply voltage 3 3.6 v t a operating temperature (ambient temperature) 0 70 c c l load capacitance below 100mhz ? 30 pf load capacitance from 100mhz to 133mhz ? 15 pf c in input capacitance (1) ?7pf operating conditions- commercial
5 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier switching characteristics - commercial symbol parameter conditions min. typ. max. unit t 1 output frequency 30pf load, all devices 10 ? 100 mhz t 1 output frequency 20pf load, -1h, -2h, -5h devices (1) 10 ? 133.3 m h z t 1 output frequency 15pf load, -1, -2, -3, -4 devices 10 ? 133.3 m h z duty cycle = t 2 t 1 measured at 1.4v, f out = 66.66mhz 40 50 60 % (-1, -2, -3, -4, -1h, -2h, -5h) 30pf load duty cycle = t 2 t 1 measured at 1.4v, f out = 50mhz 45 50 55 % (-1, -2, -3, -4, -1h, -2h, -5h) 15pf load t 3 rise time (-1, -2, -3, -4) measured between 0.8v and 2v, 30pf load ? ? 2.2 ns t 3 rise time (-1, -2, -3, -4) measured between 0.8v and 2v, 15pf load ? ? 1.5 ns t 3 rise time (-1h, -2h, -5h) measured between 0.8v and 2v, 30pf load ? ? 1.5 ns t 4 fall time (-1, -2, -3, -4) measured between 0.8v and 2v, 30pf load ? ? 2.2 ns t 4 fall time (-1, -2, -3, -4) measured between 0.8v and 2v, 15pf load ? ? 1.5 ns t 4 fall time (-1h, -5h) measured between 0.8v and 2v, 30pf load ? ? 1.25 ns t 5 output to output skew on same bank all outputs equally loaded ? ? 200 ps (-1, -2, -3, -4) output to output skew (-1h, -2h , -5h) all outputs equally loaded ? ? 200 ps output bank a to output bank b (-1, -4, -2h, -5h) all outputs equally loaded ? ? 200 ps output bank a to output bank b skew (-2, -3) all outputs equally loaded ? ? 400 ps t 6 delay, ref rising edge to fbk rising edge measured at v dd /2 ? 0 250 ps t 7 device to device skew measured at v dd /2 on the fbk pins of devices ? 0 700 ps t 8 output slew rate measured between 0.8v and 2v on -1h, -2h, -5h 1 ? ? v/ns device using test circuit 2 t j cycle to cycle jitter measured at 66.67 mhz, loaded outputs, 15pf load ? ? 200 (-1, -1h, -4, -5h) measured at 66.67 mhz, loaded outputs, 30pf load ? ? 200 ps measured at 133.3 mhz, loaded outputs, 15pf load ? ? 100 tj cycle to cycle jitter measured at 66.67 mhz, loaded outputs, 30pf load ? ? 400 ps (-2, -2h, -3) measured at 66.67 mhz, loaded outputs, 15pf load ? ? 400 t lock pll lock time stable power supply, valid clocks presented ? ? 1 ms on ref and fbk pins note: 1. idt23s08-5h has maximum input frequency of 133.33 mhz and maximum output of 66.67mhz.
6 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier note: 1. applies to both ref and fbk. dc electrical characteristics - industrial symbol parameter conditions min. typ. (1) max. unit v il input low voltage level ? ? 0.8 v v ih input high voltage level 2 ? ? v i il input low current v in = 0v ? ? 50 a i ih input high current v in = v dd ? ? 100 a v ol output low voltage i ol = 8ma (-1, -2, -3, -4) ? ? 0.4 v i ol = 12ma (-1h, -2h, -5h) v oh output high voltage i oh = -8ma (-1, -2, -3, -4) 2.4 ? ? v i oh = -12ma (-1h, -2h, -5h) i dd_pd power down current ref = 0mhz (s2 = s1 = h) ? ? 25 a 100mhz clka (-1, -2, -3, -4) ? ? 45 100mhz clka (-1h, -2h, -5h) ? ? 70 i dd supply current unloaded outputs 66mhz clka (-1, -2, -3, -4) ? ? 32 ma select inputs at v dd or gnd 66mhz clka (-1h, -2h, -5h) ? ? 50 33mhz clka (-1, -2, -3, -4) ? ? 18 33mhz clka (-1h, -2h, -5h) ? ? 30 symbol parameter test conditions min. max. unit v dd supply voltage 3 3.6 v t a operating temperature (ambient temperature) -40 +85 c c l load capacitance below 100mhz ? 30 pf load capacitance from 100mhz to 133mhz ? 15 pf c in input capacitance (1) ?7pf operating conditions- industrial
7 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier switching characteristics - industrial symbol parameter conditions min. typ. max. unit t 1 output frequency 30pf load, all devices 10 ? 100 m h z t 1 output frequency 20pf load, -1h, -2h, -5h devices (1) 10 ? 133.3 m h z t 1 output frequency 15pf load, -1, -2, -3, -4 devices 10 ? 133.3 m h z duty cycle = t 2 t 1 measured at 1.4v, f out = 66.66mhz 40 50 60 % (-1, -2, -3, -4, -1h, -2h, -5h) 30pf load duty cycle = t 2 t 1 measured at 1.4v, f out = 50mhz 45 50 55 % (-1, -2, -3, -4, -1h, -2h, -5h) 15pf load t 3 rise time (-1, -2, -3, -4) measured between 0.8v and 2v, 30pf load ?? 2.2 ns t 3 rise time (-1, -2, -3, -4) measured between 0.8v and 2v, 15pf load ?? 1.5 ns t 3 rise time (-1h, -2h, -5h) measured between 0.8v and 2v, 30pf load ?? 1.5 ns t 4 fall time (-1, -2, -3, -4) measured between 0.8v and 2v, 30pf load ?? 2.2 ns t 4 fall time (-1, -2, -3, -4) measured between 0.8v and 2v, 15pf load ?? 1.5 ns t 4 fall time (-1h, -5h) measured between 0.8v and 2v, 30pf load ?? 1.25 ns t 5 output to output skew on same bank all outputs equally loaded ?? 200 ps (-1, -2, -3, -4) output to output skew (-1h, -2h, -5h) all outputs equally loaded ?? 200 ps output bank a to output bank b (-1, -4, -2h, -5h) all outputs equally loaded ?? 200 ps output bank a to output bank b skew (-2, -3) all outputs equally loaded ?? 400 ps t 6 delay, ref rising edge to fbk rising edge measured at v dd /2 ? 0250ps t 7 device to device skew measured at v dd /2 on the fbk pins of devices ? 0 700 ps t 8 output slew rate measured between 0.8v and 2v on -1h, -2h, -5h 1 ?? v/ns device using test circuit 2 t j cycle to cycle jitter measured at 66.67 mhz, loaded outputs, 15pf load ?? 200 (-1, -1h, -4, -5h) measured at 66.67 mhz, loaded outputs, 30pf load ?? 200 ps measured at 133.3 mhz, loaded outputs, 15pf load ?? 100 tj cycle to cycle jitter measured at 66.67 mhz, loaded outputs, 30pf load ?? 400 ps (-2, -2h, -3) measured at 66.67 mhz, loaded outputs, 15pf load ?? 400 t lock pll lock time stable power supply, valid clocks presented ?? 1ms on ref and fbk pins note: 1. idt23s08-5h has maximum input frequency of 133.33 mhz and maximum output of 66.67mhz.
8 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier output 1.4v t5 1.4v output input t6 v dd /2 fbk v dd /2 t7 v dd /2 fbk, device 2 v dd /2 fbk, device 1 1.4v 1.4v t2 t1 1.4v 2v 0.8v t3 t4 0.8v 3.3v 0v 2v output switching waveforms duty cycle timing all outputs rise/fall time output to output skew input to output propagation delay device to device skew
9 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier test circuits test circuit 1 test circuit 2 test circuit for all parameters except t8 test circuit for t8, output slew rate on -1h, -2h, and -5h device v dd outputs clk out c load v dd gnd gnd 0.1 f 0.1 f v dd outputs 10pf v dd gnd gnd 0.1 f 0.1 f 1k 1k clk out
10 commercial and industrial temperature ranges idt23s08 3.3v zero delay clock multiplier ordering information idt xxxxx xx x package process device type blank i 23s08-1 23s08-2 23s08-3 23s08-4 23s08-1h 23s08-2h 23s08-5h commercial (0 o c to +70 o c) industrial (-40 o c to +85 o c) zero delay clock buffer with standard drive, spread spectrum compatible dc dcg pg small outline soic - green thin shrink small outline package zero delay clock buffer with high drive, spread spectrum compatible } } corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 clockhelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com *note: eol for non-green parts to occur on 5/13/10 per pdn u-09-01 part / order number shipping packaging package temperature 23S08-1DC* tubes 16-pin soic 0 to +70 c 23S08-1DC8* tape and reel 16-pin soic 0 to +70 c 23S08-1DCi* tubes 16-pin soic -40 to +85c 23S08-1DCi8* tape and reel 16-pin soic -40 to +85c 23s08-1hdc* tubes 16-pin soic 0 to +70 c 23s08-1hdc8* tape and reel 16-pin soic 0 to +70 c 23s08-1hdci* tubes 16-pin soic -40 to +85c 23s08-1hdci8* tape and reel 16-pin soic -40 to +85c 23s08-2dc* tubes 16-pin soic 0 to +70 c 23s08-2dc8* tape and reel 16-pin soic 0 to +70 c 23s08-2dci* tubes 16-pin soic -40 to +85c 23s08-2dci8* tape and reel 16-pin soic -40 to +85c 23s08-2hdc* tubes 16-pin soic 0 to +70 c 23s08-2hdc8* tape and reel 16-pin soic 0 to +70 c 23s08-3dc* tubes 16-pin soic 0 to +70 c 23s08-3dc8* tape and reel 16-pin soic 0 to +70 c 23s08-4dci* tubes 16-pin soic -40 to +85c 23s08-4dci8* tape and reel 16-pin soic -40 to +85c 23s08-5hdc* tubes 16-pin soic 0 to +70 c 23s08-5hdc8* tape and reel 16-pin soic 0 to +70 c


▲Up To Search▲   

 
Price & Availability of 23S08-1DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X