Part Number Hot Search : 
SMCJ30 BDW94CF HC402 NT640 NT640 BDW94CF 00010 NT640
Product Description
Full Text Search
 

To Download 2202504-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  introducing mini sas hd interconnect tes mini sas hd receptacle assembly is the next-generation sas high-density high-speed io interface. this interface was adopted for the sas 2.1 standard and proposed for sas 3.0 standard, and is designed to support 6g and future 12g sas applications. the assembly is offered in 4x, 8x, and 16x versions. the reduced size of the mini sas hd system provides additional space for system designers. while a low profle pcie card can accept four 4x mini sas connectors, it can only accept two of mini sas connectors. the passive mini sas hd copper cable assembly is designed for broadband operation optimized for 6 and 12 gbps. the eeprom signature enables the host to identify what type and length of cable is connected to its port, and can be customized for any application. an improved latch design reduces the insertion force and increases the retention force. madison cable brand turbotwin bulk cable and the dual 4 pair cable exit backshell provide fexibility for routing.
www.te.com/products/minisashd mini sas hd interconnect te connectivity a icatis ? serial attached scsi (sas 2.1) ? serial data transmission ? hba (host bus adapter) ? raid (redundant arrays of inexpensive disks) ? workstations ? rack-mount server ? servers ? storage rack ? high performance computer ? switches electrical ? connector signal integrity performance meets requirements of current sas 2.1 at 6gbps, and capable of compliance with sas 3.0 at 12gbps ? voltage rating: 120 volts ac ? current rating: signal application only ? cable assemblies are fully compliant to sas 2.1 and sff-8449 hd management interface mechanical ? plug insertion force: 100n max ? plug extraction force: 50n max ? latch retention: 133.5n min ? durability: 250 cycles ? cable backshell is fully compliant to the sff-8644 mini-multilane interface specifcation ? cable construction consists of 8 differential pairs bundled as 2 cables with 4 pairs in each cable m aterials connector ? receptacle housing: lcp ? shield assembly: nickel silver ? contacts: copper alloy ? emi spring: copper alloy ? threaded nut: brass ? chicklets: lcp technical docu ments ? product specifcation 108-2462 ? application specifcation 114-13316 indu str s tandards ? sas 2.1 ? sff-8644 ke f eatures ? sff-8644 and sas 2.1 compliant and capable for sas 3.0 ? broad band design for 6 and 12gbps ? board receptacle assembly provide 1x1(4x), 1x2(8x) and 1x4(16x) confguration ? pre-assembled, one piece connector and cage assembly offers one-step placement to the board ? lightpipe option available ? reach and rohs compliant ? improved cable latch design ? enhanced emi skirt design ? scalable 4x and 8x cable plug options ? 26, 28, and 30 awg bulk cable cable assembly ? pcb paddle card interface ? 30 m gold plated contact pads ? tin plated zinc diecast backshells ? tin over nickel plated copper alloy emi spring mini sas hd part number chart te part no. product description 2149027-1 mini sas hd 1x1 receptacle assembly 2149966-1 mini sas hd 1x2 receptacle assembly 2149375-1 mini sas hd 1x4 receptacle assembly 2198484-1 mini sas hd 1x1 receptacle assy w/lp 2198483-1 mini sas hd 1x2 receptacle assy w/ lp 2180736-1 mini sas hd 1x4 receptacle assy w/ lp
www.te.com/products/minisashd mini sas hd interconnect te connectivity dct ei cae a ssem e esetatie da i l = length mini sas h d direct attach copper cable assembly p art number selection guide base p/n description data rate awg minimum cable length maximum cable length 2202501-1 thru -8 4x passive mini sas hd 6/12 gbps 26 0.5m 7m 2202502-1 thru -6 4x passive mini sas hd 6/12 gbps 28 0.5m 5m 2202503-1 thru -4 4x passive mini sas hd 6/12 gbps 30 0.5m 3m 2202504-1 thru -8 8x passive mini sas hd 6/12 gbps 26 0.5m 7m 2202505-1 thru -6 8x passive mini sas hd 6/12 gbps 28 0.5m 5m 2202506-1 thru -4 8x passive mini sas hd 6/12 gbps 30 0.5m 3m 2202507-1 thru -8 4x passive mini sas hd hybrid 6 gbps 26 0.5m 7m 2202508-1 thru -6 4x passive mini sas hd hybrid 6 gbps 28 0.5m 5m 2202509-1 thru -4 4x passive mini sas hd hybrid 6 gbps 30 0.5m 3m p2 p1 l 500 ref . 500 ref . 1 =<<31b=@ @3> @3a3<b/b7d32@/ e7<5 37.75 0.13 24.06 0.1 emi spring shield assy contacts 12.78 0.13
te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. 7-1773461-9 cis lug pdf 03/2012 madison cable, turbotwin, te connectivity and the te connectivity (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. eeprom is a trademark of nec electronics corporation. while te has made every reasonable effort to ensure the accuracy of the information in this brochure, te does not guarantee that it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or ftness for a particular purpose. the dimensions in this catalog are for reference purposes only and are subject to change without notice. specifcations are subject to change without notice. consult te for the latest dimensions and design specifcations. for more information te technical support center usa: +1 (800) 522-6752 canada: +1 (905) 475-6222 mexico: +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 part numbers in this brochure are rohs compliant*, unless marked otherwise. *as defned www.te.com/leadfree


▲Up To Search▲   

 
Price & Availability of 2202504-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X