Part Number Hot Search : 
A1720 MBZ52 MAX2077 038720 60030 BD1396S T0505NH 01N2F8T
Product Description
Full Text Search
 

To Download 1404703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 1 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) sensor/actuator cable, 3-position, pvc, black ral 9005, free cable end, on socket angled m8, cable length: 5 m ? key commercial data packing unit 0 minimum order quantity 1 gtin custom tariff number 85444290 country of origin poland technical data general data rated current at 40c 4 a rated voltage 60 v number of positions 3 volume resistance 5 m insulation resistance 100 m length of cable 5 m ambient temperature (operation) -25 c ... 90 c (male connector / female connector) general characteristics standards/regulations m8 plug-in connector iec 61076-2-104 coding a - standard degree of protection ip65/67 torque 0.2 nm (m8 plug-in connectors) contact material cusn contact surface material ni/au contact carrier material tpu gf material of grip body tpu, hardly inflammable, self-extinguishing material, knurls zinc die-cast, nickel-plated status display no bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4
https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 2 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 technical data conductor data cable type pvc black cable type (abbreviation) pvc cable abbreviation liyy conductor cross section 3x 0.25 mm2 (signal line) awg signal line 24 conductor structure signal line 32x 0.10 mm core diameter including insulation 1.32 mm 0.02 mm thickness, insulation 0.23 mm (core insulation) thickness, insulation 0.76 mm (outer cable sheath) wire colors brown, blue, black overall twist 3 wires, twisted external sheath, color black ral 9005 external cable diameter d 4.4 mm 0.15 mm cable weight 29 kg/km outer sheath, material pvc material conductor insulation pvc conductor material bare cu litz wires insulation resistance 100 m*km (at 20 c) conductor resistance max. 78 /km (at 20 c) nominal voltage, conductor 300 v test voltage, conductor 3000 v flame resistance as per ul-style 2464 ambient temperature (operation) -25 c ... 80 c (cable, fixed installation) ambient temperature (operation) -5 c ... 80 c (cable, flexible installation) classifications etim etim 3.0 ec001855 etim 4.0 ec001855 etim 5.0 ec001855 unspsc unspsc 11 31251501 unspsc 12.01 31251501 unspsc 13.2 31251501 unspsc 6.01 31251501 unspsc 7.0901 31251501 ecl@ss ecl@ss 4.0 27060306 ecl@ss 4.1 27060306 ecl@ss 5.0 27061801 bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4
https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 3 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 classifications ecl@ss ecl@ss 5.1 27061801 ecl@ss 6.0 27061801 ecl@ss 7.0 27061801 approvals approvals approvals ul listed / cul listed / culus listed ex approvals approvals submitted approval details ul listed? ? ? nominal current in 4 a nominal voltage un 125 v cul listed? ? ? nominal current in 4 a nominal voltage un 125 v culus listed? accessories accessories marking bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4
https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 4 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 accessories insert label?-?paba wh/15?-?1013151 insert label, white, unlabeled, can be labeled with: plotter, mounting type: thread on, cable diameter: 0.6-50 mm, lettering field: 15 x 4 mm ? ? insert label?-?paba ye/15?-?1013698 insert label, yellow, unlabeled, can be labeled with: plotter, mounting type: thread on, cable diameter: 0.6-50 mm, lettering field: 15 x 4 mm ? ? insert label?-?paba rd/15?-?1013944 insert label, red, unlabeled, can be labeled with: plotter, mounting type: thread on, cable diameter: 0.6-50 mm, lettering field: 15 x 4 mm ? ? conductor marker carrier?-?patg 2/23?-?1013850 conductor marker carrier, transparent, unlabeled, mounting type: slide on, cable diameter: 2-4 mm, lettering field: 4 x 23 mm ? ? conductor marker carrier?-?patg 3/23?-?1013863 conductor marker carrier, transparent, unlabeled, mounting type: slide on, cable diameter: 4-7 mm, lettering field: 4 x 23 mm ? ? conductor marker carrier?-?patg 4/23?-?0808011 conductor marker carrier, transparent, unlabeled, mounting type: slide on, cable diameter: 6-10 mm, lettering field: 4 x 23 mm ? ? bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4
https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 5 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 accessories marker pen?-?b-stift?-?1051993 marker pen, for manual labeling of unprinted zack strips, smear-proof and waterproof, line thickness 0.5 mm ? ? protection and sealing elements screw plug?-?prot-m 8 ms-pa-chain?-?1430860 m8 sealing cap made of plastic with fixing band for sensor cables, for m8 sockets ? ? tools cable-cutting tool?-?cutfox-s vde?-?1212207 diagonal cutter for copper and aluminum conductors, vde-tested ? ? stripping tool?-?wirefox sac?-?1212623 stripping pliers, for halogen-free sensor/actuator cables (sac cables), with pur and pvc insulation, from ? of 4.4 to 7 mm, any stripping length ? ? stripping tool?-?wirefox 10?-?1212150 stripping tool, for cables and conductors from 0.02 - 10 mm2, self-adjusting, stripping length of up to 18 mm, cutting capacity of up to 10 mm2 stranded/1.5 mm2 solid, replaceable stripping blade ? ? bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4
https://www.phoenixcontact.com/us/produkte/1404703 17.01.2013???page? 6 ?/? 6 sensor/actuator cable?-?sac-3p- 5,0-pvc/m 8fr b-l?-?1404703 accessories torque screwdriver?-?tsd 02 sac?-?1208487 torque screwdriver, with preset torque of 0.2 nm and 4 mm hexagonal drive for m8 connectors ? ? tool?-?sac bit m8-d10?-?1208461 nut for assembling sensor/actuator cables with m8 connector and for m8 connectors with quickon fast connection technology, for 4 mm hexagonal drive ? ? drawings schematic diagram pin assignment m8 socket, 3-pos., view female side cable cross section pvc black?[pvc] dimensioned drawing socket m8 x 1, angled circuit diagram contact assignment of m8 plugs/sockets ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com bn 14 bu 3 bk ?10 m8 ?7,5 18,9 27,9 3 1 4


▲Up To Search▲   

 
Price & Availability of 1404703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X