Part Number Hot Search : 
AZ23C10 2SC37 2SK3488 R10100 ADT14GS 2N3440 EUA2107 ISL6323
Product Description
Full Text Search
 

To Download 0219004MXAEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  277 ? 2009 littelfuse, inc. specifications are subject to change without notice. axial lead & cartridge fuses 219xa series 520 mm > time-lag > 219xa series please refer to www.littelfuse.com/series/219xa.html for current information. 219xa series agency approvals features electrical characteristics for series % of ampere rating ampere rating opening time 150% 40ma C 100ma 1 hours, minimum 125ma C 6.3a 1 hours, minimum 210% 40ma C 100ma 2 minutes, maximum 125ma C 6.3a 2 minutes, maximum 275% 40ma C 100ma 0.2 sec., min; 10 sec. max 125ma C 6.3a 0.6 sec., min; 10 sec. max 400% 40ma C 100ma 0.04 sec., min; 3 sec. max 125ma C 6.3a .15 sec., min; 3 sec. max 1000% 40ma C 100ma .01 sec., min; 0.3 sec. max 125ma C 6.3a .02 sec., min; 0.3 sec. max applications agency agency file number ampere range ps e cartridge certifications: nbk220604-e10480a nbk230604-e10480a leaded certifications: nbk220604-e10480b nbk230604-e10480b 1a C 5a 6.3a 1a C 5a 6.3a certifications: 2004010207110266 2003010207079982 125ma C 800ma 1a C 6.3a recognised file: e10480 guide: jdyx2 40ma C 6.3a file and acc. class: 029862_0_000 125ma C 6.3a license: km41462 file: 604904/604924 402708 310144 40ma C 100ma 125ma C 800ma 1a C 6.3a license: 40016080 125ma C 6.3a 40ma C 6.3a t %ftjhofeup international (iec ) standards for use globally t .ffutuif*&$ 60127-2, sheet 6 specification for time- lag fuses t "wbjmbcmfjodbsusjehf and axial lead form t 3p)4dpnqmjbouboe lead-free 5x20mm time-lag glass body cartridge fuse designed to iec specification used as supplementary protection in appliance or vujmj[bujpofrvjqnfouupqspwjefjoejwjevbmqspufdujpogps components or internal circuits. 219xa series, 5x20mm, time-lag (slo-blo ? ) fuse ps e description revised: september 9, 2010
introduction to circuit protection introduction to circuit protection transientology 278 ? 2009 littelfuse, inc. specifications are subject to change without notice. axial lead & cartridge fuses 219xa series 520 mm > time-lag > 219xa series please refer to www.littelfuse.com/series/219xa.html for current information. amp code amp rating (a) voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) nominal voltage drop at rated current (mv) nominal power dissipation at rated current (w) agency approvals ps e .040 0.040 250 150a @ 250vac 31.8620 0.01100 4000 1.6 x x x .050 0.050 250 21.2920 0.01700 3500 1.6 x x x .063 0.063 250 14.2685 0.02850 3000 1.6 x x x .100 0.100 250 6.0180 0.07900 2500 1.6 x x x .1250.125250 4.2000 0.13000 2000 1.6 xxxxxxx .160 0.160 250 2.5500 0.31000 1900 1.6 xxxxxxx .200 0.200 250 1.6000 0.32000 1500 1.6 xxxxxxx .250 0.250 250 1.0495 0.54000 1300 1.6 xxxxxxx .315 0.315 250 0.8475 1.23000 1100 1.6 xxxxxxx .400 0.400 250 0.5350 1.4 0000 1000 1.6 xxxxxxx .500 0.500 250 0.3700 3. 00000 900 1.6 xxxxxxx .630 0.630 250 0.2750 4.82000 300 1.6 xxxxxxx .800 0.800 250 0.1635 9.35000 250 1.6 xxxxxxx 001. 1.00 250 0.1165 19.20000 150 1.6 xxxxxxxx 1.25 1.25 250 0.0817 27.15000 150 1.6 xxxxxxxx 01.6 1.60 250 0.0551 44.2 0000 150 1.6 xxxxxxxx 002. 2.00 250 0.0452 92.70500 150 1.6 xxxxxxxx 02.5 2.50 250 0.0305 138. 00000 120 1.6 xxxxxxxx 3.15 3.15 250 0.0231 202. 00000 100 1.6 xxxxxxxx 004. 4.00 250 0.0158 330. 00000 100 1.6 x x xxxxxx 005. 5.00 250 0.0117 544. 00000 100 1.6 xxxxxxxx 06.3 6.3 250 0.0117 1093.03500 100 1.6 xxxxxxxx electrical characteristic specifications by item
279 ? 2009 littelfuse, inc. specifications are subject to change without notice. axial lead & cartridge fuses 219xa series 520 mm > time-lag > 219xa series please refer to www.littelfuse.com/series/219xa.html for current information. 219xa series average time current curves 0.001 0.01 0 0 0 1 0 0 1 0 1 1 1 0 . 0 0.1 1 10 100 1000 10000 time in seconds current in amperes 0.125a 0.160a 0.200a 0.250a 0.315a 0.400a 0.500a 0.630a 0.800a 1a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a temperature rerating curve soldering parameters - wave soldering dwell time 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 time (seconds) temperature (c) - measured on bottom side of board cooling time preheat time wave parameter lead-free recommendation preheat: %fqfoetpo'mvy"dujwbujpo5fnqfsbuvsf
5zqjdbm*oevtusz3fdpnnfoebujpo
5fnqfsbuvsf.jojnvn 100 c 5fnqfsbuvsf.byjnvn 150 c 1sfifbu5jnf 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: 4pmefs*spo5fnqfsbuvsf?$ ?$ )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection reflow process. recommended process parameters:
introduction to circuit protection introduction to circuit protection transientology 280 ? 2009 littelfuse, inc. specifications are subject to change without notice. axial lead & cartridge fuses 219xa series 520 mm > time-lag > 219xa series please refer to www.littelfuse.com/series/219xa.html for current information. product characteristics materials body: glass cap: nickel plated brass -fbet5jo1mbufe$pqqfs terminal strength .*-45%( .fuipe" 5ftu$poejujpo" solderability reference iec 60127 second edition 2003-01 annex a product marking $bq#sboemphp dvssfouboewpmubhf rating $bq"hfodzbqqspwbmnbsljoht4fsjft packaging "wbjmbcmfjo#vml .qdtqlh
pspo 5bqf3ffm .3&5qdtsffm
operating temperature o?$up ?$ shock .*-45%( .fuipe( 5ftu condition b: (5 cycles C65 o c to  o c) vibration .*-45%( .fuipe" humidity .*-45%( .fuipe# 5ftu $poejujpo"ijhi3) 
boe fmfwbufeufnqfsbuvsf  o c) for 240 hours. salt spray .*-45%'.fuipe% 5ftu condition b dimensions 0219 000xap 20+0.5 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 0219 000 xaep 0.65* 40 22.5 max 5.8 max all dimensions in mm notes: * ratings above 6.3a have 0.8 mm dia lead packaging part numbering system 0219 xxxx m xa e p series amp code refer to amp code column of electrical characteristics table lead-free quantity code m = 1000 option codes blank : cartidge type fuse e : axial leaded fuse packaging code x = filler a = enhanced l sq t packaging option packaging specification quantity quantity & packaging code taping width 219xa series bulk n/a 1000 mxa n/a bulk n/a 1000 mxae n/a 3ffmboe5bqf eia 296-e 1000 .3"&5 5nn w
bulk n/a 1000 mxg n/a


▲Up To Search▲   

 
Price & Availability of 0219004MXAEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X