Part Number Hot Search : 
00209 10400 XC2267M 90ECB D1975 L74HC DG406C BFC46
Product Description
Full Text Search
 

To Download ZUS102405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  home > product details zus10 model input voltage [v] output wattage [w] dc output [v/a] zus10053r3 dc 4.5 - 9 ac 99999 - - 99999 5.28 3.3v 1.6a zus100505 dc 4.5 - 9 8 5v 1.6a zus100512 dc 4.5 - 9 8.4 12v 0.7a zus100515 dc 4.5 - 9 9 15v 0.6a zus1001205 dc 9 - 18 10 5v 2a zus1001212 dc 9 - 18 10.8 12v 0.9a zus1001215 dc 9 - 18 10.5 15v 0.7a zus1002405 dc 18 - 36 10 5v 2a zus1002412 dc 18 - 36 10.8 12v 0.9a zus1002415 dc 18 - 36 10.5 15v 0.7a zus1004805 dc 36 - 72 10 5v 2a zus1004812 dc 36 - 72 10.8 12v 0.9a zus1004815 dc 36 - 72 10.5 15v 0.7a zus100483r3 dc 36 - 72 6.6 3.3v 2a features ul recognized, tv appr oved, csa certified isolated between input-output thin profile built-in over current protection rohs compliant 5 year warranty(refer to instruction manual)
model zus10053r3 zus100505 zus100512 zus100515 zus101205 zus101212 zus101215 ZUS102405 zus102412 zus102415 zus10483r3 zus104805 zus104812 zus104815 max output wattage[w] 5.28 8.0 8.4 9.0 10.0 10.8 10.5 10.0 10.8 10.5 6.6 10.0 10.8 10.5 dc output voltage[v] 3.3 5 12 15 5 12 15 5 12 15 3.3 5 12 15 current[a] 1.6 1.6 0.7 0.6 2.0 0.9 0.7 2.0 0.9 0.7 2 2.0 0.9 0.7 specifications model zus10053r3 zus100505 zus100512 zus100515 zus101205 zus101212 zus101215 ZUS102405 zus102412 zus102415 zus10483r3 zus104805 zus104812 zus104815 input voltage[v] dc4.5 - 9 dc9 - 18 dc18 - 36 dc36 - 72 current[a] * 1 1.48typ 2.14typ 2.24typ 2.40typ 1.05typ 1.10typ 1.07typ 0.53typ 0.55typ 0.54typ 0.18typ 0.27typ 0.28typ 0.27typ efficiency[%] * 1 72typ 75typ 75typ 75typ 80typ 82typ 82typ 80typ 82typ 82typ 75typ 80typ 82typ 82typ output voltage[v] 3.3 5 12 15 5 12 15 5 12 15 3.3 5 12 15 current[a] 1.6 1.6 0.7 0.6 2.0 0.9 0.7 2.0 0.9 0.7 2.0 2.0 0.9 0.7 line regulation[mv] 20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max load regulation[mv] 40max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 40max 100max 120max ripple[mvp-p] * 2 80max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 80max 120max 120max ripple noise[mvp-p] * 2 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 120max 150max 150max temperature regulation[mv] -20to+55 c 50max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 50max 150max 180max drift[mv] * 3 20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max start-up time[ms] 20max ( minimum input , io=100% ) output voltage adjustment range[v] fixed output voltage setting[v] 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 protection circuit overcurrent protection works over 105% of rating and recovers automatically isolation input-output ac500v 1minute , cutoff current = 10ma , dc500v 50m w min ( 20 t 15 c ) input-case ac500v 1minute , cutoff current = 10ma , dc500v 50m w min ( 20 t 15 c ) output-case ac500v 1minute , cutoff current = 10ma , dc500v 50m w min ( 20 t 15 c ) environment operating temp. , humid.and altitude -20 to +71 c , 20 - 95%rh ( non condensing )( refer to derating curve ), 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -40 to +85 c , 20 - 95%rh ( non condensing ), 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 98.0m/s 2 ( 10g ), 3minutes period , 60minutes each along x , y and z axis impact 490.3m/s 2 ( 50g ), 11ms , once each x , y and z axis safety agency approvals ul60950-1 , en60950-1 , csa c22.2 no.950 complies with iec60950-1 others case size/weight 45 x 7 x 35mm ( w x h x d ) / 40g max cooling method convection * 1 rated input. 5v, 12v, 24v or 48v dc, io=100% * 2 measured by 20mhz oscilloscope. * 3 the drift is a change at 25 c of ambient temperature and 30 minutes - 8 hours after the input voltage applied at rated input/output. * series/parallel operation with other model is not possible. zus10 on-board type zu s 10 12 05 ordering information 1 series name 2 single output 3 output wattage 4 input voltage 5 output voltage r 12345 zu/zt g-78
? derating curve ? rise time & fall time ( ZUS102405 ) ? overcurrent characteristics ( ZUS102405 ) ? static characteristics ( ZUS102405 ) zu/zt g-79 zus10 external view ? recomended size for processing pcb outline ? dimensions in the converter is in contact with the slanted area of the p.c.b. to keep isolation, adequate wiring on the mounted side is required. ? div.: 0.1inch (top view) (1.25) (1.25) (1.25) (1.25) 2- o 1.6 20.32 6.35 4- o 1.5 38.1 25.4 27.94 34.29 [inch] [1.5] [0.25] [0.8] [1.1] [1.35] [1] mm ?specification at a part ?specification at b part size between case pins ?weight: 40g or less. ?tolerance: 0.5 ?case material: brass 45 +v -v in out -v +v 35 20.32 27.94 34.29 (3.18) 4 7 0.3 (3.45) (9.8) 2.5 (0.5) 25.4 38.1 4- 1 0.1 2.7 2.5 1 0.1 0.4 0.4 name plate 2-a part 2-b part o performance data


▲Up To Search▲   

 
Price & Availability of ZUS102405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X