Part Number Hot Search : 
2SC5086 ST626 80P03 5AA04 UT6264 TS3V339 LB011M18 1602H
Product Description
Full Text Search
 

To Download XC8107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/27 XC8107 series 85m ? high functi on power switch general descripti o n t he xc8 107 s e ries is a p-ch ann el mosf et po w e r s w i t c h ic w i th a lo w on r e sist an ce. a current limit, reverse c u rrent preve n tion (pre vent s revers e c u rrent from v ou t to v in ), sof t st art, thermal s hut do w n , a nd a n un der v o lt ag e lock out (uv l o) are incor porate d a s protective functions. a flag function mo nit o rs the po w e r s w itc h st atus. t he flag output has n-chann el ope n drai n confi gur a t ion, an d it out put s lo w lev e l sign al w h en ov er-cu rrent or o verhe ating is d e tect ed, or w h en the r e verse current preve n tion is o perate d . t he volt ag e level w h ich is fed to ce pin determin e s the st atus of xc 81 07. t he logic lev e l of ce pin is select a b le b e tw e e n eith er on e of active hi gh or active lo w . a pplica t ions set t op boxes digit a l t v s pcs usb port s/usb hubs hdmi fea t ures input v oltage : 2.5v 5.5v output current : 2a on resist ance : 85m ? @v in =5.0v (typ.) *usp-6c 100m ? @v in =5.0v ( t yp .) *sot -25 supp ly current : 40 a@ v in =5.0v s tand-by current : 0.1 a (max.) flag de la y t i me : 7.5ms (t yp .) * at over-curre nt detectio n : 4ms( t y p . ) * at reverse vol t age detecti on protection c i rc uit : reverse curr ent preventi o n t hermal shut d o w n und e r v o lt ag e locko ut(uvlo s o ft - s ta r t f unctions : f l ag output ce pin input l ogic selectable cu rrent limit response time : 2 s(typ.) *reference value o perating ambient temperature : -40 +105 packages : usp-6c, sot-25 enviro nmentally friendly : eu rohs compliant, pb free typical applica t ion circuit etr33003 - 002 typical performance characteristics x c 8107x c x x x r 0. 0 1. 0 2.0 3. 0 4. 0 5. 0 6. 0 0 . 0 0 .5 1 .0 1 .5 2 .0 2 .5 3 .0 3 .5 4 .0 o u t p ut c ur r ent : i ou t [ a ] o u tp u t v o l ta g e : v ou t [ v ] 0.5a type 1.0a type 1.5a type 2. 0a t y p e c in =1.0f(cera m i c) , c l =1. 0f ( c er a m i c ) http://
2/27 XC8107 series block diagram xc 81 07 seri es * diodes inside t he circuit are an esd protection d i ode and a p a rasitic diode.
3/27 xc810 7 ser i es product cl assifica tion ordering information xc 81 07 ?? ??- designator item symbol description a ce log ic b c protection c i rc uits t y p e d refer to selection guide 05 0.5a 10 1.0a 15 1.5a ? maximum output current 20 2.0a er-g usp-6c (3,000/reel) ?- (*1 ) packages mr-g sot-25 (3,000/reel) selecti on gu ide type ce logic selectable soft-start current limitter ac active high yes yes ad active high yes yes bc active low yes yes bd active low yes yes type uvlo flg output reverse current prevention ac yes yes yes ad yes yes yes bc yes yes yes bd yes yes yes type thermal shut down latch prot ec tion ac yes no ad yes yes bc yes no bd yes yes (* 1 ) the ?- g? suf f ix denotes haloge n and antimon y f r ee as w e ll as being fully r o hs co mpliant.
4/27 XC8107 series pin configura tion pin assignment pin number usp-6c sot-25 pin name functions 1 1 v out output 2 - nc no con necti on 3 3 f l g fault report 4 4 ce on/off control 5 2 v ss ground 6 5 v in power input function type pin name signal status h active l stand-by a open undefined state (*1) h stand-by l active b ce open undefined state (*1) * a v oid leaving th e ce pin open; s e t to an y fixed vo lt age. * the dissip a tion p ad for th e usp- 6c p a ckages should be so lder-pl a ted for mo untin g strength and h eat dissipation. please refer to the reference mount pattern and metal masking. the dissipation pad should be connected to the v ss (no. 5) pin.
5/27 xc810 7 ser i es absolute maximum ra tings ta=25 parameter symbol ratings units input volta g e v in -0.3 +6 .0 v output voltage v out -0.3 +6 .0 v output current i out 2.8 a ce input volta ge v ce -0.3 +6 .0 v f l g pin voltag e v flg -0.3 +6 .0 v f l g pin curre nt i flg 15 ma 120 usp-6c 1000 (pcb mounted) (*2) 250 po w e r diss i p a tion sot-25 pd 600 (pcb mo u n ted) (*2 ) mw operatin g amb i ent t e mperatu r e t opr -40 +1 05 storage t e mperature t s tg -55 +1 25 * all volt ages are described based on the v ss . (* 1 ) use w i th i out less than pd/ v in -v out . (* 2 ) this is a refer ence data taken b y using the test board. please refer to pag e 24 a nd 25 for d etails.
6/27 XC8107 series electrical characteristics parameter symbol conditions min. typ. max. units circuit input volta ge v in - 2.5 - 5.5 v v in =3 .3 v (*1 ) - 100 110 m ? usp-6c v in =5 .0 v (*1 ) - 85 104 m ? v in =3 .3 v (*1 ) - 115 135 m ? on resistanc e r on sot - 25 v in =5 .0 v (*1 ) - 100 120 m ? supp l y curre nt i ss v out =open - 40 75 a stand-b y c u rre nt i st b y v in =5.5v, v out =open v ce =v ss (XC8107a ser i es) v ce =v in (x c8107b series) - 0.01 1.0 a s w itc h le aka g e curre nt i lea k v in =5.5v, v out =0 v v ce =v ss (XC8107a ser i es) v ce =v in (x c8107b series) - 0.01 1.0 a v out =v in -0.3v, xc 81 07 xx0 5 s e ries 0.81 0.90 0.99 a v out =v in -0.3v, xc 81 07 xx1 0 s e ries 1.26 1.40 1.54 a v out =v in -0.3v, xc 81 07 xx1 5 s e ries 1.71 1.90 2.09 a current limit i lim t v out =v in -0.3v, xc 81 07 xx2 0 s e ries 2.16 2.40 2.64 a v out =0 v, xc 81 07 xx0 5 s e ries - 0.45 - a v out =0 v, xc 81 07 xx1 0 s e ries - 0.70 - a v out =0 v, xc 81 07 xx1 5 s e ries - 0.95 - a short-circu it current i sh or t v out =0 v, xc 81 07 xx2 0 s e ries - 1.20 - a current limit circuit resp onse t i me (*2 ) t cl r v in =5.0v, v out : open 0v measur e from v out =0 v to w h en curr en t falls belo w a certain i lim value - 2.0 - s v in = 5 .5v, xc8 107a ser i es 1.5 - 5.5 ce "h" lev el v o ltag e v ce h v in = 5 .5v, xc8 107b ser i es - - 0.8 v v in = 5 .5v, xc8 107a ser i es - - 0.8 ce "l" lev el v o ltag e v ce l v in = 5 .5v, xc8 107b ser i es 1.5 - 5.5 v ce "h" lev el c u rrent i ce h v in =5.5v, v ce = 5 .5v -0.1 - 0.1 a ce "l" lev el c u rrent i ce l v in =5.5v, v ce =0v -0.1 - 0.1 a uvlo detecte d voltag e v uv l o d v in : 2.2v 1.7v 1.8 1.9 2.0 v uvlo rel ease d voltag e v uv l o r v in : 1.7v 2.2v 1.9 2.0 2.1 v uvlo h y st ere s is v uhys - - 0.1 - v note: unless other w i se st ated, v in =5.0v , i out =1ma, v ce =v in (xc810 7a series) or v ce =v ss ( x c8107b series) (* 1 ) i out =0.25a (XC8107 xx0 5 serie s ), i out =0.5a (XC8107xx10 series) , i out =0.75a (XC8107xx15series), i out =1.0a (XC8107xx20 series) (* 2 ) design refe re nce value. this p a rame te r is provided onl y fo r ref er ence. ta = 2 5
7/27 xc810 7 ser i es electrical characteristics (continued) parameter symbol conditions min. typ. max. units circuit turn-on time t dl y(on) r load =1 0 ? , v ce =0 v 2.2v - 0.60 1.00 ms turn-off time t dly ( off) r load =1 0 ? , v ce =2 .2 v 0v - 0.08 0.13 ms f l g output f e t on-resistanc e r flg i flg = 10ma, v ou t = 5 .5v - 15 20 ? f l g output f e t leak ag e curre nt i foff v in =5.5v, v flg = 5 .5v, v out = o p e n - 0.01 0.1 a t fd1 over-curre nt co nditi on 6.5 7.5 8.5 ms flg delay time t fd2 reverse-v o ltag e cond it io n 2.7 4.0 4.7 ms reverse current i rev v in =0 v, v out =5. 5 v v ce = 5 .0v (xc 8 107a ser i es) v ce =v ss (XC8107b ser i es) - 0.1 1.0 a sot - 25 - 170 - revers e current preventi on detect voltage v r ev_d v in : 5.0v 4.7v v out =5 .0 v usp-6c - 140 - mv t hermal shutd o w n detect t e mperature t tsd junctio n t e mperature - 150 - t hermal shutd o w n rele ase t e mperature t tsr junctio n t e mperature - 130 - t hermal shutd o w n h y ster esis w i d t h t hys junctio n t e mperature - 20 - note: unless other w i se st ated, v in =5.0v , i out =1ma, v ce =v in (xc810 7a series) or v ce =v ss ( x c8107b series) timing char t turn-on time, turn-of f time XC8107 series, type a XC8107 series, type b ta = 2 5
8/27 XC8107 series test circuits c in =1 .0 f, c l =1 .0 f 1) circuit 2) circuit 3) circuit v v v in ce v ss v ou t c in (ce r am ic) flg v a v v in v ou t v fl g v ce c l (ceramic)
9/27 xc810 7 ser i es operational explanation t he xc81 07 s e ries is a p-ch ann el mosf et po w e r s w itc h ic. t he xc8 1 0 7 s e ries c onsists of a ce circ uit , uvlo circuit, thermal s hutd o w n c i rcuit, cu rrent limiter cir cuit, reverse c u rrent preve n tion c i rcuit, control bl o ck and oth e rs. t he gate vol t age of t he p o w e r s w itch tra n sistor is contr o lle d w i th c ont rol bl ock . t he current limiter circuit an d reverse curr ent preve n tion ci rcuit w i ll o per ate base d on the outp u t voltage and o u tput current. (see the bloc k diagram belo w ) block diagram (x c8107 series) t he volt age level w h ic h is fed to ce pin cont rols the st atus of this ic. if either ?h ? leve l or ?l? level w h ich is define d as t he electric al sp eci f ication is fed t o ce p i n, the n xc 81 07 c an o perate in st a n d a rd ma nn er . ho w e v e r , if the middl e vo lt ag e w h ich is neith er ?h? level nor ?l? level is fed to ce pin , the consum ption current w i l l increas e due to the shoot-through curre nt at i n t erna l circuit s. also if ce pin is o p e n , the st atus of xc81 07 ca nnot be fi xed a nd th e beh avi o r w i ll be unst a ble. f o r protection aga inst he at da mage of the ic s, thermal shut do w n fu nctio n is built in. w h en the inter n a l junctio n temper atur e reach e s the te mperature lim it, the thermal s hut do w n circ uit oper ates a nd the po w e r s w it ch transistor will turn off . the i c resumes it s o p e ratio n w h en t he therm a l sh u t do w n fu nction is rele ase d an d the ic? s o perat ion is autom ati call y restor ed b e caus e the ju nctio n te mperatur e dr o p s to the leve l of the therm a l shut do w n re le ase temp er atur e. w hen th e th ermal s hut do wn circu i t detect s hig her juncti on tempe r ature than th e detect temper ature, the volt a ge lev e l of f l g pin is lo w le vel. w hen the therma l shut do w n c i rcu i t detect s lo w e r junctio n temperature tha n the re leas e temp erature, the th ermal shut d o w n function is re leas e d and the v o lt ag e leve l of f l g pin is h i gh l e ve l. < u nder v o lt a g e locko ut (uvlo) > w hen the v in p i n volt a ge goes do w n to lo w e r volt ag e than u v lo detec ted volt ag e, the po w e r s w itch tra n sistor turns of f b y uvlo function in order to pre vent fa lse out p u t caused b y u n st abl e oper ati on of the inter n al circuitr y . w hen the v in pi n volt ag e goes up to h i g her volt a ge th a n uvlo rel eas ed vo lt age, the uvlo functio n is rele ase d an d the p o w e r s witch transistor c an tur n on. < s of t-st art f unction> t he sof t -st a rt circuit can red u c e the in-rus h current char ged on t he outp u t cap a cit o r w h e n ic st art s up. ad ditio nal l y , d ue to t he reducti on of th e in-r ush curr e n t, the circuit c an re duc e the f l uctuat i on of the in put volt a ge as w e ll. t he sof t -st a rt time is o ptimize d intern all y a nd d e fine d as turn- on time. (t yp: 0.6ms)
10/27 XC8107 series operational explanation (continued) < c urrent limiter , short-circuit p r otection> w hen the outp u t current re ac hes the c u rren t limit valu e, the const a nt cur r ent limiter c i rc uit activates a nd as a resu lt, the output volt a ge goes d o w n . if the short circuit comes at th e v out pin, the output curre nt is limited to the current w h ic h is s pecified as the short-circu i t curren t valu e. if the over-current st ate last s for 7.5ms (t yp .), the f l g pin chan ges to lo w lev e l o u t put. t w o ty p e s ar e avail a b l e for th e curre nt limite r circuit: an auto recov e r y ty pe (prod u ct ty pe c) an d a latch of f ty p e (pr odu ct t ype d). af ter the current l i miter ci rcuit activates and th e f l g p i n o u tput s l o w level, th e o per ation is d i f f ere n t bet w e en t h e se t w o t y pes. t he auto recov e r y t y p e contin uous l y limit s the output curr en t b y the curre nt limit valu e. w hen the over -current st atus finish es and th e st atus of that t he output current is less than t he current limit value conti n u e s for 7.5ms (t yp .) o r more, the volt age of f l g pin goes up ?h? l e vel ag ain. t he latch of f typ e turns of f the po w e r s w it ch transistor a f te r the f l g p i n outp u t s lo w level. t he of f st ate is maint a in e d regar dless of w hether the over -c urrent st ate i s releas ed. latch op eratio n is release d b y tur n i ng of f the ic w i th the c e pin sign al an d then rest artin g , or b y lo w e r i ng the inp u t volt age bel o w the uv l o detected voltage o n ce a nd af ter that ra isin g it higher than uvlo releas e d volt ag e. < r everse curr ent preve n tio n > an intern al circ uit is bui lt in that prevent s rev e rse curre nt from the v out pin to the v in pin. when the dif f erence bet w een input volt age and v out pin volt ag e is high e r than the dete ct volt age set interna l l y , the r e verse current preve n tion circu i t activates, and the po w e r s w itch tra n sistor turns of f, then the reve rse current from the v ou t pin to the v in pin is red u c ed to 0.1 a (typ .). if the reverse-volt ag e st ate las t s for 4ms (t yp .), the f l g pin chan ges to lo w l e vel outp u t. t w o t y pes ar e avail a b l e for the reverse curr ent preve n tio n circ uit: the aut o recover y t y p e (prod u ct t y pe c) and the lat ch of f t y p e (prod u ct typ e d). af ter the revers e current preve n tio n circuit activate s and the f l g pin o u tput s lo w level, the op er ation is dif f ere n t bet w e en these t w o t ypes. on the auto re cover y t y pe, w hen th e outp u t volt ag e drop s b e lo w th e in put volt ag e, the rev e rse cu rre nt pr eventi on circ uit stop s immedi atel y , a nd the po w e r s w itc h transistor turns on aga in . if the output volt ag e remai n s lo w e r tha n the input volt a ge for 4ms (t y p .), the flg pin returns to high level output. on the latch of f type, the p o w e r s w itch trans is tor remains i n the of f st ate eve n if the reve rse volt age st ate i s releas ed. latch oper atio n is release d by tur n in g of f th e ic w i t h the ce pin sign al and then rest a r ting, or b y lo w e rin g the input volt ag e bel o w the uv l o detected voltage o n ce a nd af ter that raisin g it high er than uvlo releas e d volt ag e.
11 / 2 7 xc810 7 ser i es operational explanation (continued) < f lag function > t he flag circuit is built i n w h ic h moni tors the st ate of the po w e r s w itc h . t he f l g pin o u tput s lo w l e v e l w h en t he rev e rse curr ent pr eventi on fu ncti on is op eratin g . a resistance of 10k ? to 10 0k ? is recomme nde d for the f l g pin pull- up resist a n ce. auto recovery t y pe (product t y pe c) protective func tion flg pin low level output return to flg pin high level output current limiter 7.5ms after over-current de tection 7.5ms after over-current release reverse current prevention 4.0ms after reverse volt age detection 4.0ms after reverse voltage release thermal shutdown same time as overheat state is detected same time as overheat state is released latch off t y p e (prod u ct t y pe d ) protective func tion flg pin low level output return to flg pin high level output current limiter 7.5ms after over-current detection when latch operation is released reverse current prevention 4.0ms after reverse vo ltage detection when latch operation is released thermal shutdown same time as overheat state is detected same time as overheat state is released
12/27 XC8107 series notes on use 1. f o r the phenom eno n of tempora l and transitio nal vol t age decre ase or volt age in crease, the ic ma y be dam age d or deteri o rate d if ic is used b e y o nd t he a b sol u te max. spec ifi cations. 2. w here w i ri n g impe danc e is high, op erati o ns ma y bec om e unstab l e d u e to noise d epe ndi ng o n outp u t current. pleas e kee p the resistanc e lo w b e t w e en v in and v ss w i ring in particular. 3. please p l ac e the inp u t cap a citor (c in ) an d the output cap a citor (c l ) as close to the ic a s possib l e. f o r the input or output cap a cit o r, a capacita n ce of 1.0 f or high er is reco mmend ed. 4. w hen the voltage w h ich is h i gh er than the maximum in put voltage is fed to the v in pin, and v out is shorted to the v ss l e vel, in this case th e s hort circuit ma y cause a fatal i m pact to op era t ion for the ic. please use w i thin the op erati ona l volta ge r a nge. 5. t o rex pl ace s an importa nc e on impr ov in g our prod ucts a nd its reli abi lit y. ho w e v e r, b y a n y poss i b ilit y, w e w o ul d requ est user fail- safe design an d post-ag ing tre a tment on s y st em or equipm ent.
13/27 xc810 7 ser i es typical performance characteristics (1 ) u vl o de te c t vol ta ge v s. in p u t v ol ta ge (2 ) u vl o r e l e a s e vol t a ge v s. in p u t vol ta ge (3 ) u vl o th r e sh ol d vol t a g e v s . ambi e n t t e m pe r a tu r e (4)stand-by current vs. input voltage (5)stand-by current vs. ambient temperature x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 1.70 1.75 1.8 0 1.85 1.90 1.95 2.00 2.0 5 2.10 in pu t vo lt a g e : v in [ v] u v lo re l e a s e vo lt a g e : u v lo [ v] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( ce r a m i c) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 - 50 -25 0 25 50 75 100 125 ambie n t t e m pe ra t u re : t a [ ] u v lo t h r e s h o ld vo lt a g e : u v lo [ v] uvlo detect u v lo rel ease c in =1.0f( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 . 0 0 .5 1.0 1 .5 2.0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 in pu t vo lt a g e : v in [ v] st a n d- by c u rre n t : i s t by [ a ] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 1 . 70 1.75 1.80 1.85 1.90 1 . 95 2.00 2.05 2.10 in pu t vo lt a g e : v in [ v] u v lo de t e c t vo l t a g e : u vlo [ v ] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) XC8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 125 ambi e n t t e m pe ra t u re : t a [ ] st a n d- by c u rre n t : i s t by [ a ] istby c in =1.0f(cer am i c ), c l =1.0f ( cer a m i c )
14/27 XC8107 series typical performance characteristics (continued) (6 ) s u ppl y c u r r e n t v s. inp u t vol ta ge s we e p u p (7 ) s u ppl y c u r r e n t vs . a m b i ent t em p e r a tur e (8 ) c e " h " l e v e l vol ta ge v s. in p u t v ol ta ge (9 ) c e " l " l e v e l volt ag e vs . i n p u t vo ltag e ( 10) c e t h r es ho ld v o l tag e v s . a m b ient t em p e r a tur e x c 8107xxxxxr 0 5 10 15 20 25 30 35 40 45 50 0 . 0 0 .5 1.0 1 .5 2.0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 in pu t vo lt a g e : v in [ v] su pply c u rre n t : i ss [ a] ta=105 ta=25 ta=-40 v in =5.0v , c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xxxxxr 0 5 10 15 20 25 30 35 40 45 50 -50 -25 0 25 50 75 100 125 ambi e n t t e m pe ra t u re : t a [ ] s up p l y cur r ent : i ss [ a] vin=5.0v c in =1.0f ( cer am i c ), c l =1.0f ( cer a m i c ) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 - 50 -25 0 25 50 75 100 125 ambie n t t e m pe ra t u re : t a [ ] ce t hr es ho l d v o l ta g e : v ce [ v] ce"h"level ce"l"level c in =1.0f(ceram i c ), c l =1.0f ( cer am i c ) XC8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 . 0 0 .5 1.0 1 .5 2.0 2 .5 in pu t vo lt a g e : v in [ v] ce " h " l ev el v ol t a g e : v ce h [ v] ta=105 ta=25 ta=-40 c in =1.0f(ceram i c ), c l =1.0f ( cer am i c ) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0 .5 1.0 1 .5 2.0 2 .5 in pu t vo lt a g e : v in [ v] ce " l " l ev el v o lta g e : v ce l [ v] ta=105 ta=25 ta=-40 c in =1.0f(ceram i c ), c l =1.0f ( ce r a m i c)
15/27 xc810 7 ser i es typical performance characteristics (continued) ( 11) o n r e s i s t ance vs . i n p u t v o ltag e ( s ot-25) ( 12) o n r e s i s t ance vs. a m b i ent t em p e r a t u r e (s o t -25) ( 13) o n r e s i s t ance vs . i n p u t v o ltag e ( u sp-6c ) ( 14) o n r e s i s t ance vs. a m b i ent t em p e r a t u r e (u s p -6c) ( 15) t ur n-on tim e v s . i np ut v o l tag e ( 16) t ur n-o n tim e v s . a m b ien t tem p er atur e xc 8107xxxxxr 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 -50 -25 0 25 50 75 100 125 ambi e n t t e m pe ra t u re : t a [ ] tur n-o n ti m e : t dly ( o n ) [ ms ] vin=2. 5v vin=3.5v vin=4.5v vin=5.0v vin=5.5v c in =1.0f ( cer am i c ), c l =1.0f ( cer a m i c ) x c 8107xxxxxr 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 2.0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 6.0 in pu t vo lt a g e : v in [ v] tur n-o n ti m e : t dly ( o n ) [ ms ] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xxxxmr 0 20 40 60 80 100 120 140 160 180 -50 -25 0 25 50 75 100 125 am bie n t t e m pe ra t u re : t a [ ] o n r es i s ta nce : r o n [m ] vin=2. 5v vin=3.5v vin=4.5v vin=5.0v vin=5.5v c in =1.0f ( cer am i c ), c l =1.0f ( ce r a m i c) x c 8107xxxxmr 0 20 40 60 80 100 120 140 160 180 2 . 0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 6.0 in pu t vo lt a g e : v in [ v] o n r es i s ta nce : r o n [m ] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) XC8107xxxxer 0 20 40 60 80 100 120 140 160 180 -50 -25 0 25 50 75 100 125 am bie n t t e m pe ra t u re : t a [ ] on r e s is t a n c e : r o n [ m ] vin=2.5v vi n =3. 5 v vin=4.5v vin=5.0v vin=5.5v c in =1.0f(ceram i c ), c l =1.0f ( ce r a m i c) XC8107xxxxer 0 20 40 60 80 100 120 140 160 180 2 . 0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 6.0 in pu t vo lt a g e : v in [ v] on r e s is t a n c e : r o n [ m ] ta=105 ta=25 ta=-40 c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c )
16/27 XC8107 series typical performance characteristics (continued) (1 7 ) tu r n - o ff ti m e v s . in pu t vol t a g e (1 8 ) tu r n - off ti m e v s . ambi ent t em p e r a tur e ( 19) f lg d elay tim e o ver -cur r ent ( 20) f lg d elay tim e r ever s e-vo ltag e v s. ambi e n t t e mpe ra tu re v s. ambi e n t t e mpe ra tu re (21)o ut p u t v o lt age vs. o u t p ut cur r ent XC8107xxxxxr 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 -50 -25 0 25 50 75 100 125 ambie n t t e m pe ra t u re : t a [ ] tur n-o f f t i m e : t d l y ( off) [ ms ] vin=2.5v vin=3. 5v vin=4.5v vin=5.0v vin=5.5v c in =1.0f(cerami c ), c l =1.0f ( cer am i c ) XC8107xxxxxr 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 2.0 2 .5 3.0 3 .5 4.0 4 .5 5.0 5 .5 6.0 in pu t vo l t a g e : v in [ v] tur n-o f f t i m e : t d l y ( off) [ ms ] ta=105 ta=25 ta=-40 v in =4.3v , c in =1.0f ( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xxxxxr 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 -50 -25 0 25 50 75 100 125 ambie n t t e m pe ra t u re : t a [ ] f l g ov er -cur r ent : t fd [ ms ] vin=2.5v vin=3.5v vin=4. 5v vin=5.0v vin=5.5v c in =1.0f(ceramic), c l =1.0f ( cer am i c ) x c 8107xxxxxr 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -50 -25 0 2 5 5 0 7 5 100 125 ambie n t t e m pe ra t u re : t a [ ] f l g re v e rs e - v olt a g e : t fd [ ms ] vin=2.5v vin=3.5v vin=4. 5v vin=5.0v c in =1.0f(ceramic), c l =1.0f ( cer am i c ) XC8107xcxxxr 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0.0 0 .5 1.0 1 .5 2.0 2 .5 3.0 3 .5 4.0 o u tp ut c ur r ent : i out [ a] ou t p u t vo l t a g e : v out [ v] 0.5a type 1.0a type 1.5a type 2.0a type c in =1.0f( cer am i c ), c l =1.0f ( cer am i c ) x c 8107xd xxxr 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0.0 0 .5 1.0 1 .5 2.0 2 .5 3.0 3 .5 4.0 o u tp ut c ur r ent : i out [ a] ou t p u t vo l t a g e : v out [ v] 0.5a type 1.0a type 1.5a type 2.0a type c in =1.0f( cer am i c ), c l =1.0f ( cer am i c ) i f t he o v er -cur r ent st a t e l ast s fo r 7.5m s, t he l a t ch off t y p e t u rns off t he p ower switch transistor.
17/27 xc810 7 ser i es typical performance characteristics (continued) ( 22) t ur n-on d e lay vs . r i s e t im e ( c l =1. 0 f) ( 23) t ur n-o d e lay vs . fall tim e ( c l =1. 0 f) ( 24) t ur n-on d e lay vs . r i s e t im e ( c l =120 f) ( 25) t ur n-o d e lay vs . fall tim e ( c l =120 f ) ( 26) s ho r t c ir cuit c u r r ent, d e vice enab led i n to s ho r t x c 8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [40 s /d i v ] vo lt a g e : [ v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s u p p l y cur r ent : i s u ppl y [ a] ce input voltage v ce =0v 5.0v , t r = 5 s, t a=25 v in =5.0v , c in =c l =1.0 f ( cer am i c ) ou tpu t v o l ta g e s upply current xc 8107xx10xr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 t i m e [40 s /d i v ] vo lt a g e : [ v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 su pply c u rre n t : i s u ppl y [ a] ce input v o l t a ge v ce =5.0v 0v , t f=5s, t a=25 v in =5.0 v , c in =1.0f , c l =120f ( cer am i c ) o u tpu t voltage s u ppl y current x c 8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] ce input v o l t a ge v ce =0v 5.0v , t r = 5 s, r l =10 , t a =25 v in =5.0v , c in =1.0f , c l =120 f ( cer am i c ) outpu t v o l ta g e s u pply current xc 8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [500 s / d i v ] v o l t a g e : [v ] -0 . 5 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 s up p l y cur r ent : i s u ppl y [ a] ce input v o l t a ge v ce =5.0v 0 v , t f=5 s, r l =10, t a=25 v in =5.0v , c in =1.0f , c l =120f ( cer am i c ) output v o l ta g e s u ppl y current x c 8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [100 s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 sup p l y cur r ent : i s u ppl y [ a] ce i nput v o l t a ge v ce =0v 5.0v , t r =5s, r l =10 , t a =25 v in =5.0v , c in =c l =1.0 f ( cer am i c ) ou tput v o l ta g e s upply current XC8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [100 s / d i v ] v o l t a g e : [v ] -0 . 5 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 s up p l y cur r ent : i s u ppl y [ a] ce input v o l t a ge v ce =5.0v 0 v , t f=5s, r l =10, t a =25 v in =5.0v , c in =c l =1.0f ( cer am i c ) o u tput voltage suppl y current
18/27 XC8107 series typical performance characteristics (continued) 27s h o r t - cur cuit t r ansient resp o n s e 28s h o r t - cur cuit t r ansie nt resp o nse (v ou t =5 . 0 s ho r t , c l =1. 0 f ) (v ou t =sho r t 5 . 0 , c l =1. 0 f ) 29s h o r t - cur cuit t r ansient resp o n s e 30s h o r t - cur cuit t r ansie nt resp o nse (v ou t =op en sho r t , c l =1. 0 f ) (v ou t =sho r t o p en, c l =1. 0 f ) 31s h o r t - cur cuit t r ansient resp o n s e 32s h o r t - cur cuit t r ansie nt resp o nse (v ou t =5 . 0 s ho r t , c l =120 f ) (v ou t =sho r t 5 . 0 , c l =120 f ) xc 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2m s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] flg vol t age v in =5.0v , t f =100 s, t a=25 f l g=100k, c in =c l =1.0 f ( cer am i c ) o u tpu t voltage s u ppl y current v out = short ci r cui t t o v s s xc 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2m s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] flg voltage v in =5.0v , t r =100s, t a=25 f l g=100k, c in =c l =1.0f ( cer am i c ) o u tpu t vo l ta g e s u ppl y c u rrent v out = remov ed sho r t ci r cui t x c 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2m s / d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s u p p l y cur r ent : i s u ppl y [ a] flg voltage v in =5.0v , t f =100 s, t a=25 f l g=100k, c in =c l =1.0 f ( cer am i c ) o u tpu t v oltage s u ppl y c u rrent v out = short circui t t o v s s xc 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 t i m e [2m s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] flg voltage ou tpu t v o l ta g e suppl y c u r r ent v in =5.0v, tr=100s, ta=25 f l g =100k, c in =c l =1.0f ( cer am i c ) v ou t = rem o v ed short ci r cui t x c 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2m s / d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] flg voltage v in =5.0v , t f =100 s, t a=25 f l g=100k, c in =1.0f , c l =120 f (cer am i c) output voltage supply current v ou t = short circuit to vs s XC8107xc10xr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 t i m e [2m s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] flg voltage v in =5.0v, tr=100s, ta=25 f l g=100k , c in =1.0f , c l =120f ( cer am i c ) output voltage s u pply current v ou t = rem oved short circuit
19/27 xc810 7 ser i es typical performance characteristics (continued) 33s h o r t - cur cuit t r ansient resp o n s e 34short-curcuit transie nt response (v ou t =op en sho r t , c l =120 f ) (v ou t =sho r t o p en, c l =120 f ) ( 35) u v l o tr ans i ent r es p o ns e ( c l =1. 0 f) ( 36) u v l o tr ans i ent r es p o ns e ( c l =120 f) x c 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] vo lt a g e : [ v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] inpu t v o l t a g e v in =0v 5.0v , t r = 3 m s, t a=25 r l =5, c in =c l =1.0 f ( cer am i c ) outpu t v o l ta g e s u pply current xc 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [500 s / d i v ] vo lt a g e : [ v ] -0 . 5 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 su pply c u rre n t : i s u ppl y [ a] inpu t v o l t a g e v in =5.0v 0v , t f=3m s, t a=25 r l =5, c in =c l =1.0f ( cer am i c ) outpu t v o l ta g e s u pply current x c 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 s up p l y cur r ent : i s u ppl y [ a] input v o l t a g e v in =0v 5.0v , t r =3m s , t a=25 r l =5, c in =1.0f , c l =120 f ( cer am i c ) o u tpu t voltage s u ppl y current XC8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [500 s / d i v ] v o l t a g e : [v ] -0 . 5 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 s up p l y cur r ent : i s u ppl y [ a] input v o l t a g e v in =5.0v 0v , t f=3m s, t a=25 r l =5, c in =1.0f , c l =120f ( cer am i c ) o u tput v o ltage s u ppl y c urrent x c 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2m s /d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 su pply c u rre n t : i s u ppl y [ a] flg vo lta g e v in =5.0v , t f =100s , t a=25 f l g=100k, c in =1.0f , c l =120 f ( cer am i c ) ou tpu t v o l ta g e s upply current v ou t = short ci r cui t t o v ss xc 8107x c 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 t i m e [2m s /d i v ] v o l t a g e : [v ] -0 . 5 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 su pp ly c u rre n t : i s u ppl y [ a] flg vo lta g e v in =5.0v , t r =100s, t a=25 f l g=100k, c in =1.0f , c l =120f ( cer am i c ) o utput v o l ta g e sup p l y current v out = r em o v ed sho r t ci r cui t
20/27 XC8107 series typical performance characteristics (continued) ( 37) r ever s e v o l tag e d etected v o l tag e ( c l =1. 0 f) ( 38) r ever s e v o l tag e r eleas e d v o ltag e ( c l =1 . 0 f ) ( 39) r ever s e v o l tag e d etected v o l tag e ( c l =120 f) ( 40) r ever s e v o l tag e r eleas e d v o ltag e ( c l =1 20 f) 41ce t ransient resp o nse x c 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] vo lt a g e : [ v ] -2.0 -1.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 su pply c u rre n t : i s u ppl y [ a] inpu t v o l t a g e v in =5.0v , r l =5 , t a=25 c in =c l =1.0 f ( cer am i c ) o u tput voltage s u pply current flg vo lta g e v out =5.5v fo r ced xc 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [500 s / d i v ] vo lt a g e : [ v ] -2 . 0 -1 . 0 0. 0 1. 0 2. 0 3. 0 4. 0 5. 0 6. 0 s u p p l y cur r e nt : i s u ppl y [ a] inpu t v o l t a g e v i n=5.0v , r l =5, t a =25 c in =c l =1.0f ( cer am i c ) o u tput voltage s u pply current flg vo lta g e v out = 5 .5v rem o v e d x c 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] v o l t a g e : [v ] -2.0 -1.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 s u p p l y cur r ent : i s u ppl y [ a] input v o l t a g e v in =5 .0v , t a=25 c in =1.0f , c l =120 f (cer am i c) o u tput vo l ta g e s u ppl y current flg volta g e v out =5.5v fo r ced xc 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti me [500 s / d i v ] v o l t a g e : [v ] -2 . 0 -1 . 0 0. 0 1. 0 2. 0 3. 0 4. 0 5. 0 6. 0 su pply c u rre n t : i s u ppl y [ a] input v o l t a g e v in =5.0v , t a =25 c in =1.0f , c l =120f ( cer am i c ) o u tpu t voltage suppl y c u rrent flg volta g e v out = 5.5v rem o v e d XC8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [500 s /d i v ] v o l t a g e : [v ] -0.005 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 i n r us h cur r ent : i ru sh [ a ] 0.5a type 1.0a type 1. 5a t ype 2.0a type ce v ol t a ge v ce =05.0v, t r =5 s, t a =25 v in =5.0v , c in =c l =1.0 f ( cer am i c ) in rush current xc 8107xxxxxr -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 t i m e [500 s / d i v ] v o l t a g e : [v ] -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 in r us h cur r ent : i ru sh [ a ] 0.5a type 1.0a type 1.5a type 2.0a t ype v ce =05.0v , t r =5s, t a=25 v in =5 .0v , c in =1.0f , c l =120f ( cer am i c ) ce voltage i n r ush current
21/27 xc810 7 ser i es typical performance chara cteristics (continued) (42)s ho r t a p p lied ( 43) c u r r ent lim it a d a p t ed t im e x c 8107x x 10x r -8.0 -6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 ti m e [2 s /d i v ] vo lt a g e : [ v ] -2.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 i n r u s h c u rr e n t : [ a] in r ush c u r r ent v in =5.0v , t a =25 c l =o pen output v o l ta g e v out = short ci r cui t t o v s s xc 8107x x 10x r 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0.0 1 .0 2 . 0 3 .0 4.0 5 .0 6.0 pe a k limit cu rre n t [ a] cur r ent l i m i t r e s p o ns e : [ s ] v in =5.0v , t a =25 c l =o pen
22/27 XC8107 series packaging information usp-6c (unit:mm) sot - 25 (unit:mm) 1.80.05 (0.50) (0.1) 1.40.05 0. 2 0 0 .0 5 0. 300.0 5 0.100.05 1pin indent 0.05
23/27 xc810 7 ser i es packaging information (continued) usp-6c referenc e pattern lay o ut (unit: mm) usp-6c re ferenc e met a l mask desi gn ( unit: mm)
24/27 XC8107 series packaging information (continued) sot - 25 po w e r diss i pation po w e r d i ssip a ti on dat a for the sot - 25 is show n in this p age . t he value of p o w e r d i ssip a tio n varies w i t h the mount bo ard cond itions. please use this dat a as the referenc e dat a t a ken in the fo llo w i ng c ond itio n. 1. measurem e n t cond itio n condition: mount on a bo ar d ambient: natural convection soldering: lead (pb ) free board: dimensions 40 x 40 mm (160 0 m m 2 in one side) copper (cu ) trac es occupy 5 0% o f the board area in top and back f a ces package heat-sink is tied to the copper tr aces (board of s o t-2 6 is used) material: glass epoxy (f r - 4) t h ickness: 1.6mm throug h-hole 4 x 0.8 diameter 2. po w e r diss i p a tio n vs. ambient t e mperatur e (105 ) board mo unt (t jmax= 125 ) ambien t t e mp erature ( ) power dissipation pd (mw) thermal resistance ( /w) 25 600 105 120 166.6 7 pd - t a 0 100 200 300 400 500 600 700 25 45 65 85 105 125 ? ? t a S ?p? p d m w evaluation board (unit: mm) pd vs. t a ambie n t t e mperature: t a ( ) p ower di ss i pat i on: pd ( m w) 40.0 2.54 1.4 28. 9
25/27 xc810 7 ser i es packaging information (continued) usp-6c p o w e r diss i p a tio n po w e r d i ssip a ti on dat a for the usp-6c is sh o w n in this p age . t he value of p o w e r d i ssip a tio n varies w i t h the mount bo ard cond itions. please use this dat a as the referenc e dat a t a ken in the fo llo w i ng c ond itio n. 1. measurem e n t cond itio n condition: mount on a bo ar d ambient: natural convection soldering: lead (pb ) free board: dimensions 40 x 40 mm (160 0 m m 2 in one side) copper (cu ) trac es occupy 5 0% o f the board area in top and back f a ces package heat-sink is tied to the copper tr aces material: glass epoxy (f r - 4) t h ickness: 1.6mm throug h-hole 4 x 0.8 diameter 2. po w e r diss i p a tio n vs. ambient t e mperatur e (105 ) board mo unt (t jmax= 125 ) ambien t t e mp erature ( ) power dissipation pd (mw) thermal resistance ( /w) 25 1000 105 200 100.0 0 pd - t a 0 200 400 600 800 1000 1200 25 45 65 85 105 125 ? ? t a S p? p d m w evaluation board (unit: mm) pd vs. t a ambie n t t e mperature: t a ( ) p ower di ss i pat i on: pd ( m w)
26/27 XC8107 series marking rule ? repres ent s producti on l o t number 01 09 , 0 a 0z , 1 1 9z , a1 a9, aa az, b1 zz in o r d e r . ( g , i , j , o , q , w e x cl u d e d ) * no character i n ver sion us ed. represe n ts prod ucts series mark product series z XC8107******-g represents product type mark ce logic protection circuit type product series 1 active hig h auto-recov e r y XC8107ac****-g 2 active hig h latch-of f XC8107ad****-g 3 active lo w auto-recov e r y XC8107bc****-g 4 active lo w latch-of f XC8107bd****-g represents maximum output current mark current (a) product series 1 0.5 XC8107**05**-g 2 1.0 XC8107**10**-g 3 1.5 XC8107**15**-g 4 2.0 XC8107**20**-g 123 54 s o t -25 1 2 3 6 5 4 usp-6c
27/27 xc810 7 ser i es 1. the p r odu ct s and p r od uct specifi c ation s cont aine d he rein are subje c t to cha nge without notice to im prove pe rformance ch ara c teri stic s. consult us, or our rep r e s e n t a tive s before u s e, to confirm that the inform at io n in this dat a s he et is up to date. 2. w e assu me no respon sibi lity for any infri ngem ent of p a tent s, p a t ent right s, or other right s ari s in g from the use of any inform ation and circuitry in this dat asheet. 3. please e n su re suit able ship ping con t rols (i ncl udi ng fail-safe desi g n s and aging prote c tion ) are in force fo r equipm ent e m ploying p r o duct s liste d in this dat a s he et. 4. the p r odu ct s in this dat asheet are not devel op ed, d e sig ned, o r a pprove d for u s e with su ch equi pm ent who s e fai l ure of malfu n cti on can b e rea s on ably expected to dire ctly enda nge r the life of, or cau s e si gnificant injury to, the use r . (e.g. atomic energy; ae rosp a c e; tra n sp or t; co m bustio n and asso ciated safety equipm ent thereof.) 5. please u s e th e prod uct s listed in this dat ash eet within the spe c ified rang es. should you wish to use the prod uct s unde r con d itions exceedin g the specifi c ation s , plea se con s ul t us or ou r re pre s ent atives. 6. w e a s sume n o respon sibilit y for damage or loss du e to abnormal u s e. 7. all right s re se rved. no p a rt of this dat a s heet may be copi ed or rep r odu ce d with out the prio r permissi on of t o rex semiconduct o r l t d.


▲Up To Search▲   

 
Price & Availability of XC8107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X