Part Number Hot Search : 
D74HC4 FSP33035 SA28AG M800H SAE0530 AX168 KBPC10 APM4048D
Product Description
Full Text Search
 

To Download TDA2000-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series tda-v features for commercial and industrial applications where large volumes of air are required at moderate to high pressure, special designed integral straightening vanes, reduced turbulence, provide high perf ormance and low sound level. construction double flanged casing is produced in mild steel or galvanised steel, the impeller having manually adjustable pitch aerofoil blades is made of aluminium. finish a vailable in standard finishes of g alvanisation or paintin g . operating temperature -20 c to +55 c motors totally enclosed class ?f? motor, to a min. ip54 protection are fitted as standard. standard motor up to 2.2kw are usually supplied on dol starting, motor 3.0kw and above are star/delta starting. airflow direction a ir flowin g from impeller to motor is fitted as standard. direct driven model: tda 2000-v / 31bn / 6-6 /__/_ kruger ventilation industries pte ltd certifies that the tda 2000-v shown herein is licensed to bear the amca seal. the ratings shown are based on tests and procedures performed in accordance with amca publication 211 and comply with the requirements of the amca certified ratings program. a irflow direction ? b blade angle - 6, 8, 10, 12, 14, 16, 18 20, 22, 24, 26, 28, 30 lea/TDA2000-V.e0 - march 2008 - __/__ motor no. of pole ? 8 motor power kw 32 x ?14 1400 ?2000 ?2073 ?2130 * all dimension in mm http://
tda 2000-v/ 31bn/ 6-6/ _ _ / _ 725rpm - 50hz - performance certified is for installation type d - ducted inlet, ducted outlet. performance ratings do not include the effects of appurtenances (accessories). - the amca certified ratings seal applies to air performance ratings only. 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 0 102030405060708090100 total pressure (pa) 0 20 40 60 80 100 absorbed power (kw) 0 10 20 30 40 50 60 70 80 0 102030405060708090100 total efficiency (%) q [m3/s] q [m3/s] 0 5 10 15 20 25 30 v [m/s] =1.22kg/m3 8 20 22 24 26 28 30 12 14 16 18 10 6 24 28 30 22 20 12 18 16 14 10 8 6 26 6 22 24 26 20 28 30 12 14 16 18 10 8 http://


▲Up To Search▲   

 
Price & Availability of TDA2000-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X