|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
unit:mm ????????? moulded type straight plugs tcp8300 series tcp8380 emi-proof 43.6 30.6 65 10.6 a 12.6 12.6 8.95 tcp7100 series ?????????? quick lock type tcp7180 emi-proof 10.6 13.6 13.6 a 22 5 6.7 43.5 / v n c f s p g 1 j o b c b c 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 " n n 5 $ 1 4 f s j f t . p e f m / p 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 " n n 5 $ 1 4 f s j f t . p e f m / p 5 $ 1 5 $ 1 5 $ 1 5 $ 1 5 $ 1 ?g 5 $ 1 z 5 $ 1 3???xz???? rt????wh?z ?? ? a ?q`o b ?`?bwpz??w?w? ?xpv? d?{ g a ?w ?p?x 6 - ppb{ 7 1-??qw&tmmo q a 1 ?? `oxi^m{ w 1 b ??x 1 1-??qz 1 b ??x 1z 1 1-??q ? ?w-wtslos??d?{ ez?? z?? notes: 1. the 5 $ 1 5 $ 1 series plugs are made by insertion molding with cords. plugs cannot be sold independently. 2. the insulation materials of the above products are recognized by ul (94v-0). 3. combinations with sockets q please see page . w the combinations of the 5p (a) plug and the 6p socket, the 8p (a) plug and the 6p socket, and the 8p (a) plug and the 7p socket are not designed for error connecting prevention. 4. color: black, gray 1, gray 2 te? ? x 1 ?? `o <^m { ? 1 s f b t f t f f q b h f g p s q j o b s s b o h f n f o u " n n 5 $ 1 4 f s j f t . p e f m / p |
Price & Availability of TCP8360 |