Part Number Hot Search : 
7C135 PTM10 ZTACVMX 5KP140CA SBC81207 2SC544 PTM10 SU802833
Product Description
Full Text Search
 

To Download STD18N65M5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. july 2012 doc id 023446 rev 1 1/18 18 stb18n65m5, STD18N65M5 n-channel 650 v, 0.198 typ., 15 a mdmesh? v power mosfet in d2pak and dpak packages datasheet ? production data features worldwide best r ds(on) * area higher v dss rating and high dv/dt capability excellent switching performance 100% avalanche tested applications switching applications description these devices are n-channel mdmesh? v power mosfets based on an innovative proprietary vertical process technology, which is combined with stmicroelectronics? well-known powermesh? horizontal layout structure. the resulting product has extremely low on- resistance, which is unmatched among silicon- based power mosfets, making it especially suitable for applications which require superior power density and outstanding efficiency. figure 1. internal schematic diagram order codes v dss @ t jmax r ds(on) max i d stb18n65m5 710 v < 0.22 15 a STD18N65M5 d 2 pak 1 3 2 tab 1 3 tab 2 dpak !-v $ 4!" ' 3 table 1. device summary order codes marking package packaging stb18n65m5 18n65m5 d 2 pa k tape and reel STD18N65M5 dpak www.st.com free datasheet http:///
contents stb18n65m5, STD18N65M5 2/18 doc id 023446 rev 1 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 free datasheet http:///
stb18n65m5, STD18N65M5 electrical ratings doc id 023446 rev 1 3/18 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit d 2 pak dpak v gs gate-source voltage 25 v i d drain current (continuous) at t c = 25 c 15 a i d drain current (continuous) at t c = 100 c 9.4 a i dm (1) drain current (pulsed) 60 a p tot total dissipation at t c = 25 c 110 w dv/dt (1) 1. i sd 15 a, di/dt 400 a/s; v dspeak < v (br)dss , v dd = 400 v peak diode recovery voltage slope 15 v/ns t stg storage temperature - 55 to 150 c t j max. operating junction temperature 150 c table 3. thermal data symbol parameter value unit d 2 pa k d pa k r thj-case thermal resistance junction-case max 1.14 c/w r thj-pcb (1) 1. when mounted on 1 inch2 fr-4, 2 oz copper board. thermal resistance junction-pcb max 30 50 c/w table 4. avalanche characteristics symbol parameter value unit i ar avalanche current, repetetive or not repetetive (pulse width limited by t jmax ) 4a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar ; v dd =50 v) 210 mj free datasheet http:///
electrical characteristics stb18n65m5, STD18N65M5 4/18 doc id 023446 rev 1 2 electrical characteristics (t c = 25 c unless otherwise specified) table 5. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 650 v i dss zero gate voltage drain current (v gs = 0) v ds = 650 v v ds = 650 v, t c =125 c 1 100 a a i gss gate-body leakage current (v ds = 0) v gs = 25 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 3 4 5 v r ds(on) static drain-source on- resistance v gs = 10 v, i d = 7.5 a 0.198 0.22 table 6. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 100 v, f = 1 mhz, v gs = 0 - 1240 32 3.2 - pf pf pf c o(tr) (1) 1. time related is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss equivalent capacitance time related v ds = 0 to 520 v, v gs = 0 -99-pf c o(er) (2) 2. energy related is defined as a constant equival ent capacitance giving the same stored energy as c oss when v ds increases from 0 to 80% v dss equivalent capacitance energy related -30-pf r g intrinsic gate resistance f = 1 mhz open drain - 3 - q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 520 v, i d = 7.5 a, v gs = 10 v (see figure 18 ) - 31 8 14 - nc nc nc free datasheet http:///
stb18n65m5, STD18N65M5 electrical characteristics doc id 023446 rev 1 5/18 table 7. switching times symbol parameter test conditions min. typ. max unit t d (v) t r (v) t f(i) t c(off) voltage delay time voltage rise time current fall time crossing time v dd = 400 v, i d = 9.5 a, r g = 4.7 , v gs = 10 v (see figure 19 and figure 22 ) - 36 7 9 11 - ns ns ns ns table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area. source-drain current source-drain current (pulsed) - 15 60 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 15 a, v gs = 0 - 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 15 a, di/dt = 100 a/s v dd = 100 v (see figure 22 ) - 290 3.4 23.5 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 15 a, di/dt = 100 a/s v dd = 100 v, t j = 150 c (see figure 22 ) - 352 4 24 ns c a free datasheet http:///
electrical characteristics stb18n65m5, STD18N65M5 6/18 doc id 023446 rev 1 2.1 electrical characteristics (curves) figure 2. safe operating area for d 2 pak figure 3. thermal impedance for d 2 pak figure 4. safe operating area for dpak figure 5. thermal impedance for dpak figure 6. output characteristics figure 7. transfer characteristics i d 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am124 8 7v1 i d 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am124 8 71v1 i d 15 10 5 0 0 10 v d s (v) 20 (a) 5 15 20 25 v g s = 6 v v g s = 7 v v g s = 8 v v g s = 9, 10 v 3 0 3 5 am12472v1 i d 15 10 5 0 3 5 v g s (v) 7 (a) 4 6 8 20 25 9 v d s = 25 v 3 0 3 5 am124 8 6v1 free datasheet http:///
stb18n65m5, STD18N65M5 electrical characteristics doc id 023446 rev 1 7/18 figure 8. gate charge vs gate-source voltage figure 9. static drain-source on-resistance figure 10. capacitance variations figure 11. output capacitance stored energy figure 12. normalized gate threshold voltage vs temperature figure 13. normalized on-resistance vs temperature v g s 6 4 2 0 0 5 q g (nc) (v) 20 8 10 15 10 v dd =520v i d =7.5a 3 00 200 100 0 400 500 v d s (v) v d s 25 3 0 12 am12474v1 r d s (on) 0.19 0.1 8 0.17 0.16 0 6 i d (a) ( ) 4 8 0.2 0.21 0.22 v g s =10v 0.2 3 0.24 2 10 12 14 am12475v1 c 1000 100 10 1 0.1 10 v d s (v) (pf) 1 10000 100 ci ss co ss cr ss am12476v1 e o ss 2 1 0 0 v d s (v) ( j) 400 3 200 4 5 600 6 am124 8 4v1 v g s (th) 1.00 0.90 0. 8 0 0.70 -50 0 t j (c) (norm) -25 1.10 75 25 50 100 i d = 250 a v d s = v g s am12471v1 r d s (on) 1.7 1. 3 0.9 0.5 -50 0 t j (c) (norm) -25 75 25 50 100 0.7 1.1 1.5 1.9 2.1 v g s = 10v i d = 7.5 a am124 83 v1 free datasheet http:///
electrical characteristics stb18n65m5, STD18N65M5 8/18 doc id 023446 rev 1 figure 14. drain-source diode forward characteristics figure 15. normalized b vdss vs temperature figure 16. switching losses vs gate resistance (1) 1. eon including reverse recovery of a sic diode v s d 0 20 i s d (a) (v) 10 50 3 0 40 0 0.2 0.4 0.6 0. 8 1.0 1.2 t j =-50c t j =150c t j =25c am05461v1 v d s -50 0 t j (c) (norm) -25 75 25 50 100 0.92 0.94 0.96 0.9 8 1.00 1.04 1.06 1.02 i d = 1ma 1.0 8 am10 3 99v1 e 0 0 20 r g ( ) ( j) 10 3 0 20 40 40 i d =9.5a v dd =400v eon eoff 60 v g s =10v 8 0 100 120 140 160 am124 8 5v1 free datasheet http:///
stb18n65m5, STD18N65M5 test circuits doc id 023446 rev 1 9/18 3 test circuits figure 17. switching times test circuit for resistive load figure 18. gate charge test circuit figure 19. test circuit for inductive load switching and diode recovery times figure 20. unclamped inductive load test circuit figure 21. unclamped inductive waveform figure 22. switching time waveform !-v 6 '3 0 7 6 $ 2 ' 2 , $54  &  & 6 $$ !-v 6 $$ k k k k k 6 6 i 66 '-!8  & 0 7 ) ' #/.34  n& $54 6 ' !-v ! $ $54 3 " '  ! ! " " 2 ' ' &!34 $)/$% $ 3 , ( &   & 6 $$ !-v 6 i 0 w 6 $ ) $ $54 ,  &  & 6 $$ !-v 6 "2 $33 6 $$ 6 $$ 6 $ ) $- ) $ am05540v2 id vg s vd s 90 % vd s 10 % id 90 % vg s on tdel a y-off tf a ll tri s e tcro ss -over 10 % vd s 90 % id vg s (i(t)) on -off tf a ll tri s e - )) concept w a veform for ind u ctive lo a d t u rn-off free datasheet http:///
package mechanical data stb18n65m5, STD18N65M5 10/18 doc id 023446 rev 1 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack is an st trademark. table 9. d2pak (to-263) mechanical data dim. mm min. typ. max. a4.40 4.60 a1 0.03 0.23 b0.70 0.93 b2 1.14 1.70 c0.45 0.60 c2 1.23 1.36 d8.95 9.35 d1 7.50 e 10 10.40 e1 8.50 e2.54 e1 4.88 5.28 h 15 15.85 j1 2.49 2.69 l2.29 2.79 l1 1.27 1.40 l2 1.30 1.75 r0.4 v2 0 8 free datasheet http:///
stb18n65m5, STD18N65M5 package mechanical data doc id 023446 rev 1 11/18 figure 23. d2pak (to-263) drawing figure 24. d2pak footprint (a) a. all dimensions are in millimeters 0079457_t 16.90 12.20 9.75 3 .50 5.0 8 1.60 footprint free datasheet http:///
package mechanical data stb18n65m5, STD18N65M5 12/18 doc id 023446 rev 1 table 10. dpak (to-252) mechanical data dim. mm min. typ. max. a2.20 2.40 a1 0.90 1.10 a2 0.03 0.23 b0.64 0.90 b4 5.20 5.40 c0.45 0.60 c2 0.48 0.60 d6.00 6.20 d1 5.10 e6.40 6.60 e1 4.70 e2.28 e1 4.40 4.60 h 9.35 10.10 l1 1.50 l1 2.80 l2 0.80 l4 0.60 1 r0.20 v2 0 8 free datasheet http:///
stb18n65m5, STD18N65M5 package mechanical data doc id 023446 rev 1 13/18 figure 25. dpak (to-252) drawing figure 26. dpak footprint (b) b. all dimensions are in millimeters 006 8 772_i 6.7 1.6 1.6 2. 3 2. 3 6.7 1. 8 3 am0 88 50v1 free datasheet http:///
packaging mechanical data stb18n65m5, STD18N65M5 14/18 doc id 023446 rev 1 5 packaging mechanical data table 11. dpak (to-252) tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 6.8 7 a 330 b0 10.4 10.6 b 1.5 b1 12.1 c 12.8 13.2 d 1.5 1.6 d 20.2 d1 1.5 g 16.4 18.4 e 1.65 1.85 n 50 f 7.4 7.6 t 22.4 k0 2.55 2.75 p0 3.9 4.1 base qty. 2500 p1 7.9 8.1 bulk qty. 2500 p2 1.9 2.1 r40 t 0.25 0.35 w 15.7 16.3 table 12. d2pak (to-263) tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 10.5 10.7 a 330 b0 15.7 15.9 b 1.5 d 1.5 1.6 c 12.8 13.2 d1 1.59 1.61 d 20.2 e 1.65 1.85 g 24.4 26.4 f 11.4 11.6 n 100 k0 4.8 5.0 t 30.4 p0 3.9 4.1 p1 11.9 12.1 base qty 1000 p2 1.9 2.1 bulk qty 1000 free datasheet http:///
stb18n65m5, STD18N65M5 packaging mechanical data doc id 023446 rev 1 15/18 figure 27. tape for d2pak (to-263) and dpak (to-252) r50 t 0.25 0.35 w 23.7 24.3 table 12. d2pak (to-263) tape and reel mechanical data (continued) tape reel dim. mm dim. mm min. max. min. max. p1 a0 d1 p0 f w e d b0 k0 t u s er direction of feed p2 10 pitche s c u m u l a tive toler a nce on t a pe +/- 0.2 mm u s er direction of feed r bending r a di us top cover t a pe am0 88 52v2 free datasheet http:///
packaging mechanical data stb18n65m5, STD18N65M5 16/18 doc id 023446 rev 1 figure 28. reel for d2pak (to-263) and dpak (to-252) a d b f u ll r a di us g me asu red a t h ub c n reel dimen s ion s 40mm min. acce ss hole at s lot loc a tion t t a pe s lot in core for t a pe s t a rt 25 mm min. width am0 88 51v2 free datasheet http:///
stb18n65m5, STD18N65M5 revision history doc id 023446 rev 1 17/18 6 revision history table 13. document revision history date revision changes 18-jul-2012 1 first release. free datasheet http:///
stb18n65m5, STD18N65M5 18/18 doc id 023446 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com free datasheet http:///


▲Up To Search▲   

 
Price & Availability of STD18N65M5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X