Part Number Hot Search : 
A7BW99AA BZX55 BC328 MAX44 BGA2011 MAX2664 TFS70Q LT350112
Product Description
Full Text Search
 

To Download SMBT3904L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-03-28 1 smbt3904...mmbt3904 npn silicon switching transistors ? high dc current gain: 0.1 ma to 100 ma ? low collector-emitter saturation voltage ? for smbt3904s / smbt3904u: two (galvanic) internal isolated transistors with good matching in one package ? complementary types: smbt3906... mmbt3906 ? smbt3904s / u: for orientation in reel see package information below ? pb-free (rohs compliant) package 1) ? qualified according aec q101 smbt3906s/u eha07178 6 54 3 2 1 c1 b2 e2 c2 b1 e1 tr1 tr2 type markin g pin configuration package smbt3904/mmbt3904 SMBT3904L3* smbt3904s smbt3904u s1a 1a s1a s1a 1=b 1=b 1=e1 1=e1 2=e 2=e 2=b1 2=b1 3=c 3=c 3=c2 3=c2 - - 4=e2 4=e2 - - 5=b2 5=b2 - - 6=c1 6=c1 sot23 tslp-3-4 sot363 sc74 * preliminary data 1 pb-containing package may be available upon special request
2007-03-28 2 smbt3904...mmbt3904 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 40 v collector-base voltage v cbo 60 emitter-base voltage v ebo 6 collector current i c 200 ma total power dissipation- t s 69c t s tbdc t s 115c t s 105c p tot 330 250 250 330 mw junction temperature t j 150 c storage temperature t stg -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) smbt3904/mmbt3904 SMBT3904L3 smbt3904s smbt3904u r thjs 245 tbd 140 135 k/w 1 for calculation of r thja please refer to application note thermal resistance
2007-03-28 3 smbt3904...mmbt3904 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 40 - - v collector-base breakdown voltage i c = 10 a, i e = 0 v (br)cbo 60 - - emitter-base breakdown voltage i e = 10 a, i c = 0 v (br)ebo 6 - - collector-base cutoff current v cb = 30 v, i e = 0 i cbo - - 50 na dc current gain 1) i c = 100 a, v ce = 1 v i c = 1 ma, v ce = 1 v i c = 10 ma, v ce = 1 v i c = 50 ma, v ce = 1 v i c = 100 ma, v ce = 1 v h fe 40 70 100 60 30 - - - - - - - 300 - - - collector-emitter saturation voltage 1) i c = 10 ma, i b = 1 ma i c = 50 ma, i b = 5 ma v cesat - - - - 0.2 0.3 v base emitter saturation voltage 1) i c = 10 ma, i b = 1 ma i c = 50 ma, i b = 5 ma v besat 0.65 - - - 0.85 0.95 1 pulse test: t < 300s; d < 2%
2007-03-28 4 smbt3904...mmbt3904 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics transition frequency i c = 10 ma, v ce = 20 v, f = 100 mhz f t 300 - - mhz collector-base capacitance v cb = 5 v, f = 1 mhz c cb - - 3.5 pf emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - - 8 delay time v cc = 3 v, i c = 10 ma, i b1 = 1 ma, v be(off) = 0.5 v t d - - 35 ns rise time v cc = 3 v, i c = 10 ma, i b1 = 1 ma, v be(off) = 0.5 v t r - - 35 storage time v cc = 3 v, i c = 10 ma, i b1 = i b2 = 1 ma t stg - - 200 fall time v cc = 3 v, i c = 10 ma, i b1 = i b2 = 1 ma t f - - 50 noise figure i c = 100 a, v ce = 5 v, f = 1 khz, ? f = 200 hz, r s = 1 k ? f - - 5 db
2007-03-28 5 smbt3904...mmbt3904 test circuits delay and rise time ehn00061 275 10 k +3.0 v 0 -0.5 v <4.0 pf c +10.9 v d = 2% 300 ns <1.0 ns ? ? storage and fall time ehn00062 275 10 +3.0 v 0 -9.1 <4.0 pf c +10.9 v d = 2% 1n916 <1.0 t 1 s 500 10 t 1 ? ? v k ns <<
2007-03-28 6 smbt3904...mmbt3904 dc current gain h fe = ? ( i c ) v ce = 10 v, normalized ehp00765 10 10 ma h c 5 fe 10 1 0 10 -1 5 10 10 10 -1 0 1 2 125 c 25 c -55 c 55 2 saturation voltage i c = ? ( v besat ; v cesat ) h fe = 10 ehp00756 2 0 v be sat c 10 1 10 0 5 v ma 0.2 0.4 0.6 0.8 1.0 1.2 ce sat v , 5 10 2 v be v ce collector-base capacitance c cb = ? ( v cb ) emitter-base capacitance c eb = ? ( v eb ) 0 4 8 12 16 a 22 v cb ( v eb ) 0 1 2 3 4 5 6 7 pf 9 c cb ( c eb ) ccb ceb total power dissipation p tot = ? ( t s ) smbt3904/mmbt3904 0 15 30 45 60 75 90 105 120 c 150 t s 0 30 60 90 120 150 180 210 240 270 300 mw 360 p tot
2007-03-28 7 smbt3904...mmbt3904 total power dissipation p tot = ? ( t s ) smbt3904s 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) smbt3904u 0 15 30 45 60 75 90 105 120 c 150 t s 0 30 60 90 120 150 180 210 240 270 300 mw 360 p tot permissible pulse load p totmax / p totdc = ? ( t p ) smbt3904/mmbt3904 10 ehp00935 -6 0 10 5 d = 5 10 1 10 2 3 10 10 -5 10 -4 10 -3 10 -2 10 0 s 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 -1 10 tot max tot p dc p p t t p = d t t p t permissible puls load r thjs = ? ( t p ) smbt3904s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0
2007-03-28 8 smbt3904...mmbt3904 permissible pulse load p totmax / p totdc = ? ( t p ) smbt3904s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) smbt3904u 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0 permissible pulse load p totmax / p totdc = ? ( t p ) smbt3904u 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 p totmax / p totdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 delay time t d = ? ( i c ) rise time t r = ? ( i c ) ehp00761 10 ma t c r 10 1 10 0 10 10 01 2 55 ns r t t d , 3 10 d t 10 2 10 3 = 3 v cc v 0 v v = 2 v be 40 v 15 v h fe = 10
2007-03-28 9 smbt3904...mmbt3904 storage time t stg = ? ( i c ) ehp00762 10 ma t c s 10 1 10 0 10 10 01 2 55 ns 3 10 10 2 10 3 h fe = 20 10 25 c 125 c 10 = 20 fe h fall time t f = ? ( i c ) ehp00763 10 ma t c f 10 1 10 0 10 10 01 2 55 ns 3 10 10 2 10 3 h fe = 20 25 c 125 c cc v = 40 v = 10 fe h rise time t r = ? ( i c ) ehp00764 10 ma t c r 10 1 10 0 10 10 01 2 55 ns 3 10 10 2 10 3 25 c 125 c cc v = 40 v = 10 fe h
2007-03-28 10 smbt3904...mmbt3904 package sc74 package outline foot print standard packing 0.5 0.95 1.9 2.9 54 6 3 2 1 1.1 max. (0.35) (2.25) 0.2 2.9 b 0.2 +0.1 -0.05 0.35 pin 1 marking m b 6x 0.95 1.9 0.15 -0.06 +0.1 1.6 10? max. a 0.1 2.5 0.25 10? max. 0.1 0.1 a 0.2 m 0.1 max. 2.7 4 3.15 pin 1 marking 8 0.2 1.15 reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. manufacturer 2005, june date code (year/month) bcw66h type code pin 1 marking laser marking marking layout (example) small variations in positioning of date code, type code and manufacture are possible.
2007-03-28 11 smbt3904...mmbt3904 package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2007-03-28 12 smbt3904...mmbt3904 p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2007-03-28 13 smbt3904...mmbt3904 package tslp-3-4 package outline foot print marking layout (example) standard packing 2 3 1 0.76 4 1.16 0.5 pin 1 marking 8 reel ?180 mm = 15.000 pieces/reel for board assembly information please refer to infineon website "packages" stencil apertures copper solder mask 0.38 0.2 0.315 0.95 0.5 0.17 0.255 0.2 0.45 0.225 1 0.6 0.225 0.15 0.35 0.2 r0.1 r0.19 pin 1 top view 0.05 max. bottom view 2 1 0.035 0.5 3 0.575 1) 0.035 0.4 1) 0.035 2x 0.25 1) 0.35 0.035 2x0.15 1) marking 1) dimension applies to plated terminal 0.4 +0.1 0.05 0.05 0.05 1 0.6 0.05 bcr133l3 type code pin 1 marking laser marking
2007-03-28 14 smbt3904...mmbt3904 edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of SMBT3904L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X