Part Number Hot Search : 
46V12 EM316OS 15N25 1N5265A 1N4450 UNR31A9 C4134 AD871
Product Description
Full Text Search
 

To Download SMART1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro tower ups system - intelligent, line interactive network power management system model number: SMART1500 description tripp lite's SMART1500 intelligent, line interactive ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures. 1500va/980 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of multiple network workstations. includes a total of 6 outlets, 1 of which can be individually powered on and off via software interface to selectively reboot remote equipment or to automatically shed less significant loads to extend battery runtime for more critical equipment. supports remote monitoring of ups and site power conditions via built-in usb and db9 monitoring ports. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. wall mountable with optional upswm wallmount bracket. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. attractive, small-footprint tower housing uses less than 66 square inches of floor or desktop space. features 1500va/980 watt power handling capability supports a variety of networking, telecom and various other application types built-in voltage regulation and battery support, plus complete ac suppression prevents equipment damage, data loss and downtime large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures automatic voltage regulation (avr) circuits with two boost and one voltage reduction level maintains usable 120v nominal output over an input voltage range of 75-147v includes a total of 6 nema5-15r outlets, 1 of which can be individually powered on and off via software interface to selectively reboot remote equipment or shed less significant loads to extend battery runtime for more critical equipment includes 1 usb and 1 db9 monitoring port for remote monitoring of ups status and site power conditions communications ports enable safe unattended shutdown without data loss during extended power failures communications ports support messaging of ups and line power status, including on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment poweralert ups monitoring and unattended shutdown software with complete cabling included supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked highlights 1.5kva / 1500va line interactive tower ups system 120v output, corrects brownouts and overvoltages from 75v to 147v front panel status leds with load and battery capacity level display usb & rs232 ports, 1 switched load bank, hot-swap batteries nema 5-15p input, 6 5-15r outlets package includes SMART1500 ups system usb and db9 monitoring cables poweralert unattended shutdown and ups/power monitoring software 1 / 6
supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked computers by automatically switching ups power off and back on again notification of system status via 5 leds and multi-function audible alarms wall mountable with upswm wallmount bracket attractive small footprint beige tower housing uses less than 66 square inches hot-swappable/user replaceable batteries allow on-site battery replacement cold start capability enables ups turn-on in battery mode during blackout conditions specifications output output volt amp capacity (va) 1500 output kva capacity (kva) 1.5 output watt capacity (watts) 980 output power factor 0.7 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 6 5-15r outlet(s) built-in controllable switched load banks one switchable single-outlet 5-15r load bank output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 12a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 15a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery 2 / 6
full load runtime (minutes) 7 min. (980w) half load runtime (minutes) 20 min. (490w) dc system voltage (vdc) 36v dc battery recharge rate (included batteries) less than 4 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc53 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure, overload and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 12.8 x 7.5 x 9 ups / power module dimensions in primary form factor (height x width x depth / cm) 32.4 x 19 x 22.9 ups / power module weight (lbs) 38.4 3 / 6
ups / power module weight (kg) 17.4 ups shipping dimensions (height x width x depth / inches) 18.2 x 12 x 13.8 ups shipping dimensions (height x width x depth / cm) 46.4 x 30.5 x 34.9 shipping weight (lbs) 42.6 shipping weight (kg) 19.3 cooling method fan ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 138.8 battery mode btu / hr. (full load) 454.4 ac mode efficiency rating (100% load) 96% communications communications interface usb; db9 serial network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features greater than 95% efficiency - green ups; individually controllable load banks 4 / 6
certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. upswm wallmount bracket and installation accessories (4 washers, 4 screws, 1 velcro safety strap) 1 wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 watchdogsw watchdog service monitoring / reboot software 1 rbc53 ups replacement battery cartridge kit for select tripp lite, best, powerware, liebert and other ups 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 pdunv basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 pdumh15 metered pdu / power distribution unit - safe, reliable power distribution with digital current meter 1 pdumh15at metered pdu with ats - power distribution unit with dual-input auto transfer switching 1 pdumnh15 monitored pdu / power distribution unit supports real-time remote monitoring of load level, voltage and frequency with options for remote environmental and security monitoring 1 pdumnv15 monitored pdu / power distribution unit supports real-time remote monitoring of load level, voltage and frequency with options for remote environmental and security monitoring 1 pdumh15atnet switched, metered pdu with ats - power distribution unit with dual-input auto transfer switching, individual outlet control and remote network interface 1 pdumv15net switched, metered pdu with remote monitoring - 0u vertical rackmount power distribution unit for networks with individually switchable outlets, current metering, remote monitoring and control 1 p007-002 2-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p007-006 6-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p007-010 10-ft. heavy-duty 14awg power cord (iec-320-c13 to nema 5-15p) 1 p010-012 12-ft. 18awg power cord (nema 5-15p to iec-320-c13) 1 5 / 6
p022-001 1-ft. 18awg power extension cord (nema 5-15r to nema 5-15p) 1 p023-001 1-ft. 14awg power adapter cord (nema l5-15r to nema 5-15p) 1 p034-010 10-ft. 14awg heavy duty power cord ( iec-320-c19 to nema 5-15p) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART1500 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 6 / 6
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART1500


▲Up To Search▲   

 
Price & Availability of SMART1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X