Part Number Hot Search : 
R3709Z CS937 6670AL 4953A 80515 SSM3K ANTXV BA7623
Product Description
Full Text Search
 

To Download SMART1200XLHG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro medical grade 1kva 120v line interactive tower ups with extended-run, full isolation, usb & serial ports model number: SMART1200XLHG description tripp lite's smart 1200xlhg offers medical-grade ups protection with built-in line-interactive voltage regulation, expandable battery runtime and intelligent monitoring with unattended shutdown capability. ul 60601-1 listed as medical electrical equipment. built-in isolation transformer with faraday shield offers full line isolation and removes common mode noise while maintaining full ac surge suppression in all modes less than 100 microamps. includes high quality hospital-grade plug and outlets. resistant to electrostatic discharge. 1000va power handling capacity supports computers, inter-networking equipment and other critical loads during commercial power failures. external battery connector allows configuration for up to several hours of runtime during power failures by adding one or more external battery packs (bp36v15-2u limit 1 or bp36v42-3u multi-pack compatible). line interactive voltage regulation corrects brownouts as low as 81v and overvoltages as high as 143v back to normal 120v levels, saving battery reserves for use only during complete power failures. includes diagnostic leds and 2 built-in communications ports (1 usb, 1 db9) that work with included poweralert software and cabling to provide automatic unattended shutdown of connected network and pc applications. features ideal ups protection for applications in medical patient-care areas where ul 60601-1 listed medical electrical equipment is required built-in isolation transformer with faraday shield offers full isolation and removes common mode noise while maintaining full ac surge suppression in all modes provides connected equipment with continuous power during short and long duration loss of commercial power expandable runtime is available with the addition of one or more external battery packs bp36v15-2u (limit 1); bp36v42-3u (multi-pack compatible); bp36v27-2us (multi-pack compatible) line-interactive voltage regulation corrects brownouts and overvoltages from 81 to 143 volts back to usable 120v output levels, without using battery power hospital-grade plug and outlets offer added degree of safety and reliability to input/output connections full line isolation prevents shock potential and operational problems in sensitive electronic equipment resistant to electrostatic discharge supports loads up to 1000va/750w highlights 1000va / 1kva line interactive, extended run tower ups maintains 120v nominal output over an input range of 81 to 143v professional features include serial port, hospital grade plug & outlets, built-in isolation transformer and ul 60601-1 listing input: hospital-grade nema 5-15p (120v 15a) / output: 4 hospital-grade nema 5-15r (120v) reduce cumulative shock potential to less than 100microamps package includes smart 1200xlhg medical grade tower ups system poweralert software and cabling warranty information instruction manual 1 / 6
28 min. half-load runtime (500va/375w), 10 min. full load runtime (1000va/750w) 4 protected hospital-grade outlets; 6-ft. cord usb and db9 communication ports poweralert unattended shutdown software and complete cabling included complete surge protection, line isolation and emi/rfi noise filtering 5 diagnostic leds indicate ac present, on battery, voltage correction, overload & battery low/replace battery replacement door and back panel grounding lug specifications output output volt amp capacity (va) 1000 output kva capacity (kva) 1 output watt capacity (watts) 750 output power factor 0.8 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 4 5-15r outlet(s) output receptacle details hospital grade output receptacles output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 9.2a nominal input voltage(s) supported 120v ac ups input connection type 5-15p-hg input circuit breaker 15a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery 2 / 6
full load runtime (minutes) 10 min. (750w) half load runtime (minutes) 28 min. (375w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp36v15-2u (limit 1); bp36v42-3u (multi-pack compatible); bp36v27-2us (multi-pack compatible) dc system voltage (vdc) 36 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc53 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 81 to 143 overvoltage correction input voltages between 126 and 143 are reduced by 9% undervoltage correction input voltages between 96 and 106 are boosted by 10% severe undervoltage correction input voltages between 81 and 95 are boosted by 21% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure, overload and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes isolation output isolation transformer hospital grade load isolation transformer leakage current equal to 100 microamps physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) 3 / 6
primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 12.5 x 7.5 x 9.5 ups / power module dimensions in primary form factor (height x width x depth / cm) 31.8 x 19 x 24.1 ups / power module weight (lbs) 45.2 ups / power module weight (kg) 20.5 ups shipping dimensions (height x width x depth / inches) 18.2 x 11.8 x 13.5 ups shipping dimensions (height x width x depth / cm) 46.4 x 29.8 x 34.3 shipping weight (lbs) 51 shipping weight (kg) 23.2 cooling method fan ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 162.8 battery mode btu / hr. (full load) 315.2 ac mode efficiency rating (100% load) 94% communications communications interface usb; db9 serial network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 serial cabling included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 81 high voltage transfer to battery power (setpoint) 143 special features 4 / 6
grounding lug grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category a (emi); tested to ul60601-1 (medical grade) warranty product warranty period (worldwide) 2-year limited warranty related items optional products model number description qty. bp36v15-2u bp36v15-2u - external battery pack for ups system 1 bp36v42-3u bp36v42-3u - external battery pack for ups system 1 bp36v27-2us bp36v27-2us - 2u external 36v rack/tower battery pack for select tripp lite ups systems 1 db9 network surge suppressor - essential protection for data and communication lines 1 dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 n001-014-bk 14-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - black 1 n001-014-bl 14-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - blue 1 n001-014-gy 14-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-025-bl 25-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - blue 1 n002-014-bl 14-ft. cat5e 350mhz molded cable (rj45 m/m) - blue 1 n010-007-gy 7-ft. cat5e 350mhz molded cross-over cable (rj45 m/m) - gray 1 n022-01k-gy 1000-ft. cat5e 350mhz bulk solid-core pvc cable - gray 1 n032-001 cat5e straight through modular in-line coupler (rj45 f/f) 1 n033-001 straight through modular in-line coupler (rj45 f/f) 1 5 / 6
n050-012 12-port cat5e wall mount patch panel 568b 1 n052-012 12-port cat5e patch panel 568b 1 n052-024 24-port cat5e patch panel 568b 1 n052-048 48-port cat5e patch panel 568b 1 wext3-500-1500 3-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART1200XLHG . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 6 / 6
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART1200XLHG


▲Up To Search▲   

 
Price & Availability of SMART1200XLHG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X