Part Number Hot Search : 
Z5234 D4235G 10012 C00RP PDF246 1N2815A TCA520B BTS734L1
Product Description
Full Text Search
 

To Download SMART1200LCD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smart lcd 1200va 2u rack/tower line-interactive 120v ups with lcd display, usb & serial ports model number: SMART1200LCD description tripp lite's SMART1200LCD line-interactive digital ups system offers voltage regulation, surge suppression and long-lasting battery support for personal computers, network workstations, home entertainment systems and media centers. internal ups circuits support entry-level pcs or individual vcr/dvr components during power failures. prevents data loss, viewing interruptions, lost recordings and loss of component programming. automatic voltage regulation (avr) circuits regulate brownouts and overvoltages from 75v to 147v back to usable levels without using battery power. offers complete power protection with support for upright tower or 2u rackmount installation in an attractive all-black cabinet design. includes 8 battery-supported outlets. built-in usb and db9 serial ports enables optional unattended system shutdown without data loss in case of extended power failure; cabling included. poweralert software available via free download from www.tripplite.com. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. built-in single-line rj-45 jacks offer protection for equipment with single-line tel/dsl or network ethernet connection. built-in audible alarm and large lcd front panel voltage display indicates line power status, battery power status, battery low/replace status and voltage boost operation. the lcd display includes a dimmer switch and can be rotated for easy viewing in any application. 1200va/700w power-handling capacity supports entry-level pcs, home entertainment systems, network workstations and audio/video components. offers 4 min. battery runtime with a full load of 1200va/700w and 12 min. with a half load of 600va/350w. $250,000 ultimate lifetime insurance (usa and canada only). features lcd display indicates input voltage, battery capacity and a variety of operating conditions. display is rotatable for easy viewing whether ups is in vertical or horizontal position SMART1200LCD digital uninterruptible power supply offers voltage regulation, surge suppression and long-lasting battery support during blackouts supports entry-level pcs or single vcr/dvr components during blackouts regulates brownouts and overvoltages from 75v to 147v back to usable levels without using battery power 8 ups battery-supported outlets included db9 serial and usb monitoring ports and cables enable unattended shutdown in case of extended power failure hid-compliant usb port enables integration with built-in power management and auto shutdown features of windows and mac os x poweralert software available via free download from www.tripplite.com set of phone/network protection jacks protects a single dialup/dsl phone line or network ethernet connection 1200va/700w power handling ability supports a variety of sensitive computer, home theater and other equipment highlights 1200va / 1.2kva 2u rack/tower 120v line interactive ups with lcd display corrects brownouts and overvoltages from 75v to 147v lcd screen reports input voltage, battery charge and ups status usb, db9 serial, tel/dsl/ethernet protection, rackmount kit nema 5-15p input plug and 8 nema 5-15r outlets package includes SMART1200LCD digital ups usb, db9 and phone cabling mounting hardware manual with warranty information 1 / 5
1200va/700w power handling ability supports a variety of sensitive computer, home theater and other equipment 4 min. full load runtime (1200va/700w); 12 min. half-load runtime (600va/350w) cabinet adapts to tower or rackmount shelf format. rackmount installation brackets for 2u installation included $250,000 ultimate lifetime insurance (usa and canada only) specifications output output volt amp capacity (va) 1200 output kva capacity (kva) 1.2 output watt capacity (watts) 700 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 8 5-15r outlet(s) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 7a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 4 min. (700w) half load runtime (minutes) 12 min. (350w) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% 2 / 5
voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators front panel lcd display front panel lcd display backlighted lcd screen indicates input voltage, 5-bar battery charge level, overload, avr, on battery and replace battery status; lcd screen rotates for rack/tower viewing alarms audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using poweralert software alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation; dimmer switch controls lcd brightness surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet emi / rfi ac noise suppression yes physical included mounting accessory description pair of mounting ears enable tower and 2-4 post rackmount installation primary form factor rackmount ups / power module dimensions in primary form factor (height x width x depth / inches) 3.5 x 17.2 x 10.5 ups / power module dimensions in primary form factor (height x width x depth / cm) 8.9 x 43.8 x 26.7 installed whole system dimensions in secondary form factor (height x width x depth / cm) 43.8 x 8.9 x 26.7 installed whole system maximum rack depth (inches) 10.5 installed whole system maximum rack depth (cm) 26.7 rack height 2u secondary form factor tower 3 / 5
installed whole system dimensions in secondary form factor (height x width x depth / inches) 17.2 x 3.5 x 10.5 ups dimensions in secondary form factor (height x width x depth / cm) 43.8 x 8.9 x 26.7 ups / power module weight (lbs) 29.4 ups / power module weight (kg) 13.3 ups shipping dimensions (height x width x depth / inches) 7.5 x 15 x 21.5 ups shipping dimensions (height x width x depth / cm) 19 x 38.1 x 54.6 shipping weight (lbs) 29.4 shipping weight (kg) 13.3 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 179.1 battery mode btu / hr. (full load) 487.5 ac mode efficiency rating (100% load) 93% communications communications interface usb (hid enabled); db9 serial network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software free download from www.tripplite.com communications cable usb and db9 serial cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported 4 / 5
certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. ct120 instant-read- ac outlet circuit tester 1 dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 u022-010 10-ft. usb2.0 a/b gold device cable (a male to b male) 1 watchdogsw watchdog service monitoring / reboot software 1 wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART1200LCD . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART1200LCD


▲Up To Search▲   

 
Price & Availability of SMART1200LCD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X