Part Number Hot Search : 
XLUGR2 HT7466 EM73469A P6KE18A 68HC908 N5236B UF206 MPSW05G
Product Description
Full Text Search
 

To Download SMAJ50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.protekdevices.com page 1 applications ? power supply ? ac/dc applicatons ? telecom features ? ul file recogniton #e333727 ? iec 61000-4-2 (esd): level 4 - air 15kv, contact 8kv ? iec 61000-4-4 (eft): 40a 5/50ns ? iec 61000-4-5 (surge): 8/20s waveform ? glass passivated chip ? 400 wats peak pulse power per line (tp = 10/1000s) ? low leakage current ? bidirectonal and unidirectonal confguratons ? excellent clamping capability ? very fast response time ? available in multple voltages ? rohs compliant ? reach compliant mechanical characteristics ? molded jedec do-214ac package ? approximate weight: 0.06 grams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 12mm tape and reel per eia standard 481 ? terminal: solderable per mil-std-750, method 2026 ? flammability ratng ul 94v-0 pin configurations do-214ac package 1 2 1 2 only one name means protektion? 05405.r9 6/14 05405 smaj series 400 watt tvs component
www.protekdevices.com page 2 maximum ratings @ 25c unless otherwise specifed parameter symbol value units operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp =10/1000s) - see figure 1 and note 1 p pp 400 wats power dissipaton on infnite heatsink at t l = 75c p d 1.0 wats peak forward surge current, 8.3ms single half sinewave - unidirectonal only (note 2) i fsm 40 amps maximum instantaneous forward voltage at 25a - unidirectonal only (note 3) v f 3.5/5.0 v note 1. non-repettve current pulse per figure 2 and derated above ta = 25c per figure 3. 2. measured on 8.3ms single half sinewave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 3. v f < 3.5v . electrical characteristics per line @ 25c unless otherwise specifed part number (n otes 1-3 ) device marking reverse stand-off voltage v rwm volts breakdown voltage v (br) @ i t volts test current @ i t m a maximum clamping voltage (fig. 2) @ i p v c volts maximum reverse surge current @i pp amps maximum reverse leakage current @v rwm i r a uni bi min max smaj5.0 ad wd 5.0 6.40 7.30 10 9.6 41.7 800 smaj5.0a ae we 5.0 6.40 7.00 10 9.2 43.5 800 smaj6.0 af wf 6.0 6.67 8.15 10 11.4 35.1 800 smaj6.0a ag wg 6.0 6.67 7.37 10 10.3 38.8 800 smaj6.5 ah wh 6.5 7.22 8.82 10 12.3 32.5 500 smaj6.5a ak wk 6.5 7.22 7.98 10 11.2 35.7 500 smaj7.0 al wl 7.0 7.78 9.51 10 13.3 30.1 200 smaj7.0a am wm 7.0 7.78 8.60 10 12.0 33.3 200 smaj7.5 an wn 7.5 8.33 10.20 1 14.3 28.0 100 smaj7.5a ap wp 7.5 8.33 9.21 1 12.9 31.0 100 smaj8.0 aq wq 8.0 8.89 10.90 1 15.0 26.7 50 smaj8.0a ar wr 8.0 8.89 9.83 1 13.6 29.4 50 smaj8.5 as ws 8.5 9.44 11.50 1 15.9 25.2 10 smaj8.5a at wt 8.5 9.44 10.40 1 14.4 27.8 10 smaj9.0 au wu 9.0 10.00 12.20 1 16.9 23.7 5 smaj9.0a av wv 9.0 10.00 11.10 1 15.4 26.0 5 smaj10 aw ww 10.0 11.10 13.60 1 18.8 21.3 5 smaj10a ax wx 10.0 11.10 12.30 1 17.0 23.5 5 smaj11 ay wy 11.0 12.20 14.90 1 20.1 19.9 1 smaj11a az wz 11.0 12.20 13.50 1 18.2 22.0 1 smaj12 bd xd 12.0 13.30 16.30 1 22.0 18.2 1 smaj12a be xe 12.0 13.30 14.70 1 19.9 20.1 1 only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 3 electrical characteristics per line @ 25c unless otherwise specifed part number (n otes 1-3 ) device marking reverse stand-off voltage v rwm volts breakdown voltage v (br) @ i t volts test current @ i t m a maximum clamping voltage (fig. 2) @ i p v c volts maximum reverse surge current @i pp amps maximum reverse leakage current @v rwm i r a uni bi min max smaj13 bf xf 13.0 14.40 17.60 1 23.8 16.8 1 smaj13a bg xg 13.0 14.40 15.90 1 21.5 18.6 1 smaj14 bh xh 14.0 15.60 19.10 1 25.8 15.5 1 smaj14a bk xk 14.0 15.60 17.20 1 23.2 17.2 1 smaj15 bl xl 15.0 16.70 20.40 1 26.9 14.9 1 smaj15a bm xm 15.0 16.70 18.50 1 24.4 16.4 1 smaj16 bn xn 16.0 17.80 21.80 1 28.8 13.9 1 smaj16a bp xp 16.0 17.80 19.70 1 26.0 15.4 1 smaj17 bq xq 17.0 18.90 23.10 1 30.5 13.1 1 smaj17a br xr 17.0 18.90 20.90 1 27.6 14.5 1 smaj18 bs xs 18.0 20.00 24.40 1 32.2 12.4 1 smaj18a bt xt 18.0 20.00 22.10 1 29.2 13.7 1 smaj19 ba xa 19.0 21.13 25.76 1 34.0 11.8 1 smaj19a bb xb 19.0 21.10 23.30 1 30.8 13.0 1 smaj20 bu xu 20.0 22.20 27.10 1 35.8 11.2 1 smaj20a bv xv 20.0 22.20 24.50 1 32.4 12.4 1 smaj22 bw xw 22.0 24.40 29.80 1 39.4 10.2 1 smaj22a bx xx 22.0 24.40 26.90 1 35.5 11.3 1 smaj24 by xy 24.0 26.70 32.60 1 43.0 9.3 1 smaj24a bz xz 24.0 26.70 29.50 1 38.9 10.3 1 smaj26 cd yd 26.0 28.90 35.30 1 46.6 8.6 1 smaj26a ce ye 26.0 28.90 31.90 1 42.1 9.5 1 smaj28 cf yf 28.0 31.10 38.00 1 50.0 8.0 1 smaj28a cg yg 28.0 31.10 34.40 1 45.4 8.8 1 smaj30 ch yh 30.0 33.30 40.70 1 53.5 7.5 1 smaj30a ck yk 30.0 33.30 36.80 1 48.4 8.3 1 smaj33 cl yl 33.0 36.70 44.90 1 59.0 6.8 1 smaj33a cm ym 33.0 36.70 40.60 1 53.3 7.5 1 smaj36 cn yn 36.0 40.00 48.90 1 64.3 6.2 1 smaj36a cp yp 36.0 40.00 44.20 1 58.1 6.9 1 smaj40 cq yq 40.0 44.40 54.30 1 71.4 5.6 1 smaj40a cr yr 40.0 44.40 49.10 1 64.5 6.2 1 smaj43 cs ys 43.0 47.80 58.40 1 76.7 5.2 1 smaj43a ct yt 43.0 47.80 52.80 1 69.4 5.8 1 only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 4 electrical characteristics per line @ 25c unless otherwise specifed part number (n otes 1-3 ) device marking reverse stand-off voltage v rwm volts breakdown voltage v (br) @ i t volts test current @ i t m a maximum clamping voltage (fig. 2) @ i p v c volts maximum reverse surge current @i pp amps maximum reverse leakage current @v rwm i r a uni bi min max smaj45 cu yu 45.0 50.00 61.10 1 80.3 5.0 1 smaj45a cv yv 45.0 50.00 55.30 1 72.7 5.5 1 smaj48 cw yw 48.0 53.30 65.10 1 85.5 4.7 1 smaj48a cx yx 48.0 53.30 58.90 1 77.4 5.2 1 smaj51 cy yy 51.0 56.70 69.30 1 91.1 4.4 1 smaj51a cz yz 51.0 56.70 62.70 1 82.4 4.9 1 smaj54 rd zd 54.0 60.00 73.30 1 96.3 4.2 1 smaj54a re ze 54.0 60.00 66.30 1 87.1 4.6 1 smaj58 rf zf 58.0 64.40 78.70 1 103.0 3.9 1 smaj58a rg zg 58.0 64.40 71.20 1 93.6 4.3 1 smaj60 rh zh 60.0 66.70 81.50 1 107.0 3.7 1 smaj60a rk zk 60.0 66.70 73.70 1 96.8 4.1 1 smaj64 rl zl 64.0 71.10 86.90 1 114.0 3.5 1 smaj64a rm zm 64.0 71.10 78.60 1 103.0 3.9 1 smaj70 rn zn 70.0 77.80 95.10 1 125.0 3.2 1 smaj70a rp zp 70.0 77.80 86.00 1 113.0 3.5 1 smaj75 rq zq 75.0 83.30 102.00 1 134.0 3.0 1 smaj75a rr zr 75.0 83.30 92.10 1 121.0 3.3 1 smaj78 rs zs 78.0 86.70 106.00 1 139.0 2.9 1 smaj78a rt zt 78.0 86.70 95.80 1 126.0 3.2 1 smaj80 ra za 80.0 88.96 108.80 1 143.2 2.8 1 smaj80a rb zb 80.0 88.80 97.60 1 129.6 3.1 1 smaj85 ru zu 85.0 94.40 115.00 1 151.0 2.7 1 smaj85a rv zv 85.0 94.40 104.00 1 137.0 2.9 1 smaj90 rw zw 90.0 100.00 122.00 1 160.0 2.5 1 smaj90a rx zx 90.0 100.00 111.00 1 146.0 2.7 1 smaj100 ry zy 100.0 111.00 136.00 1 179.0 2.2 1 smaj100a rz zz 100.0 111.00 123.00 1 162.0 2.5 1 smaj110 sd vd 110.0 122.00 149.00 1 196.0 2.0 1 smaj110a se ve 110.0 122.00 135.00 1 177.0 2.3 1 smaj120 sf vf 120.0 133.00 163.00 1 214.0 1.9 1 smaj120a sg vg 120.0 133.00 147.00 1 193.0 2.1 1 smaj130 sh vh 130.0 144.00 176.00 1 231.0 1.7 1 smaj130a sk vk 130.0 144.00 159.00 1 209.0 1.9 1 only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 5 electrical characteristics per line @ 25c unless otherwise specifed part number (n otes 1-3 ) device marking reverse stand-off voltage v rwm volts breakdown voltage v (br) @ i t volts test current @ i t m a maximum clamping voltage (fig. 2) @ i p v c volts maximum reverse surge current @i pp amps maximum reverse leakage current @v rwm i r a uni bi min max smaj140 sa va 140.0 155.68 190.40 1 250.6 1.6 1 smaj140a sb vb 140.0 155.00 171.00 1 226.8 1.7 1 smaj150 sl vl 150.0 167.00 204.00 1 268.0 1.5 1 smaj150a sm vm 150.0 167.00 185.00 1 243.0 1.7 1 smaj160 sn vn 160.0 178.00 218.00 1 287.0 1.4 1 smaj160a sp vp 160.0 178.00 197.00 1 259.0 1.5 1 smaj170 sq vq 170.0 189.00 231.00 1 304.0 1.3 1 smaj170a sr vr 170.0 189.00 209.00 1 275.0 1.5 1 smaj180 ss vs 180.0 200.16 244.80 1 322.2 1.2 1 smaj180a st vt 180.0 200.00 220.00 1 291.6 1.4 1 smaj190 su vu 190.0 211.28 258.40 1 340.1 1.2 1 smaj190a sv vv 190.0 211.00 232.00 1 307.8 1.3 1 smaj200a sw vw 200.0 224.00 247.00 1 324.0 1.2 1 smaj220a sx vx 220.0 246.00 272.00 1 356.0 1.1 1 smaj250a sz vz 250.0 279.00 309.00 1 405.0 1.0 1 smaj300a de he 300.0 335.00 371.00 1 486.0 0.8 1 smaj350a dg hg 350.0 391.00 432.00 1 567.0 0.7 1 smaj400a dk hk 400.0 447.00 494.00 1 648.0 0.6 1 smaj440a dm hm 440.0 492.00 543.00 1 713.0 0.6 1 note 1. sufx a denotes 5% tolerance, without a denotes 10% tolerance. 2. add sufx c or ca afer part number to specify a bidrectonal device. 3. for bidirectonal devices having a v rwm of 10 volts and under, the i r limit is double. only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 6 figure 1 peak pulse power vs pulse time t d - pulse duraton - s 400w, 10/1000s waveform 0.1 1 10 100 1,000 10,000 100,000 p pp - peak pulse power - kilowats 0.1 1 10 100 peak pulse power 10/1000s figure 3 power derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power figure 2 pulse waveform t f peak value i pp test waveform parameters t f = 10s t d = 1000s t d = t/(i pp /2) e -t 0 1 2 3 t - time - ms 0 50 100 i pp - peak pulse current - % of i pp only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 7 figure 6 steady state power derating curve 0 25 50 75 100 125 150 175 t l - lead temperature - c steady state power dissipaton - wats 0 0.2 0.4 0.6 0.8 1.0 t j = 25c f = 1mhz v sia = 50mvp-p bidirectonal @ v r unidirectonal v-0v bidirectonal v-0v unidirectonal @ v r figure 4 typical junction capacitance 1 10 100 1,000 v br - reverse breakdown voltage - v 10 100 1,000 10,000 c j - juncton capacitance - pf figure 5 maximum non-repetitive forward surge current 1 10 100 number of cycles at 60 hz i fsm - peak forward surge current - a 0 10 20 30 40 50 only one name means protektion? 05405.r9 6/14 05405 smaj series typical device characteristics
www.protekdevices.com page 8 outline dimensions dim millimeters inches min max min max a 1.23 1.63 0.049 0.064 b 4.10 4.55 0.162 0.179 c 2.51 2.76 0.099 0.109 d 1.96 2.26 0.077 0.089 e 0.75 1.51 0.03 0.06 f 0.00 0.20 0.000 0.008 g 4.87 5.22 0.192 0.206 h 0.15 0.30 0.006 0.012 notes 1. dimensions are exclusive of mold fash and metal burrs. pad layout dimensions dim millimeters inches min max min max a 1.57 - 0.062 - b 1.55 - 0.061 - c - 2.28 - 0.090 d 1.55 - 0.061 - a c b polarity band d g f e h a b c d only one name means protektion? 05405.r9 6/14 05405 smaj series do-214ac package information
www.protekdevices.com page 9 specifications reel dia. tape width a0 b0 k0 d e f w p0 p tmax 330mm (13) 12mm 2.79 0.10 5.33 0.10 2.36 0.10 1.55 0.10 1.75 0.10 5.5 0.05 12.00 0.30 4.00 0.10 4.00 0.10 0.4 notes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t13 = 13 reel - 7,500 pieces per 12mm tape. 4. marking on part - marking code (see page 2), date code, logo and cathode defned by polarity band. user directon of feed t k0 a0 p d p0 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 ordering information base part number (voltage = xx) leadfree suffix tape suffix qty/reel reel size tube qty smajxx n/a -t13 7,500 13 n/a smajxxa n/a -t13 7,500 13 n/a smajxxc n/a -t13 7,500 13 n/a smajxxca n/a -t13 7,500 13 n/a this device is only available in a lead-free confguraton. only one name means protektion? 05405.r9 6/14 05405 smaj series tape and reel
www.protekdevices.com page 10 contact us corporate headquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: asia sales: asiasales@protekdevices.com europe sales: europesales@protekdevices.com u.s. sales: ussales@protekdevices.com distributor sales: distysales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek devices (asia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com only one name means protektion? 05405.r9 6/14 05405 smaj series company information copyright ? protek devices 2013 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. company profile in business more than 20 years, protek devices? is a privately held semiconductor company. the company ofers a product line of overvoltage pro - tecton and overcurrent protecton components. these include transient voltage suppressor array (tvs arrays) avalanche breakdown diode, steering diode tvs array and electronics smd chip fuses. these components deliver circuit protecton in electronic systems from numerous overvoltage and overcurrent events. they include lightning; electrostatc discharge (esd); nuclear electromagnetc pulses (nemp); inductve switching; and electro - magnetc interference (emi) / radio frequency interference (rfi). protek devices also ofers high performance interface and linear products. they include analog switches; multplexers; led drivers; led wafer die for esd protecton; audio control ics; rf and related high frequency products.


▲Up To Search▲   

 
Price & Availability of SMAJ50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X