Part Number Hot Search : 
11100 KBP01 40T301 L100E BUZ12A ENA1564 L100E NJW1503A
Product Description
Full Text Search
 

To Download SA401A562JAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  37 axial leads/spinguard ? a 5 e 10 4 z a b 8 1 0 voltage (5 = 50v) tc (e = z5u) avx tolerance (z = +80, -20%) year (2008) week (10th) cap code and multiplier alpha-alpha, lot code ab=lot #2 in week sa105e104zaa lot code/date code =810ab marking (example) spinguard marking includes full date code/lot code identifi- cation. a first in the industry, this format provides complete traceability to all manufacturing processes involving the basic chip and final assembly. total shipment traceability is also provided. packaging requirements a = standard reels (see page 48) b = 1000 piece reels (distributors only, tight tolerance only) c = ammo pack (see page 48) d thru j = see special lead configurations (page 41) m = 26mm tape and reel n = 26mm ammo pack r = rohs, standard reels (see page 48) a z 10 4 8 a b avx tolerance (z = +80%, -20%) year (2008) cap code and multiplier lot code sa055e104zaa lot code/date code =8ab sa10, 11, 20, 30, 40 sa05 avx sa series conformally coated axial leaded mlc temperature coefficients: c0g (np0), x7r, x5r, z5u 10, 50, 100, 200 volts case material: epoxy (flame retardant to ul bulletin 492, par. 280) lead material: solderable general description how to order sa10 conformal axial size sa05 sa10 sa11 sa20 sa30 sa40 5 voltage z = 10v 5 = 50v 1 = 100v 2 = 200v e dielectric a = c0g (np0) c = x7r d = x5r e = z5u 104 capacitance first two digits are the significant figures of capacitance. third digit indicates the additional number of zeros. for example, order 100,000 pf as 104. (for values below 10pf use ?r? in place of decimal point, e.g., 1r4 = 1.4pf.) z capacitance tolerance c0g (np0): c = .25pf d = .5pf f = 1% g = 2% j = 5% k = 10% x7r: j = 5% k = 10% m = 20% x5r: k = 10% m = 20% z5u: m = 20% z = +80% -20% a failure rate a = not applicable r leads standard (solderable) r = rohs compliant a = standard solderable 2.30 (.090 " ) max. 3.00 (.118 " ) max. 25.4 (1.00 " ) min. .445 .0127 (.0175 " .0005 " ) dimensions: millimeters (inches) free datasheet http://www.datasheet-pdf.com/
38 axial leads/spinguard ? c0g (np0) dielectric dimensions: millimeters (inches) = industry preferred values for other tolerances see part no. codes for other voltages see part no. codes avx style * ?c&d? tolerance only avx style sa05 sa10 sa11 sa20 sa30 sa40 length 3.00 4.32 4.32 6.60 7.37 10.16 (l) (.118") (.170") (.170") (.260") (.290") (.400") diameter 2.30 2.54 3.05 2.54 3.81 3.81 (d) (.090") (.100") (.120") (.100") (.150") (.150") lead .445 .445 .445 .445 .445 .445 diameter (.0175") (.0175") (.0175") (.0175") (.0175") (.0175") lead 25.4 25.4 25.4 25.4 25.4 25.4 length (1.00") (1.00") (1.00") (1.00") (1.00") (1.00") cap. in typical avx wvdc wvdc wvdc wvdc wvdc wvdc pf part nos. 200 100 200 100 50 100 50 100 50 100 50 100 50 1.0* sa102a1r0dar ++ 9.1* sa102a9r1dar 10 sa102a100jar 12 sa102a120jar 15 sa102a150jar 18 sa102a180jar 22 sa102a220jar 27 sa102a270jar 33 sa102a330jar 39 sa102a390jar 47 sa102a470jar 56 sa102a560jar 68 sa102a680jar 82 sa102a820jar 100 sa102a101jar 120 sa102a121jar 150 sa101a151jar 180 sa101a181jar 220 sa101a221jar 270 sa101a271jar 330 sa101a331jar 390 sa101a391jar 470 sa101a471jar 560 sa101a561jar 680 sa101a681jar 820 sa101a821jar 1000 sa105a102jar 1200 sa201a122jar 1500 sa201a152jar 1800 sa205a182jar 2200 sa301a222jar 2700 sa301a272jar 3300 sa301a332jar 3900 sa301a392jar 4700 sa305a472jar 5600 SA401A562JAR 6800 sa401a682jar 8200 sa405a822jar 10,000 sa405a103jar 12,000 sa405a123jar size and capacitance specifications free datasheet http://www.datasheet-pdf.com/
39 axial leads/spinguard ? x7r dielectric = industry preferred values for other tolerances see part no. codes for other voltages see part no. codes avx style avx style sa05 sa10 sa11 sa20 sa30 sa40 length 3.00 4.32 4.32 6.60 7.37 10.16 (l) (.118") (.170") (.170") (.260") (.290") (.400") diameter 2.30 2.54 3.05 2.54 3.81 3.81 (d) (.090") (.100") (.120") (.100") (.150") (.150") lead .445 .445 .445 .445 .445 .445 diameter (.0175") (.0175") (.0175") (.0175") (.0175") (.0175") lead 25.4 25.4 25.4 25.4 25.4 25.4 length (1.00") (1.00") (1.00") (1.00") (1.00") (1.00") cap. in typical avx wvdc wvdc wvdc wvdc wvdc wvdc pf part nos. 200 100 50 200 100 50 100 50 100 50 100 50 100 50 220 sa102c221kar 270 sa102c271kar 330 sa102c331kar 390 sa102c391kar 470 sa102c471kar 560 sa101c561kar 680 sa101c681kar 820 sa101c821kar 1000 sa101c102kar 1200 sa101c122kar 1500 sa101c152kar 1800 sa101c182kar 2200 sa101c222kar 2700 sa101c272kar 3300 sa101c332kar 3900 sa101c392kar 4700 sa101c472kar 5600 sa101c562kar 6800 sa101c682kar 8200 sa105c822kar 10,000 sa105c103kar 12,000 sa105c123kar 15,000 sa105c153kar 18,000 sa105c183kar 22,000 sa105c223kar 27,000 sa105c273kar 33,000 sa105c333kar 39,000 sa105c393kar 47,000 sa105c473kar 56,000 sa115c563kar 68,000 sa115c683kar 82,000 sa115c823kar 100,000 sa115c104kar 120,000 sa305c124kar 150,000 sa305c154kar 180,000 sa305c184kar 220,000 sa305c224kar 270,000 sa305c274kar 330,000 sa305c334kar 470,000 sa405c474kar dimensions: millimeters (inches) size and capacitance specifications free datasheet http://www.datasheet-pdf.com/
40 axial leads/spinguard ? z5u dielectric = industry preferred values for other tolerances see part no. codes for other voltages see part no. codes avx style * preferred industry decoupling capacitor ? insertable on .300" centers. sa105e104zaa avx style sa05 sa10 sa11 sa20 sa30 sa40 length 3.00 4.32 4.32 6.60 7.37 10.16 (l) (.118") (.170") (.170") (.260") (.290") (.400") diameter 2.30 2.54 3.05 2.54 3.81 3.81 (d) (.090") (.100") (.120") (.100") (.150") (.150") lead .445 .445 .445 .445 .445 .445 diameter (.0175") (.0175") (.0175") (.0175") (.0175") (.0175") lead 25.4 25.4 25.4 25.4 25.4 25.4 length (1.00") (1.00") (1.00") (1.00") (1.00") (1.00") cap. in typical avx wvdc wvdc wvdc wvdc wvdc wvdc pf part nos. 50 100 50 100 50 100 50 100 50 100 50 10,000 sa105e103zar 15,000 sa105e153zar 22,000 sa105e223zar 33,000 sa105e333zar 47,000 sa105e473zar 68,000 sa105e683zar * 100,000 sa105e104zar 150,000 sa105e154zar 220,000 sa105e224zar 330,000 sa115e334zar 470,000 sa305e474zar 680,000 sa305e684zar 820,000 sa305e824zar 1,000,000 sa305e105zar dimensions: millimeters (inches) size and capacitance specifications free datasheet http://www.datasheet-pdf.com/
41 axial leads/spinguard ? x5r dielectric = industry preferred values for other tolerances see part no. codes for other voltages see part no. codes avx style avx style sa10 length 4.32 (l) (.170") diameter 2.54 (d) (.100") lead .445 diameter (.0175") lead 25.4 length (1.00") cap. in typical avx wvdc f part nos. 10 1.8 sa10zd185kar 2.7 sa10zd275kar 3.3 sa10zd335kar 4.7 sa10zd475kar dimensions: millimeters (inches) size and capacitance specifications special lead configurations dimensions ? body dimensions per standard spinguard configurations. formed dimensions as shown for types d, e, f, g, h, i, & j configurations. radial axial d e f g = .300" l.s. i = .500" l.s. single crimp dual crimp no crimp h = .400" l.s. j = .600" l.s. formed dimensions: lead spacing* seated height (max.) nom. d & e f g, h, i & j sa10 .2" .525" .300" .100" sa20 .2" .570" .375" .100" sa30 .2" .580" .425" .150" sa40 .2" .650" .460" .150" * lead spacing can be varied by user to cover .1"-.3" spacing requirements for f, d, and e styles. free datasheet http://www.datasheet-pdf.com/
48 axial leads/packaging tape and reel d 1 d 2 f c e a b class i / rs-296 a. 5mm 0.5mm (.200" 0.020") b*. 52.4mm 1.5mm (2.063" 0.059") c. 6.35mm 0.4mm (0.250" 0.016") d 1 -d 2 . 1.4mm (0.055" max.) e. 1.2mm (0.047" max.) f. 1.6mm (0.063" max.) g. 356mm (14.00") h. 76mm (3.000") i. 25.4mm (1.000") j. 84mm (3.300") k. 70mm (2.750") leader tape: 300mm min. (12") splicing: tape only missing parts: 0.25% of component count max.- no consecutive missing parts k j h i g optional design reel quantities (max.) ? sa05 7,500 pcs. ma10 5,000 pcs. sa10 7,500 pcs. ma20 5,000 pcs. sa11 5,000 pcs. ma30 3,000 pcs. sa20 5,000 pcs. ma40 3,000 pcs. sa30 5,000 pcs. ma50 950 pcs. sa40 5,000 pcs. ma60 650 pcs. ? 1000 pc. reels available for distribution pack only in 1% and 2% tolerance. * standard tape spacing shown. also available in 26.0mm + 1.5mm, ? 0mm, (1.023 in. + .059 in. -0 in. ) for spinguards only. eia class i, ii and iii tape spacings are available for molded axials. tape spacing for class ii is 63.5mm 1.5mm (2.50 in .059 in), and for class iii 73mm 1.5mm (2.87 in .059 in) additional packaging available ammo pack tape sa05, sa10 sa11 box sizes (nominal) spacing sa20 sa30 sa40 lw h 52.4mm 1.5mm 4,000 pcs. 2000 2,000 pcs. 255mm 73mm 93mm (2.062" .059") (10.039") (2.874") (3.661") 26.0mm + 1.5mm - 0mm 4,000 pcs. * 2000 2,000 pcs. * 255mm 48mm 113mm (1.023" + .059" - 0") (10.039") (1.889") (4.448") * spinguard only bulk pack (molded axials only) ma10 ma20 ma30 100 pcs. (bag) ma40 ma50 ma60 50 pcs. (bag) free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of SA401A562JAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X