Part Number Hot Search : 
A6505 90816 5KP13 1N4729 P20N10 RT9241 7MBP7 A6505
Product Description
Full Text Search
 

To Download RUP15030-1014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 1 / 7 version 2.0 product features applications ? solid-state linear amplifier design ? gan on sic hemt ? small and light weight ? wide band operation 500 ~ 2500mhz ? 50 ohm input/output impedance matched ? highly reliable and rugged design ? harsh environmental condition ? high efficiency ? 30w typical psat ? broadband communication ? broadcasting ? general purpose rf amplifier ? linear applications in the l/s frequency bands description rup15030-10 has been designed for rf system application frequencies from 500 ~ 2500mhz. this pallet amplifier uses gan on sic hemt technology which pe rforms high breakdown voltage, high linearity, wide bandwidth and high efficiency. electrical specifications @ vdd=28vdc, t=25 c, 50 system parameter unit min typ max symbol operating frequency mhz 500 - 2500 f o operating bandwidth mhz - 2000 - bw output power cw w 20 30 - p sat output power @ p3db g.c.p w 5 15 - p 3db small signal gain db 10 13 - g s small signal gain flatness db - 1.5 2.0 g s input vswr - - 2.0:1 2.5 : 1 s 11 harmonics @ p1db g.c.p dbc 10 - - h p1db spurious signals dbc 60 70 - spur operating voltage v 27 28 30 v supply current @ p sat a - 4.0 5.0 i dd supply current @ p 3db a - 2.5 3.5 i dd * please do not enter rf input power over +39dbm. (to prevent the main transistor from damaging) environmental characteristics parameter unit min typ max symbo l operating case temperature c 0 - 70 t c storage temperature c -40 - 85 t s
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 2 / 7 version 2.0 typical performance @ 25c p3 output power, current, efficiency psat output power, current, efficiency freq. output output current efficiency output output current efficiency mhz dbm w a % dbm w a % 500 43.68 23.33 1.89 36.83 46.69 46.67 2.51 59.79 600 41.59 14.42 1.65 29.20 45.02 31.77 1.89 52.46 700 41.60 14.45 1.61 29.61 44.36 27.29 1.81 43.66 800 41.56 14.32 1.86 25.25 44.74 29.79 2.38 33.39 900 41.74 14.93 2.23 22.00 45.26 33.57 2.81 33.10 1000 40.81 12.05 2.27 17.38 45.74 37.50 3.58 28.14 1100 39.00 7.94 2.03 13.01 46.01 39.90 4.09 26.41 1200 37.95 6.24 1.83 11.54 45.93 39.17 3.91 29.48 1300 39.73 9.40 2.24 14.02 46.36 43.25 4.00 31.07 1400 39.96 9.91 2.25 14.74 46.54 45.08 3.76 31.16 1500 40.83 12.11 2.51 16.06 46.77 47.53 4.76 30.01 1600 40.08 10.19 2.39 14.03 46.56 45.29 4.85 25.73 1700 41.78 15.07 2.64 18.78 46.61 45.81 4.47 27.62 1800 40.94 12.42 2.37 17.34 46.56 45.29 4.45 29.63 1900 42.82 19.14 2.67 23.75 46.87 48.64 4.12 35.02 2000 44.82 30.34 2.92 34.75 47.33 54.08 3.67 44.91 2100 45.90 38.90 2.82 46.53 47.47 55.85 3.24 54.84 2200 45.83 38.28 2.64 48.60 47.05 50.70 2.96 53.35 2300 45.61 36.39 2.73 44.19 47.00 50.12 3.10 48.88 2400 44.87 30.69 2.78 36.49 47.00 50.12 3.42 42.75 2500 44.98 31.48 3.04 33.70 46.74 47.21 3.74 36.19
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 3 / 7 version 2.0 typical performance @ 25c p3 & psat power [w] 0.00 10.00 20.00 30.00 40.00 50.00 60.00 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 p3 [watt] psat [watt] p3 & psat efficiency [%] 0.00 10.00 20.00 30.00 40.00 50.00 60.00 70.00 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 p3 [% ] psat [% ] p3 & psat current [a] 0.00 1.00 2.00 3.00 4.00 5.00 6.00 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 p3 current psat current
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 4 / 7 version 2.0 small signal gain @ input power : -10dbm, 25c
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 5 / 7 version 2.0 precautions this product is a wideband pallet amplifier based on a gallium nitride transistor. the gallium nitride transistor requires a negative voltage bias which operates alongside a positive voltage bias. these biases are applied in accordance to the sequence during turn-on and turn-off. the pallet amplifier does not have a built-in bias sequence circu it. therefore, users need to either apply positive voltages an d negative voltages in the required sequence, or add an external bias circuit to this amplifier. the required sequence for power supply is as follows. during turn-on 1. connect gnd to pin 4(gnd). 2. apply 5v to pin 2(ref.). 3. apply -5v to pin 3(v gs .). 4. apply 28v to pin 1(v dd .). 5. turn on the pin 2 and pin 3, then turn on the pin 1. 6. apply the rf power. during turn-off 1. turn off rf power. 2. turn off pin 1, then turn off the pin 3 and pin 2. 3. remove all connections. turn on turn off sequence timing diagram mechanical specifications parameter unit va l u e limit dimensions ( l x w x h ) mm 90.0 x 50.0 x 16.0 max rf connectors in/out - available sma female - cooling - external heat sink + airflow -
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 6 / 7 version 2.0 outline drawing * unit: mm[inch] | tolerance 0.15[.006] pin description pin no description specifications 1 v dd +28 drain voltage 2 ref. +5v op-amp operate voltage 3 v gs -5v gate voltage 4 gnd ground
gan-sic broadband amplifier rup15030-10 k orean facilities : 82-31-250-5078 / rfsales@rfhic.com all specifications may change without notice u s facility : 919-677-8780 / sales@rfhicusa.com 7 / 7 version 2.0 revision history part number release date version modification data sheet status rup15030-10 2012.02.18 2.0 tr package change - rup15030-10 2010.09.07 1.0 - - rfhic corporation reserves the right to make changes to any prod ucts herein or to discontinue any product at any time without n otice. while product specifications have been thoroughly examined for reliability, rfhic corporation strongly recommends buy ers to verify that the information they are using is accurat e before ordering. rfhic corporation does not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including wi thout limitation consequential or incidental damages. rfhic products are not intended for use in life support equipment or application where malfunction of the product can be expect ed to result in personal injury or death. buyer uses or sells such products for any such unintended or unauthorized application, buyer shall i ndemnify, protect and hold rfhic corporat ion and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such unauthorized use. sales, inquiries and support should be directed to the local au thorized geographic distributor for rfhic corporation. for custo mers in the us, please contact the us sales team at 919- 677-8780. for all other inquiries, please contact the international sales team at 82-31-250-5078.


▲Up To Search▲   

 
Price & Availability of RUP15030-1014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X