Part Number Hot Search : 
224001 AD1836 ISL85 5606B ABE0126 T62T10 224001 2012D12
Product Description
Full Text Search
 

To Download RLT1550-10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  roithner lasertechnik roithner lasertechnik a-1040 vienna, schoenbrunner strasse 7, austria tel: +43 -1- 586 52 43-0 fax: +43 -1- 586 52 43-44 e-mail: office@roithner-laser.com http://www.roithner-laser.com RLT1550-10G technical data infrared laserdiode structure: gainasp/inp sqw structure lasing wavelength: single mode 1550 nm typ. typ. optical power: 10 mw package: 9 mm (sot-148) pin connection: 1) laser diode cathode 2) laser diode anode and photodiode cathode 3) photodiode anode absolute maximum ratings (tc=25c) characteristic symbol rating unit maximum ld current i f 150 ma optical output power p o 30 mw ld reverse voltage v r(ld) 1.5 v pd reverse voltage v r(pd) 6 v operating temperature t c -20 .. +40 c storage temperature t stg -40 .. +85 c optical-electrical characteristics (tc = 25c) characteristic symbol test condition min typ max unit aperture a 1 x 5 m2 optical output power p o cw 10 mw threshold current i th cw 50 ma operation current i op p o = 10 mw 110 ma forward voltage u f p o = 10 mw 2 v lasing wavelength l p p o = 10 mw 1520 1550 1580 nm beam divergence q // p o = 10 mw 25 beam divergence q ^ p o = 10 mw 40 monitor current i m p o = 10 mw > 20 100 a note! laserdiode must be cooled!


▲Up To Search▲   

 
Price & Availability of RLT1550-10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X