Part Number Hot Search : 
NJM2249M HSC226 1N777 C2012X7R LAS8500P KK34119N 3N130 WR200
Product Description
Full Text Search
 

To Download R1515H094B-T1-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1515x series 50ma voltage regulator (wide input voltage range) no.ea-153-070802 1 outline the r1515x series are cmos-based positive voltage re gulator (vr) ics featuring 50ma output current. the r1515xxxxb has features of high input voltage and ultra-low supply current. a peak current limit circuit, a short current limit circuit, and a thermal shutdown circuit are built in the r1515x series. the operating temperature is ? 40c to 105c and the maximum input voltage is 36v, the r1515x series are very suitable for power source of car accessories. the regulator output voltage is fixed in the r1515xxxxb and can be selected with a step of 0.1v in the range of 2.0v to 12.0v. output voltage accuracy is 2%. the packages for these ics are the sot-89-5 for space saving and the hsop-6j for higher power applications. features ? input voltage ......................................................... max. 36v ? supply current ......................................................typ. 9 a ? standby current ....................................................typ. 0.1 a ? temperature-drift coefficient of output voltage ...typ. 100ppm/ c ? output current ......................................................min. 50ma (v in = v out + 3.0v; r1515x050b) ? line regulat ion .....................................................typ. 0.05%/v ? output voltage accuracy....................................... 2% ? packages ..............................................................sot-89-5, hsop-6j ? output voltage range ...........................................stepwise sett ing with a step of 0.1v in the range of 2.0v to 12.0v is possible (refer to selection guide). ? built-in peak current limit circuit ? built-in short current limit circuit ? built-in thermal shutdown circuit ? operating te mperature ......................................... ? 40 c to 105 c applications ? power source for home appliances such as refrigerat ors, rice cookers, electoric water warmers, etc. ? power source for car audio equipment, ca r navigation system, etc system, etc. ? power source for notebook pcs, digital tvs, cordless phones, and private lan system, etc. ? power source for office equipment machines such as c opiers, printers, facsimiles, scanners, projectors, etc. ? power source for the backup circui t for keyless entry system, etc.
r1515x 2 block diagrams r1515xxxxb v dd v out ce gnd current limit short protection vref thermal shutdown circuit selection guide the output voltage, the active type, and the taping type for the ics can be selected at the user?s request. the selection can be made with designating the part number as shown below; r1515xxxx x-xx -x part number a b c d e code contents a designation of package type: h: sot-89-5 s: hsop-6j b setting output voltage (v out ): stepwise setting with a step of 0.1v in the range of 2.0v to 12.0v is possible. c designation of active type: b: active high d designation of taping type: t1 (sot-89-5), e2 (hsop-6j) (r efer to taping specifications) e designation of composition of pin plating: -f: lead free plating
r1515x 3 pin configurations ? sot-89-5 ? hsop-6j 1 3 5 4 2 13 64 2 5 pin descriptions ? sot-89-5 ? hsop-6j pin no. symbol description pin no. symbol description 1 v out output pin 1 v out output pin 2 gnd* ground pin 2 gnd* ground pin 3 ce chip enable pin ("h" active) 3 ce chip enable pin ("h" active) 4 gnd* ground pin 4 gnd* ground pin 5 v dd input pin 5 gnd* ground pin 6 v dd input pin *) no.2 pin and no.4 pin of sot89-5 package must be wi red to the gnd plane. no.2 pin, no.4 pin and no.5 pin of hsop-6j package must be wired to the gnd plane when it is mounted on board.
r1515x 4 absolute maximum ratings symbol item rating unit v in input voltage ? 0.3 to 50 v v in peak input voltage * 1 60 v v ce input voltage (ce pin) ? 0.3 to v in + 0.3 < = 50 v v out output voltage ? 0.3 to v in + 0.3 < = 50 v i out output current 150 ma power dissipation (sot-89-5) * 2 900 p d power dissipation (hsop-6j) * 2 1700 mw topt operating temperature range ? 40 to 105 c tstg storage temperature range ? 55 to 125 c *1) duration time = 200ms *2) for power dissipation, please refer to package information to be described. absolute maximum ratings absolute maximum ratings are threshold limit values that must not be exceeded ever for an instant under any conditions. moreover, such values for any two items must not be reached simultaneously. operation above these absolute maximum ratings may cause degradation or permanent damage to the device. these are stress ratings only and do not necessarily imply functional operation below these limits.
r1515x 5 electrical characteristics ? r1515xxxxb topt = 25 c symbol item conditions min. typ. max. unit v in input voltage 4 36 v i ss supply current v in = v out + 3.0v, i out = 0ma 9 20 a i standby standby current v in = 36v, v ce = 0v 0.1 1.0 a v out output voltage v in = v out + 3.0v, i out = 1ma 0.98 1.02 v i out output current v in = v out + 3.0v 50 ma ? v out / ? i out load regulation v in = v out + 3.0v, 1ma < = < = ? v out / ? v in line regulation v out + 1.5v < = < = = 1ma 0.05 0.20 %/v v dif dropout voltage i out = 20ma refer to the following table ? v out / ? t opt output voltage temperature coefficient v in = v out + 3.0v, i out = 1ma ? 40 c < = < = c 100 ppm / c i lim short current limit v out = 0v 45 ma v ceh ce input voltage "h" 1.5 v in v v cel ce input voltage "l" 0 0.3 v t tsd thermal shutdown temperature junction temperature 150 c t tsr thermal shutdown released temperature junction temperature 125 c ? load regulation by output voltage topt = 25c ? dropout voltage by output voltage topt = 25c load regulation ? v out / ? i out (mv) output voltage v out (v) conditions typ. max. 2.0 < = v out < 5.0 10 25 5.0 < = v out < = = v out + 3.0v 1ma < = < = dropout voltage v dif (v) output voltage v out (v) condition typ. max. 2.0 < = v out < 2.5 0.60 1.20 2.5 < = v out < 3.0 0.40 0.85 3.0 < = v out < 4.0 0.35 0.60 4.0 < = v out < 5.0 0.25 0.40 5.0 < = v out < = = 20ma 0.20 0.35
r1515x 6 typical application c1 r1515x series v dd v out ce gnd c2 c1=ceramic 0.1 f c2=ceramic 0.1 f v out technical notes when using these ics, consider the following points: phase compensation phase compensation of the r1515x series has been m ade internally for stable operation even though the load current would vary. therefore, without the capacito rs, c1 and c2, the output voltage is regulated, however, for more stable operation, use capacitors as c1 and c2. especially, if the input line is long and impedance is high, c1 is necessary. moreover, if you use rather large c2 , transient response will be improved. recommended value is in the range from 0.1 f to 10 f. wiring should be made as short as possible. connect the capacitor, c1 between v dd pin and gnd pin and c2 between v out and gnd as close as possible. gnd wiring of mounting on board no.2 pin and no.4 pin of sot-89-5 package must be wi red to the gnd plane. no.2 pin, no.4 pin and no.5 pin of hsop-6j package must be wired to the gn d plane when it is mounted on board. thermal shutdown thermal shutdown function is included in the r1515x series, if the junction temperature is equal or more than +150 c (typ.), the operation of regulator would stop. afte r that, when the junction temperature is equal or less than +125 c (typ.), the operation of regulator would restar t. unless the cause of rising temperature would remove, the regulator repeats on and off, and output waveform would be like consecutive pulses. chip enable circuit do not make voltage level of chip enable pin keep floating level, or in between v ceh and v cel . otherwise, the output voltage would be unstable or indefinite, or unexpected current would flow internally.
r1515x 7 test circuits c1 r1515x series v dd v out ce gnd v c2 v out i out c1=ceramic 0.1 f c2=ceramic 0.1 f basic test circuit c1 r1515x series v dd v out ce gnd c2 a i ss c1=ceramic 0.1 f c2=ceramic 0.1 f v out test circuit for supply current r1515x series v dd v out ce gnd c2 pulse generator i out c2=ceramic 0.1 f p. g. test circuit for line transient response
r1515x 8 c1 r1515x series v dd v out ce gnd c2 i outa i outb c1=ceramic 0.1 f c2=ceramic 0.1 f v out test circuit for load transient response
r1515x 9 typical characteristics 1) output voltage vs. output current (topt = 25 c) r1515x020b r1515x030b 0 150 100 50 200 output current i out (ma) output voltage v out (v) 0 2.5 1.5 1.0 0.5 2.0 v in= 3.5v v in= 4.0v v in= 4.5v v in= 5.0v 0 150 100 50 200 output current i out (ma) output voltage v out (v) 0 3.5 1.5 1.0 0.5 2.5 2.0 3.0 v in= 4.5v v in= 5.0v v in= 5.5v v in= 6.0v r1515x050b r1515x090b 0 150 100 50 200 output current i out (ma) output voltage v out (v) 0 6 3 2 1 5 4 v in= 6.5v v in= 7.0v v in= 7.5v v in= 8.0v 0 150 100 50 200 output current i out (ma) output voltage v out (v) 0 10 6 4 2 8 v in= 10.5v v in= 11.0v v in= 11.5v v in= 12.0v 2) output voltage vs. input voltage (topt = 25 c) r1515x020b r1515x030b 030 20 10 40 input voltage v in (v) output voltage v out (v) 1.0 3.0 2.5 2.0 1.5 i out= 1ma i out= 20ma i out= 40ma 030 20 10 40 input voltage v in (v) output voltage v out (v) 2.0 4.0 3.5 3.0 2.5 i out= 1ma i out= 20ma i out= 40ma
r1515x 10 r1515x050b r1515x090b 030 20 10 40 input voltage v in (v) output voltage v out (v) 4.0 6.0 5.5 5.0 4.5 i out= 1ma i out= 20ma i out= 40ma 030 20 10 40 input voltage v in (v) output voltage v out (v) 8.0 10.0 9.5 9.0 8.5 i out= 1ma i out= 20ma i out= 40ma 3) dropout voltage vs. output current r1515x020b r1515x030b 040 20 10 30 50 output current i out (ma) dropout voltage v dif (v) 0 2.0 1.5 0.5 1.0 105 c 25 c -40 c 040 20 10 30 50 output current i out (ma) dropout voltage v dif (v) 0 2.0 1.5 0.5 1.0 105 c 25 c -40 c r1515x050b r1515x090b 040 20 10 30 50 output current i out (ma) dropout voltage v dif (v) 0 2.0 1.5 0.5 1.0 105 c 25 c -40 c 040 20 10 30 50 output current i out (ma) dropout voltage v dif (v) 0 2.0 1.5 0.5 1.0 105 c 25 c -40 c
r1515x 11 4) output voltage vs. temperature r1515x020b r1515x030b temperature topt( c) output voltage v out (v) v in =5.0v 1.90 2.10 2.05 2.00 1.95 -40 50 -25 0 75 25 105 temperature topt( c) output voltage v out (v) v in =6.0v 2.90 3.10 3.05 3.00 2.95 -40 50 -25 0 75 25 105 r1515x050b r1515x090b temperature topt( c) output voltage v out (v) v in =8.0v 4.8 5.2 5.1 5.0 4.9 -40 50 -25 0 75 25 105 temperature topt( c) output voltage v out (v) v in =12.0v 8.6 9.4 9.2 9.0 8.8 -40 50 -25 0 75 25 105 5) supply current vs. input voltage (topt = 25 c) r1515x020b r1515x030b 030 10 20 40 input voltage v in (v) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 030 10 20 40 input voltage v in (v) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4
r1515x 12 r1515x050b r1515x090b 030 10 20 40 input voltage v in (v) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 030 10 20 40 input voltage v in (v) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 6) supply current vs. temperature r1515x020b r1515x030b -40 50 -25 0 75 25 105 temperature topt( c) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 -40 50 -25 0 75 25 105 temperature topt( c) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 r1515x050b r1515x090b -40 50 -25 0 75 25 105 temperature topt( c) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4 -40 50 -25 0 75 25 105 temperature topt( c) supply current i ss ( a) 0 18 10 6 2 12 14 16 8 4
r1515x 13 7) input transient response (i out = 1ma, tr = tf = 50 s, c2 = ceramic 0.1 f, topt = 25 c) r1515x020b r1515x030b 45 2 03 16 time t (ms) output voltage v out (v) input voltage v in (v) 15 10 5 0 0 4 2 input voltage output voltage 45 2 03 16 time t (ms) output voltage v out (v) input voltage v in (v) 15 10 5 0 1 5 3 input voltage output voltage r1515x050b r1515x090b 45 2 03 16 time t (ms) output voltage v out (v) input voltage v in (v) 15 10 5 0 3 7 5 input voltage output voltage 45 2 03 16 time t (ms) output voltage v out (v) input voltage v in (v) 20 15 10 5 7 11 9 input voltage output voltage 8) load transient response (c2 = ceramic 0.1 f, topt = 25 c) 45 2 03 16 time t (ms) r1515x020b output voltage v out (v) output current i out (ma) 30 20 10 0 0 4 2 v in =5.0v tr=tf=50 s output voltage output current 1ma 20ma 45 2 03 16 time t (ms) output voltage v out (v) output current i out (ma) 30 20 10 0 1 5 3 v in =6.0v tr=tf=50 s r1515x030b output voltage output current 1ma 20ma
r1515x 14 45 2 03 16 time t (ms) output voltage v out (v) output current i out (ma) 30 20 10 0 3 7 5 v in =8.0v tr=tf=50 s r1515x050b output voltage output current 1ma 20ma 45 2 03 16 time t (ms) output voltage v out (v) output current i out (ma) 30 20 10 0 7 11 9 v in =12.0v tr=tf=50 s r1515x090b output voltage output current 1ma 20ma
package information pe-sot-89-5-071210 ? sot-89-5 unit: mm package dimensions 4.50.1 1.50.1 0.40.1 0.40.1 1.60.2 1.50.1 1.50.1 0.1 2.50.1 4.350.1 1.00.2 0.30.2 0.30.2 0.420.1 ?1.0 54 123 32 45 1 0.4 0.42 0.1 0.47 0.42 0.1 0.1 s s bottom view taping specification (t1: standard type) 2.5max. 0.30.1 120.3 5.0 8.00.1 4.00.1 2.00.05 5.650.05 1.50.1 ? 1.5 +0.1 0 4.7 ?1.60.1 t1 user direction of feed taping reel dimensions reuse reel (eiaj-rrm-12bc) (1reel=1000pcs) 20.5 ? 60 ? 180 ?.5 +1 0 0 210.8 15.41.0 130.3 130.2 ?
package information pe-sot-89-5-071210 power dissipation (sot-89-5) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions high wattage land pattern standard land pattern environment mounting on board (wind velocity=0m/s) mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (doubl e sided) glass cloth epoxy plastic (double sided) board dimensions 30mm 30mm 1.6mm 50mm 50mm 1.6mm copper ratio top side : approx. 20% , back side : approx. 100% top side : approx. 10% , back side : approx. 100% through-hole 0.85mm 10pcs - measurement result (topt=25 c ,tjmax=125 c ) high wattage land pattern standard land pattern free air power dissipation 1300mw 900mw 500mw thermal resistance 77 c /w 111 c /w 200 c /w 0 200 800 500 1100 1400 100 700 400 1000 1300 300 900 600 1200 1500 0 150 5025 75 85 100 125 power dissipation p d (mw) ambient temperature (c) on board (high wattage land pattern) on board (standard land pattern) free air 30 15 7.5 30 15 7.5 50 50 high wattage standard power dissipation measurement board pattern ic mount area (unit : mm) recommended land pattern (sot-89-5) 1.0 0.7 max. 0.7 max. 1.5 1.5 45 1.50.70.80.71.5 2.0 (unit : mm)
p a ckages informa t ion pe-hsop-6j-0701 ? unit: mm package dimensions 0.10 3.81 65 4 1 0.605typ. 0.4 0.1 5.02 0.3 6.0 0.3 3.9 0.2 0.60 0.2 1.67 0.1 0.15 0.1 1.5 0.1 0.2 +0.10 ? 0.05 23 0.12 m taping specifi cation e2 0.3 0.1 4.0 0.1 2.05 0.1 8.0 0.1 6.7 5.5 2.0 0.05 1.75 0.1 5.5 0.05 12 0.3 2.7max. 1.5 +0.1 0 user ? direction ? of ? feed taping reel di mensions reuse reel (eiaj-rrm-12bc) (1reel =10 00p cs) 15.4 1.0 13 0.3 21 0.8 2 0.5 ? ? 60 0 ? ? 180 ? 1.5 +1 0 13 0.2 ?
p a ckages informa t ion pe-hsop-6j-0701 power dissipation (hsop-6j) this spe c ifica t ion is at m o u n ted on boa rd. powe r di ssip ation (p d ) depe nd s on condition s of mounting on board. this spe c ifica t ion is ba sed on the mea s u r eme n t at the conditio n bel ow: measurement conditio n s high wattage land pattern standard lan d pattern environme n t mounting o n board (win d velocity=0m/ s) mounting o n board (win d velocity=0m/ s) board mate ri al glass cl oth e poxy plactic (dou bl e si ded ) glass cl oth e poxy plactic (dou ble si ded ) board dimen s ion s 50mm 50 mm 1.6mm 50mm 50 mm 1.6mm cop per ratio 90% 50% thro ugh -hol e 0 . 5mm 44pcs 0 . 5mm 44pcs measurement result (topt=25 c, tjm a x = 125 c) high wattage land pattern standard lan d pattern free air powe r di ssi p a tion 2000m w 1700m w 540m w therm a l re si st an ce 50 c / w 5 9 c / w 1 8 5 c/w 0 5 0 100 25 75 85 125 150 ambient ? temperature ? ( c) 0 800 400 1200 1600 1700 540 2400 600 200 1000 1400 2000 2200 1800 2600 power ? dissipation ? p d (mw) on ? boad ? (high ? wattage ? land ? pattern) free ? air on ? boad ? (standerd ? land ? pattern) 50 18 49 10 50 20 40 20 po w e r dis s ip ation high w a tt ag e s t andard measur e men t boar d pattern ic mount are a unit : mm recommended land p a ttern (hsop-6j) 1.05 5.35 0.6 1.87 1.905 1.905 (unit: mm)
mark inf o rma t ions me-r1 515 h-0704 r1515h series mark specification ? sot-89-5 1 2 3 4 5 6 1 : n (fixed) 2 , 3 , 4 : setting voltage 5 , 6 : lot numb er ( refer to part number vs . produc t code ) ? part numb er vs. prod uct code prod uct co de prod uct co de prod uct co de prod uct co de part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 r1515h02 0 b n 0 2 0 r1515h05 0 b n 0 5 0 r1515h08 0b n 0 8 0 r1515h11 0 b n 1 1 0 r1515h02 1 b n 0 2 1 r1515h05 1 b n 0 5 1 r1515h08 1b n 0 8 1 r1515h11 1 b n 1 1 1 r1515h02 2 b n 0 2 2 r1515h05 2 b n 0 5 2 r1515h08 2b n 0 8 2 r1515h11 2 b n 1 1 2 r1515h02 3 b n 0 2 3 r1515h05 3 b n 0 5 3 r1515h08 3b n 0 8 3 r1515h11 3 b n 1 1 3 r1515h02 4 b n 0 2 4 r1515h05 4 b n 0 5 4 r1515h08 4b n 0 8 4 r1515h11 4 b n 1 1 4 r1515h02 5 b n 0 2 5 r1515h05 5 b n 0 5 5 r1515h08 5b n 0 8 5 r1515h11 5 b n 1 1 5 r1515h02 6 b n 0 2 6 r1515h05 6 b n 0 5 6 r1515h08 6b n 0 8 6 r1515h11 6 b n 1 1 6 r1515h02 7 b n 0 2 7 r1515h05 7 b n 0 5 7 r1515h08 7b n 0 8 7 r1515h11 7 b n 1 1 7 r1515h02 8 b n 0 2 8 r1515h05 8 b n 0 5 8 r1515h08 8b n 0 8 8 r1515h11 8 b n 1 1 8 r1515h02 9 b n 0 2 9 r1515h05 9 b n 0 5 9 r1515h08 9b n 0 8 9 r1515h11 9 b n 1 1 9 r1515h03 0 b n 0 3 0 r1515h06 0 b n 0 6 0 r1515h09 0b n 0 9 0 r1515h12 0 b n 1 2 0 r1515h03 1 b n 0 3 1 r1515h06 1 b n 0 6 1 r1515h09 1b n 0 9 1 r1515h03 2 b n 0 3 2 r1515h06 2 b n 0 6 2 r1515h09 2b n 0 9 2 r1515h03 3 b n 0 3 3 r1515h06 3 b n 0 6 3 r1515h09 3b n 0 9 3 r1515h03 4 b n 0 3 4 r1515h06 4 b n 0 6 4 r1515h09 4b n 0 9 4 r1515h03 5 b n 0 3 5 r1515h06 5 b n 0 6 5 r1515h09 5b n 0 9 5 r1515h03 6 b n 0 3 6 r1515h06 6 b n 0 6 6 r1515h09 6b n 0 9 6 r1515h03 7 b n 0 3 7 r1515h06 7 b n 0 6 7 r1515h09 7b n 0 9 7 r1515h03 8 b n 0 3 8 r1515h06 8 b n 0 6 8 r1515h09 8b n 0 9 8 r1515h03 9 b n 0 3 9 r1515h06 9 b n 0 6 9 r1515h09 9b n 0 9 9 r1515h04 0 b n 0 4 0 r1515h07 0 b n 0 7 0 r1515h10 0b n 1 0 0 r1515h04 1 b n 0 4 1 r1515h07 1 b n 0 7 1 r1515h10 1b n 1 0 1 r1515h04 2 b n 0 4 2 r1515h07 2 b n 0 7 2 r1515h10 2b n 1 0 2 r1515h04 3 b n 0 4 3 r1515h07 3 b n 0 7 3 r1515h10 3b n 1 0 3 r1515h04 4 b n 0 4 4 r1515h07 4 b n 0 7 4 r1515h10 4b n 1 0 4 r1515h04 5 b n 0 4 5 r1515h07 5 b n 0 7 5 r1515h10 5b n 1 0 5 r1515h04 6 b n 0 4 6 r1515h07 6 b n 0 7 6 r1515h10 6b n 1 0 6 r1515h04 7 b n 0 4 7 r1515h07 7 b n 0 7 7 r1515h10 7b n 1 0 7 r1515h04 8 b n 0 4 8 r1515h07 8 b n 0 7 8 r1515h10 8b n 1 0 8 r1515h04 9 b n 0 4 9 r1515h07 9 b n 0 7 9 r1515h10 9b n 1 0 9
mark inf o rma t ions me-r1 515s -0704 r1515s series mark specification ? hsop-6j r 1 2 3 4 5 6 1 : f (fixed) 2 , 3 , 4 : setting voltage 5 , 6 : lot numb er ( refer to part number vs . produc t code ) ? part numb er vs. prod uct code prod uct co de prod uct co de prod uct co de prod uct co de part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 r 1 5 1 5 s 0 2 0 b f 0 2 0 r 1 5 1 5 s 0 5 0 b f 0 5 0 r1515s080b f 0 8 0 r 1 5 1 5 s 1 1 0 b f 1 1 0 r 1 5 1 5 s 0 2 1 b f 0 2 1 r 1 5 1 5 s 0 5 1 b f 0 5 1 r1515s081b f 0 8 1 r 1 5 1 5 s 1 1 1 b f 1 1 1 r 1 5 1 5 s 0 2 2 b f 0 2 2 r 1 5 1 5 s 0 5 2 b f 0 5 2 r1515s082b f 0 8 2 r 1 5 1 5 s 1 1 2 b f 1 1 2 r 1 5 1 5 s 0 2 3 b f 0 2 3 r 1 5 1 5 s 0 5 3 b f 0 5 3 r1515s083b f 0 8 3 r 1 5 1 5 s 1 1 3 b f 1 1 3 r 1 5 1 5 s 0 2 4 b f 0 2 4 r 1 5 1 5 s 0 5 4 b f 0 5 4 r1515s084b f 0 8 4 r 1 5 1 5 s 1 1 4 b f 1 1 4 r 1 5 1 5 s 0 2 5 b f 0 2 5 r 1 5 1 5 s 0 5 5 b f 0 5 5 r1515s085b f 0 8 5 r 1 5 1 5 s 1 1 5 b f 1 1 5 r 1 5 1 5 s 0 2 6 b f 0 2 6 r 1 5 1 5 s 0 5 6 b f 0 5 6 r1515s086b f 0 8 6 r 1 5 1 5 s 1 1 6 b f 1 1 6 r 1 5 1 5 s 0 2 7 b f 0 2 7 r 1 5 1 5 s 0 5 7 b f 0 5 7 r1515s087b f 0 8 7 r 1 5 1 5 s 1 1 7 b f 1 1 7 r 1 5 1 5 s 0 2 8 b f 0 2 8 r 1 5 1 5 s 0 5 8 b f 0 5 8 r1515s088b f 0 8 8 r 1 5 1 5 s 1 1 8 b f 1 1 8 r 1 5 1 5 s 0 2 9 b f 0 2 9 r 1 5 1 5 s 0 5 9 b f 0 5 9 r1515s089b f 0 8 9 r 1 5 1 5 s 1 1 9 b f 1 1 9 r 1 5 1 5 s 0 3 0 b f 0 3 0 r 1 5 1 5 s 0 6 0 b f 0 6 0 r1515s090b f 0 9 0 r 1 5 1 5 s 1 2 0 b f 1 2 0 r 1 5 1 5 s 0 3 1 b f 0 3 1 r 1 5 1 5 s 0 6 1 b f 0 6 1 r1515s091b f 0 9 1 r 1 5 1 5 s 0 3 2 b f 0 3 2 r 1 5 1 5 s 0 6 2 b f 0 6 2 r1515s092b f 0 9 2 r 1 5 1 5 s 0 3 3 b f 0 3 3 r 1 5 1 5 s 0 6 3 b f 0 6 3 r1515s093b f 0 9 3 r 1 5 1 5 s 0 3 4 b f 0 3 4 r 1 5 1 5 s 0 6 4 b f 0 6 4 r1515s094b f 0 9 4 r 1 5 1 5 s 0 3 5 b f 0 3 5 r 1 5 1 5 s 0 6 5 b f 0 6 5 r1515s095b f 0 9 5 r 1 5 1 5 s 0 3 6 b f 0 3 6 r 1 5 1 5 s 0 6 6 b f 0 6 6 r1515s096b f 0 9 6 r 1 5 1 5 s 0 3 7 b f 0 3 7 r 1 5 1 5 s 0 6 7 b f 0 6 7 r1515s097b f 0 9 7 r 1 5 1 5 s 0 3 8 b f 0 3 8 r 1 5 1 5 s 0 6 8 b f 0 6 8 r1515s098b f 0 9 8 r 1 5 1 5 s 0 3 9 b f 0 3 9 r 1 5 1 5 s 0 6 9 b f 0 6 9 r1515s099b f 0 9 9 r 1 5 1 5 s 0 4 0 b f 0 4 0 r 1 5 1 5 s 0 7 0 b f 0 7 0 r1515s100b f 1 0 0 r 1 5 1 5 s 0 4 1 b f 0 4 1 r 1 5 1 5 s 0 7 1 b f 0 7 1 r1515s101b f 1 0 1 r 1 5 1 5 s 0 4 2 b f 0 4 2 r 1 5 1 5 s 0 7 2 b f 0 7 2 r1515s102b f 1 0 2 r 1 5 1 5 s 0 4 3 b f 0 4 3 r 1 5 1 5 s 0 7 3 b f 0 7 3 r1515s103b f 1 0 3 r 1 5 1 5 s 0 4 4 b f 0 4 4 r 1 5 1 5 s 0 7 4 b f 0 7 4 r1515s104b f 1 0 4 r 1 5 1 5 s 0 4 5 b f 0 4 5 r 1 5 1 5 s 0 7 5 b f 0 7 5 r1515s105b f 1 0 5 r 1 5 1 5 s 0 4 6 b f 0 4 6 r 1 5 1 5 s 0 7 6 b f 0 7 6 r1515s106b f 1 0 6 r 1 5 1 5 s 0 4 7 b f 0 4 7 r 1 5 1 5 s 0 7 7 b f 0 7 7 r1515s107b f 1 0 7 r 1 5 1 5 s 0 4 8 b f 0 4 8 r 1 5 1 5 s 0 7 8 b f 0 7 8 r1515s108b f 1 0 8 r 1 5 1 5 s 0 4 9 b f 0 4 9 r 1 5 1 5 s 0 7 9 b f 0 7 9 r1515s109b f 1 0 9


▲Up To Search▲   

 
Price & Availability of R1515H094B-T1-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X