Part Number Hot Search : 
TR1000 MDV1548 4043B RC0039F C3021 STM69 MCD312 IMP2527
Product Description
Full Text Search
 

To Download PBAR5AF9000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-132 apem www.apem.com b pba series piezo switches distinctive features - specifications - overview ? ? sealed to ip 68 (switches mounted on panel) ? ? easy to clean metal surface ? ? long life ? ? ring or dot illumination electrical specifications ?rated voltage : 5v to 24 vac/dc max. ?rated current : 0,2a to 1a max. ?switch resistance on : 10 max. ?switch resistance off : 5m min. ?switch capacitance : 25pf ?led : 20ma 5vdc general specifications ?operating force : 2 to 6n ?life expectancy : 50 million cycles ?operating temperature : -40? to +75? ?emc compatibility according to en 61058-1 for the whole range ?emc compatibility according to en 61000-4 & en61000-6-2 for model 1a (code 002) ?sealing : ip 68 per iec 529 (switches mounted on panel) materials ?case : aluminium, anodized or stainless steel ?terminals : multi-wire leads awg24, length 300 mm (11.81) standard hardware supplied : 1 hex nut u4116 (19 mm ac. flats) or 1 hex nut u6440 (25 mm across flats) packaging unit : bushing 16 (.629) : 40 pieces bushing 22 (.866) : 20 pieces dimensions : first dimensions are in mm while inches are shown as bracketted numbers. pba series terminals f wire leads colours / materials 0 natural anodized 1 blue anodized 2 black anodized 3 green anodized 5 gold anodized 6 red anodized 9 stainless steel* * non-illuminated only ratings 000 200ma 24vac/dc (std) 002 1a 24vac / dc electrical function a no (pulse) bushing / operator r1 bushing 16 (.629), flat r2 bushing 22 (.866), flat (dot illumination only) r5 bushing 16 (.629), with chamfer (non-illum. only) r6 bushing 22 (.866), with chamfer (dot illumination only) led colours blank non-illuminated 16 with illuminated ring a0b blue a0g green a0s red a0y amber 22 mm with illuminated dot l0b blue l0g green l0s red l0y amber lsg red/green notice : please note that not all combinations of above numbers are available. refer to the following pages for further information.
- + apem www.apem.com b-133 pba series piezo switches bushing 16 (.629) - illuminated and non-illuminated b model structure ?panel cut-out : 16,2 mm (.637) ?operator 18 mm (.708) illuminated non-illuminated 000 with illuminated ring flat operator pbar1af (.708dia) ?18.00 (.177) 4.50 (.197) 5.00 awg24 ?16x1 si (.630diax1 is) (.787) 20.00 pba non-illuminated flat operator pbar1af with chamfer pbar5af 20.00 (.787) (.630diax1 is) ?6x1 si awg24 5.00 (.197) 4.50 (.177) ?8.00 (.708dia) (.512dia) ?3.00 case colours / materials 000 0 : natural anodized aluminium - 1 : blue anodized alum. - 2 : black anodized alum. - 3 : green anodized alum. 5 : gold anodized alum. - 6 : red anodized alum. - 9 : stainless steel (non-illum. only) led colours 000 blank : non-illuminated a0b : blue - a0g : green - a0s : red - a0y : amber wire colours : red : contact, yellow : led anode (+), blue : led cathode (-)
b-134 apem www.apem.com pba series piezo switches bushing 22 (.866) - illuminated and non-illuminated b model structure ?panel cut-out : 22,2 mm (.874) ?operator 28 mm (1.102) 000 - + with illuminated dot flat operator pbar2af with chamfer pbar6af ?22x1 si (.866diax1 is) (.256) 6.50 ( .118dia) led ?3.00 ?22.00 3.00 19.50 3.00 ?28.00 8.20 5.00 push zone push zone (.866dia) (.118) (.323) (.768) (.197) (.118) (1.102dia) awg24 non-illuminated flat operator pbar2af with chamfer pbar6af (.866dia) ?2.00 ?2x1 si (.866diax1 is) ?8.00 3.00 19.50 5.00 awg24 (.768) (.118) (.197) (1.102dia) ?0.70 (.815dia) case colours / materials 000 0 : natural anodized aluminium - 1 : blue anodized alum. - 2 : black anodized alum. - 3 : green anodized alum. 5 : gold anodized alum. - 6 : red anodized alum. - 9 : stainless steel (non-illum. only) led colours 000 blank : non-illuminated l0b : blue - l0g : green - l0s : red - l0y : amber - lsg : red/green wire colours : red : contact, yellow : led anode (+), blue : led cathode (-) illuminated non-illuminated


▲Up To Search▲   

 
Price & Availability of PBAR5AF9000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X