Part Number Hot Search : 
SP574B GPM130C SM3386 75K72100 SXXXF LT1208 6L01I 25L80
Product Description
Full Text Search
 

To Download P45N02LDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sep-02-2004 n-channel logic level enhancement mode field eff ect transistor P45N02LDG to-252 (dpak) lead-free niko-sem absolute maximum ratings (t c = 25 c unless otherwise noted) parameters/test conditions symbol limits units gate-source voltage v gs 20 v t c = 25 c 45 continuous drain current t c = 100 c i d 28 pulsed drain current 1 i dm 140 avalanche current i ar 20 a avalanche energy l = 0.1mh e as 140 repetitive avalanche energy 2 l = 0.05mh e ar 5.6 mj t c = 25 c 55 power dissipation t c = 100 c p d 33 w operating junction & storage temperature range t j , t stg -55 to 150 lead temperature ( 1 / 16 ? from case for 10 sec.) t l 275 c thermal resistance ratings thermal resistance symbol typical maximum units junction-to-case r jc 3 junction-to-ambient r ja 70 case-to-heatsink r cs 0.7 c / w 1 pulse width limited by maximum junction temperature. 2 duty cycle 1 h electrical characteristics (t c = 25 c, unless otherwise noted) limits parameter symbol test conditions min typ max unit static drain-source breakdown voltage v (br)dss v gs = 0v, i d = 250 a 25 gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 0.8 1.2 2.5 v gate-body leakage i gss v ds = 0v, v gs = 20v 250 na v ds = 20v, v gs = 0v 25 zero gate voltage drain current i dss v ds = 20v, v gs = 0v, t j = 125 c 250 a on-state drain current 1 i d(on) v ds = 10v, v gs = 10v 45 a 1. gate 2. drain 3. source product summary v (br)dss r ds(on) i d 25 20m [ 45a g d s free datasheet http://www.datasheet-pdf.com/
2 sep-02-2004 n-channel logic level enhancement mode field eff ect transistor P45N02LDG to-252 (dpak) lead-free niko-sem v gs = 7v, i d = 18a 20 30 drain-source on-state resistance 1 r ds(on) v gs = 10v, i d = 20a 15 28 m [ forward transconductance 1 g fs v ds = 15v, i d = 30a 16 s dynamic input capacitance c iss 600 output capacitance c oss 290 reverse transfer capacitance c rss v gs = 0v, v ds = 15v, f = 1mhz 100 pf total gate charge 2 q g 25 gate-source charge 2 q gs 2.9 gate-drain charge 2 q gd v ds = 0.5v (br)dss , v gs = 10v, i d = 20a 7.0 nc turn-on delay time 2 t d(on) 7.0 rise time 2 t r v ds = 15v, r l = 1 [ 7.0 turn-off delay time 2 t d(off) i d ? 30a, v gs = 10v, r gs = 2.5 [ 24 fall time 2 t f 6.0 ns source-drain diode ratings and characteristics (t c = 25 c) continuous current i s 45 pulsed current 3 i sm 150 a forward voltage 1 v sd i f = i s , v gs = 0v 1.3 v reverse recovery time t rr 37 ns peak reverse recovery current i rm(rec) i f = i s , dl f /dt = 100a / s 200 a reverse recovery charge q rr 0.043 c 1 pulse test : pulse width 300 sec, duty cycle 2 h . 2 independent of operating temperature. 3 pulse width limited by maximum junction temperature. remark: the product marked with ?p 45n02ldg?, date code or lot # orders for parts with lead-free plating can be placed using the pxxxxxxg parts name free datasheet http://www.datasheet-pdf.com/
3 sep-02-2004 n-channel logic level enhancement mode field eff ect transistor P45N02LDG to-252 (dpak) lead-free niko-sem typical characteristics free datasheet http://www.datasheet-pdf.com/
4 sep-02-2004 n-channel logic level enhancement mode field eff ect transistor P45N02LDG to-252 (dpak) lead-free niko-sem free datasheet http://www.datasheet-pdf.com/
5 sep-02-2004 n-channel logic level enhancement mode field eff ect transistor P45N02LDG to-252 (dpak) lead-free niko-sem to-252 (dpak) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 9.35 10.4 h 0.89 2.03 b 2.2 2.4 i 6.35 6.80 c 0.45 0.6 j 5.2 5.5 d 0.89 1.5 k 0.6 1 e 0.45 0.69 l 0.5 0.9 f 0.03 0.23 m 3.96 4.57 5.18 g 5.2 6.2 n g a h j i b c m l k d e f 13 2 free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of P45N02LDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X