Part Number Hot Search : 
1N591 LTC310 68710 BS08D 1000S LM2904D 83120 SB560
Product Description
Full Text Search
 

To Download NSSW206CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n i chia st s-da1- 2601e nichia corporation specifications for white led NSSW206CT pb-f r e e r e f l o w so lder ing a ppli c at io n r o hs co mp lia nt http://
n i chia st s-da1- 2601e 1 specifica t ions (1) ab sol u te maxi mum r a ti ngs item symbol absolute maximum rating unit forward current i f 35 ma pulse forward current i fp 100 ma reverse voltage v r 5 v power dissipation p d 112 mw operating temperature t opr -30~85 c storage temperature t stg -40~100 c junction temperature t j 105 c * abs o l u te maxi mum r a t i ngs at t a =25c. * i fp co ndit io n s wi th pu ls e wi dth 1 0 m s an d dut y cycl e 10%. ( 2 ) in it ial e l ect r ical/ o pt i cal c h ar acterist ics ite m symbol condition typ max unit forward voltage v f i f =20ma 2.9 - v reverse current i r v r =5v - - a luminous flux (chro m at ic it y coordinat e 1) v i f =20ma 8.6 - lm lum i no us in te nsit y (chro m at ic it y coordinat e 1) i v i f =20ma 2.8 - cd x - i f =20ma 0.300 - - chroma ticit y c oordinate1 y - i f =20ma 0.295 - - lum i no us f l ux (chro m at ic it y coordinat e 2) v i f =20ma 8.25 - lm lum i no us in te nsit y (chro m at ic it y coordinat e 2) i v i f =20ma 2.7 - cd x - i f =20ma 0.290 - - chroma ticit y c oordinate2 y - i f =20ma 0.275 - - thermal resistance r js - 85 145 c/w * char acteristics at t a =25c . * lum i nous f l ux v a l u e as p e r cie 127: 200 7 s t andard . * chrom a t i ci t y coordi nate s as pe r cie 1931 chrom a ti cit y chart . * r js is th ermal r e si sta n ce from juncti o n to t s measur in g point.
n i chia st s-da1- 2601e 2 ranks item rank min max unit forward voltage - 2.6 3.2 v reverse current - - 50 a nw850 8.50 8.75 nw825 8.25 8.50 nw800 8.00 8.25 nw775 7.75 8.00 nw750 7.50 7.75 luminous flux n w 725 7. 25 7. 50 lm color r a nks r a nk sa52 rank sa56 x 0. 2800 0. 2720 0. 2820 0. 2880 x 0. 2830 0. 2800 0. 2880 0.2910 y 0. 2480 0. 2580 0. 2720 0. 2620 y 0. 2440 0. 2480 0. 2620 0.2580 r a nk sa57 rank sa62 x 0. 2720 0. 2793 0. 2820 x 0. 2880 0. 2820 0.2910 0.2960 y 0. 2580 0. 2755 0. 2720 y 0. 2620 0. 2720 0.2870 0.2760 r a nk sa66 rank sa67 x 0. 2910 0. 2880 0. 2960 0. 2980 x 0. 2820 0. 2793 0. 2887 0.2910 y 0. 2580 0. 2620 0. 2760 0. 2710 y 0. 2720 0. 2755 0. 2916 0.2870 ra n k s b j 2 rank sbj6 x 0. 2960 0. 2910 0. 2990 0. 3040 x 0. 2980 0. 2960 0. 3040 0.3062 y 0. 2760 0. 2870 0. 3010 0. 2900 y 0. 2710 0. 2760 0. 2900 0.2853 rank sbj7 x 0. 2910 0. 2887 0. 2968 0. 2990 y 0. 2870 0. 2916 0. 3058 0. 3010 * r a nking at t a =25c. * f o rw ard v o l t age t o le r a nce: 0. 05v * luminous flux t o ler a nc e: 7% * chrom a t i ci t y coordi nate t ol e r a nce : 0 . 005 * led s from the abo v e r a nk s wil l b e shi p p e d. the r a nk combinat ion r a t i o per sh ipmen t will be d e cided by nichia . lum i no us f l ux r a nks by color r a nk ranking by luminous flux r a nking by color coordinates n w 725 nw750 nw775 nw800 nw825 nw850 sa52,sa56, sa57 sa62,sa66, sa67 sbj2,sbj6,sbj7
n i chia st s-da1- 2601e 3 chroma ticity d i agram sa52 sa56 sa 5 7 sa 6 2 sa 6 6 sa 6 7 sb j 2 sb j 6 sb j 7 0.20 0.25 0.30 0.35 0.40 0.20 0.25 0.3 0 0 .35 0.40 x y
n i chia st s-da1- 2601e 4 outline dimensions sts- da7- 1271a n x sw206x no. ( g unit: mm) t h is produc t co m p li es wi th ro hs d i re cti v e. u ? ro hs ? m ?? * ( g unit : mm, to le r a n c e : 0 . 1 ) di mens io ns d o not inc l ude mo ld fl as h o r me tal b u rr. ? * ka ? item ??`| package materials ??| encapsulating resin materials ?O| electrodes materials | weight description ????` heat-resistant polymer ? ` ? ? + w silicone resin (with diffuser and phosphor) ~? + y? ag-plated copper alloy 0.0041g(typ) 3.5 3.8 (3.6) 0.6 (0.46) (2 . 8 ) cathode mark cathode 0.4 anode 0.68 (0.63) 0.66 (0.07) 0.27 1 0.43 0.45
n i chia st s-da1- 2601e 5 soldering ? r e co mm end e d r e f l ow sold ering co ndi t io n ( lead -free sol d er) ? r e co mm end e d hand so lde r ing cond it ion temperature 350c max soldering time 3sec max r e co mmen d e d sold ering p ad p a ttern ( g unit: mm) 1.5 2.1 1.5 0.85 (0.19) * thi s led is desi gned to be refl ow so l d ered on to a pc b . if dip soldered , n i ch ia can n ot guar antee its r e liabilit y . * r e flow so ld ering mu st not be performed more than twic e. han d sold ering mu st not b e performed more than o n ce. * a v oid r apid cooling. r a mp down th e temp er ature gr adua lly from th e peak temper ature. * n i trogen ref l ow soldering is re co mmend e d. air flow sold ering cond it ion s can cause op tical d e gr adation, caused by h e at and / or atmospher e . * r e pairing should not be d one after th e l e ds ha v e been solder ed. wh en repair i ng is u n a v oidable, a double-h ead solder ing ir on shou ld be u s ed. it should b e confir med b e forehand wh et h e r th e char ac te ri st i cs of th e l e d s wi ll or w i l l not be damaged by repairing . * when sold ering, do not ap ply stre s s to t h e le d whi l e th e le d is hot . * when using a pick and p l a c e mach in e, ch oose an appro priate nozzle f or this product. * the reco mmen ded so lder ing pad pa tter n is d e sign ed for attachmen t of the le d w i thout problems. when precise mou n ting a c cur a cy is re qu ired, such a s h i gh-densit y mo unting , en sur e tha t th e siz e a n d shape of th e pad are suitab le for the circu i t design. * consider fa ctors suc h as t h e reflow sold e r ing t e m p er atu r e, ha nd sold er ing t e mper at ure, e t c . wh en c h oosi n g th e so l d er . * when fl ux is used, i t should be a ha log e n free flux . en su re tha t th e ma nufac tur i ng pr oces s i s not d e sign ed i n a ma nner where the f l ux wil l co me in conta c t w i t h t h e le ds . * make sure t h at t h er e are n o issu e s wi th t h e t y pe and a m oun t of sold er that is b e ing used . 120sec max pre- hea t 180 t o 200c 260cmax 10sec max 60sec max above 220c 1 t o 5c per sec
n i chia st s-da1- 2601e 6 t a pe and reel dimensions n x xx206x sts- da7- 0148a r e el siz e : 5000pc s 1 ` ? 5000 * the t ape packing met h od compl i es wi t h j i s c 0806 (packagin g o f elect r o n ic co mp o n ents on c ontinuo u s t apes ) . * j i s c 0 806 ? ` ? ?`? tape 1.75 0 . 1 2 0 .0 5 4 0.1 5.5 0 . 0 5 4 0. 1 12 +0 .3 -0. 1 -0 1.5 +0 . 1 ( g uni t : mm) no. 0.2 0.0 5 3.95 0.1 0.75 0 . 1 1. 15 0 .1 ` ? reel 15. 4 1 60 +1 -0 -0 180 +0 -3 2 1 0 . 8 1 3 0 . 2 ? la b e l 13 +1 0. 5 0. 1 catho d e mark ? ` / ` trailer and leader ?? ` ?` e m bossed carrier tape ? ??` to p co ver ta p e f eed di rect ion ` 400mm l e ader witho u t to p co ver ta pe 4 0 0 m m mi n ?` 160mm trai le r 1 60mm mi n(empty po ckets ) led ? lo aded po ck ets 100mm l e ader w i th t op co ver t ape 100 mm min(empty poc k et) * g? I ? ?? ??` ? `? ? ? ??`? (1 0 n ) ? led ` ` ? N ? ? when the ta pe is rewound due to wo rk interru pti ons , no mo re than 10n sho u ld be applied to the embossed ca r r ier tape. t h e led s m a y s t i c k to the to p co ver tape.
n i chia st s-da1- 2601e 7 p a ckaging - t a pe & reel nichia led sts-da7-0006c n x xxxxxx ? label la b e l no . reel ` ?` sea l moistu re-proo f ba g ? ? rohs nxxx xx xx xxxx led ******* nichia corporation 491 oka, kaminaka, anan, tokushima, japan typ e lot qty . ym xx xx -rrr pcs rohs nxx xxx xx xxxx led ** *** ** rr r pcs typ e rank qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan reels are shipped with desiccants in heat-seale d moisture-proof bags. ` ? ` de sic c ant s ? mo is tu re -pr o of ba gs a r e pa ck e d in c a r d bo a r d bo x e s w i th c or r u ga ted pa rti t i on s . ? K ? ?` ? ?` ? ? ? y ? ? ? ? * ? \ H y ?B ? y * ? Q H n ?? u ? p ? ? ? * using the o r iginal package ma ter i al o r e q u i valen t in t r an s i t is r e c o mme n d e d . do no t expos e to water. t h e bo x i s no t water-res i s t ant. do no t drop or expos e t h e bo x to extern al fo rces a s it ma y damage the products. pr o d ucts sh ipp e d o n tape a n d r eel a r e p a ck ed in a moistu re-proo f bag. t h ey a r e shipp e d in card bo ard bo xes to p r otect th em fro m exte rnal f orce s during trans p o r ta tio n . * u ? ` ? n ? g o ` y ? if n ot provide d , it w ill n o t be in d i cat e d on t h e l a b e l . * ****** is t h e c u st omer part number . O * ******* ? ? ? for d e t a i l s, se e " l ot num b e r ing code " in t h is d o c u me n t . * ?? ? ? ?? t h e label does no t have the ran k f i eld fo r un-ranke d produc ts. * ? ? ?
n i chia st s-da1- 2601e 8 l o t numbering c o de lot numb er is presented by using th e following alpha n u m er ic cod e . ymxxxx - r r r y - y e a r year y 2009 9 2010 a 2011 b 2012 c 2013 d 2014 e m - m o n t h month m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx -n ichia's product n u m b er rrr - r ank i ng by color c oordinat e s , r a nking by lu mi nous fl ux
n i chia st s-da1- 2601e 9 dera ting characteristics n s s x 20 6c s t s -d a 7- 381 4a no . der a t i n g 1 0 10 20 30 40 50 0 2 04 06 08 0 1 0 0 1 2 0 ( 27, 35 . 0 ) (8 5, 8.50) de r a t i n g 2 0 10 20 30 40 50 0 2 04 06 0 8 0 1 0 0 1 2 0 ( 54, 3 5. 0 ) ( 9 0 , 8. 50 ) du t y 10 10 0 100 0 1 1 0 100 35 S allowable forward current ( ma ) ` - S s o l d e r t e m p e r at u r e( c a t h o d e s i d e ) v s a l l o w a bl e f o r w a r d c u r r e n t ? ?- S a m b i en t t e m p e r a t u r e v s a l lo wa ble f o r w a r d c u r r e n t S al l o w a b l e f o r w a r d c u r r e n t ( m a) S a l l o w a b l e f o rw a rd c u rre n t ( m a ) ` ? ?? s o l d er t e m p er a t u r e( cath o d e s i d e ) ( c) ?? a m b i en t t e m p er a t u r e ( c ) ? ` ` du t y r a t i o ( %) ` ` - S d u ty r a ti o v s a llo wa ble f o r w a r d c u r r e n t t a =2 5 c 37 5c/w ja r =
n i chia st s-da1- 2601e 10 optical characteristics n s s w 20 6c n o . s t s -d a 7 -38 1 5 spectrum 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 3 50 40 0 4 50 500 5 50 600 6 50 70 0 7 5 0 r e l a t i v e i l l u m i na n c e ( a . u. ) directiv i t y 1 90 80 70 60 50 40 30 20 10 0 -1 0 -2 0 -3 0 -4 0 -5 0 -6 0 -7 0 -8 0 -9 0 y y xx k sp e c t r um k r e l a ti v e e m i s s i o n i n ten s i t y ( a. u . ) L wa v e l e n g th ( n m ) ? d ir e c t iv it y ? r a di a t i o n a n gl e x-x y-y 10.5 0 0 . 5 1 20ma i f = t a =25 c * ?? a l l ch a r act e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d ar e n o t g u ara n t e e d . 20ma i fp = t a =2 5 c
n i chia st s-da1- 2601e 11 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics n s s w 20 6c s t s -d a 7-38 16 no . tavf 2. 0 2. 5 3. 0 3. 5 4. 0 4. 5 - 60 - 40 - 2 0 0 2 0 4 0 60 80 1 00 12 0 ta iv 0. 6 0. 8 1. 0 1. 2 1. 4 - 60 - 40 - 2 0 0 2 0 4 0 60 80 1 00 12 0 vfif 1 10 10 0 2. 0 2. 5 3. 0 3. 5 4 . 0 4 . 5 20 r e l a t i v e l um i n o us f l ux ( a . u. ) ? - am b i e n t te m p e r a t u r e v s r e l a t i v e l u m i no us f l u x fo r w a r d c urren t( m a) ifiv 0 1 2 3 4 5 0 2 0 4 06 08 0 1 0 0 1 2 0 r e l a t i v e l um i no u s f l ux ( a . u. ) - fo r w a r d c u r r e n t v s r e la t i v e l u m i no us f l u x f o r w a rd current ( m a ) R- fo r w a r d v o l t a g e v s fo r w a r d c u r r e n t ? - R amb i e n t t e mp e r a t u r e v s fo r w a r d v o l t a g e ?R forward volta g e( v ) R f o r w ar d v o l tage(v) ?? ambient tem p erat u r e ( c ) ?? a m b i en t t e m p er a ture(c) i fp = 20ma i fp = 60ma i fp = 5ma t a =25c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =25c i fp = 20ma
n i chia st s-da1- 2601e 12 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics no . nssw 206c sts-da7-3817 ta x y 0.27 0. 28 0. 29 0. 30 0. 31 0 . 2 8 0 . 2 9 0. 3 0 0. 31 0. 32 -30c 0c 25 c 85 c x if x y 0.27 0. 28 0. 29 0. 30 0. 31 0. 28 0. 29 0. 30 0. 31 0. 32 1ma 5ma 20ma 35ma 10 0m a x y y 20 m a i fp = ? - ? ambie nt te mperature vs chromaticity c oordinate - ? fo r w a r d c u r r e n t vs c h r o m a ti c i ty c o o r d i n a te t a =2 5 c * ? a l l c h a r ac t e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d a r e n o t g u aran t e ed .
n i chia st s-da1- 2601e 13 reliability (1) t e s t s a n d r e sults te s t reference standard test conditions te s t duration failure criteria # units failed/tested r e si st anc e t o soldering heat (reflow soldering) j e it a ed- 4701 300 30 1 t sl d =260c, 10 s e c, 2refl ows , prec ondit i o n : 3 0 c, 70% r h , 168hr #1 0/ 50 solderability (reflow soldering) j e it a ed- 4701 303 30 3a t sl d =2455c, 5s ec, lead- fr ee sold er( s n- 3. 0ag - 0.5cu) #2 0/ 50 thermal shock j e it a ed- 4701 300 30 7 0c t o 100c, 15s ec dwell 20c y c l e s #1 0/ 50 t emperature cycle je it a ed- 4701 100 10 5 - 40c( 30mi n )~25c( 5mi n )~ 100c( 30m i n )~25c( 5mi n ) 100c y c l e s #1 0/ 50 mois ture resistance (cycl ic) je it a ed- 4701 200 20 3 25c~65c~-10c, 90% r h , 24hr per cy cle 10c y c l e s #1 0/ 50 high t emperature stor age je it a ed- 4701 200 20 1 t a =100c 1000hours #1 0/ 50 t emperature humidity stor age je it a ed- 4701 100 10 3 t a =60c, r h =90% 1000hours #1 0/ 50 low t emperature stor age je it a ed- 4701 200 20 2 t a =- 40c 1000hours #1 0/ 50 r oom temperature oper ating life condi t ion 1 t a =25c, i f =20m a t e st board : see n o tes b e low 1000hours #1 0/ 50 r oom temperature oper ating life condi t ion 2 t a =25c, i f =35m a t e st board : see n o tes b e low 500hours #1 0/ 50 high t emperature oper ating lif e t a =85c, i f =8.5ma t e st board : see n o tes b e low 1000hours #1 0/ 50 t emperature humidity oper ating lif e 60c, r h =90 % , i f =15m a t e st board : see n o tes b e low 500hours #1 0/ 50 low t emperature oper ating lif e t a =- 30c, i f =20m a t e st board : see n o tes b e low 1000hours #1 0/ 50 vibr ation j e it a ed- 4701 400 40 3 200m/ s 2 , 100 ~2000~100hz , 4 c ycle s, 4 m i n , each x, y , z 48m i n ut es #1 0/ 50 board ben ding je it a ed - 4702b 003 1bend to a def l ection of 3mm for 51s ec #1 0/ 50 solder ing joint shear streng th je it a ed - 4702b 002 3 5n , 101s ec #1 0/ 50 no tes: 1) t e st board: fr4 board thic kness = 1.6m m, c o pper la y e r t h ic kness=35m , r ja 375c/ w 2) measu r ements are p e rformed af ter allo w i ng th e le ds to ret u rn to room te mper a t ure . ( 2 ) f a ilu re c r it eria criteria # items conditions failure criteria f orward voltage(v f ) i f =20ma >u.s.l.1.1 lumino us flux( v ) i f =20ma u .s .l .2 . 0 #2 solderability - less than 95% solder coverage u . s.l . : up pe r specif ica t ion lim i t l.s.l. : lower spe c if ica t io n li mi t
n i chia st s-da1- 2601e 14 ca u t ion s (1) stor age conditions te m p e ra t u r e humidity time before opening aluminum bag 30c 90%rh within 1 year from delivery date stor age after opening aluminum bag 30c 70%rh 168hours baking 655c - 24hours product c o m p li es wit h j e d e c msl 3 or equiv a lent . se e ipc/j e d e c std - 020 for m o i s t u re- s ens i t i v i t y det a il s. absorbed moisture in le d packages can v aporize and expand during soldering, w h ich can ca use in terface delamina tion and result in optical p e rforman c e degr ad ation . prod ucts are pack e d in moisture-proof alu m inu m bag s to min i mize moistur e abso r ptio n d u ring tr ansporta tion a n d stor age. in c l u d e d s ilic a ge l de si cc ant s ch an ge from bl u e t o re d i f m ois tu re h ad pe n e t r at e d bags. after openin g the moisture-proof alu m inu m bag, the pro d ucts should g o through th e solder ing pro c ess withi n th e r a nge of th e co ndi t ion s s t at ed above. un us e d rema in ing le ds shou ld be s t ored wi th silic a gel de sicca nt s in a hermetically sea l ed co nta i ner , prefer ably th e orig in al mo isture -pr oof bags for stor age. after t h e ?p eriod aft e r op enin g? s t or age time h a s be en exceed ed or s i l i ca ge l de sicca nts ar e no lo ng er blu e , the products should be b a k ed. baking should only be d one once. customer i s advi s ed to k e ep the leds in a n ai rti g ht co nt ainer w h en not in u s e. exposure to a corrosiv e en v i ronment may cause t h e pla t ed me ta l part s of the p r oduct to tarn i s h, w h i c h co ul d adverse ly affect so ld ering a n d optica l char acter i sti cs . it is also recommended to return th e le d s to th e orig inal moistur e p r oof bags and resea l . after assembly and dur i ng use, silv er p l at i n g can b e affe cted by t h e corrosive ga ses emitted by componen ts an d mater i als in close pro x imit y of the l e ds with in an end produ c t, a n d th e gas es e n ter i ng in to th e produc t from the exter n al a t mo spher e . the above should b e take n into cons ider a t ion w he n des i gning . r e sin mat e r i al s, in part i cu l a r , may co nta i n sub s ta nc e s whi c h ca n affe ct s i lver pla t i n g, su ch a s halo gen. do not use s u lfur- c on tai n i n g ma teri als i n commercial products. some mater i als, su ch a s seals and adh esives, ma y co nta i n su lfur . the extre m ely corroded or conta m inat ed plating of le ds mig h t cause a n open ci rc ui t. sil i co ne rubb er is re comme n d e d as a materi al for sea l s. bear in mi nd , t h e use of s i l i co ne s may l e ad to si li co ne con t a m i n at ion of e l e c tri c a l con t ac ts inside th e p r oduct s , caus e d by lo w mol e c u lar we igh t vol a tile siloxane . t o prevent w a ter cond en s a tion , p l eas e avoid large te m p er at ure a n d h u midi t y fl uc tua t ions for th e s t or age condi t io ns. do not store th e leds in a dus t y en viro n m en t . d o not expo se the leds to di rect sun lig ht and/or an en vironment w h er e th e te mp er ature i s hi gher t h an normal room temp er atur e. (2) di recti o ns for use when de sig n ing a cir c u i t , t h e c u rren t thro ugh ea ch le d mu st no t exc e ed th e abso lu t e maxi mu m r a tin g . oper ating a t a co nstan t cu rrent p e r le d is reco mmen ded. in case of o p er ating at a consta nt v o ltag e, c i rcui t b is r e commended . if the led s are oper ated w i th con s ta nt vo ltag e us ing c i r c ui t a, th e curr ent throug h t h e le ds may v a ry due to t h e v a riat ion in f orw ard v oltage ch ar acteristics of the leds. (a) ... (b) .. . this product sho u l d b e oper ated using forw ard curre n t . ens u re t h at the product i s no t subj ec ted to either forw a r d or reverse voltag e wh il e i t is no t i n us e. i n parti c u l ar , su bject i ng it to c o nti nuou s reve rse volt age may cause migr a t io n , wh i c h may cau s e damage to t h e led d i e . when used i n d i sp la ys tha t are no t used for a l o ng tim e , the m a i n po wer supp l y sho u l d be switched off for safet y . it is recom m en ded to ope r ate the le ds at a current gr eater t h an 10% of the sorting current to stabilize the le d char acter i stic s. care mu st b e taken to en s u re th at t h e re verse vol t age wil l no t exce ed the ab sol u t e maxi mu m r a t i ng when us ing the l ed s wi th matr ix drive . ens u re t h at exces s ive volta g es s u c h as l i g h tn ing surge s are not app l i e d to th e le ds . f o r outdoor use , ne ce ssary mea s ure s sho u ld be taken to prevent wa ter , moi s tur e and sal t air da mag e .
n i chia st s-da1- 2601e 15 (3) handl i n g precau ti ons do not hand le t h e l e ds wi t h bare hand s a s it w i ll contam ina t e t h e l ed s u rface and may affect t h e op ti cal char ac ter i st ic s: it mig h t cau s e t h e le d to be deform ed a n d/or t h e w i re to break, w h i c h will c a us e t h e le d not to il l u m i na te . the lead co uld a l so ca us e an inj u ry . when ha ndl i ng t h e produ c t wi th t w ee zer s , be carefu l n o t to apply exc e ss ive forc e to the r e s i n. otherwis e, the re si n can be cu t, ch ipped, delamina te or deform ed , causing w i re-bo n d breaks an d cata stroph ic fa ilures. dropping th e produc t ma y cause damage. do not sta c k asse mb led p c bs tog e t h er . f a il ure to comp l y can cau s e th e res i n port io n of the produ c t to be cut, ch ip ped, delaminated and/or defor m ed . it ma y cause w i re to break, l e ad ing to catas t roph ic f a il ures . (4) desi gn consi d er ati o n pcb warpag e after moun ti ng th e produc t s on to a pc b c a n cau s e the p a ckage to br ea k. the led s h ould be p l ac ed in a w a y to m i ni mize t h e s t re ss on the l e d s due to pc b bo w and twis t. the positi o n and ori e nta t i o n of the leds affect how much m e cha n i c al stre ss i s exerte d on the led s plac ed near th e score l i n e s . the led s h ould be p l ac ed in a w a y to mi ni mize t h e s t re ss on the l e d s due to board f l ex ing. board separ a tion mu st b e performed us in g spec ia l j i g s , no t u s in g hand s. (5) el ectrostati c di scha r ge (es d ) the produ c t s are se ns it ive to sta t ic e l e c tr i c i t y or surg e voltag e. es d ca n damag e a di e and i t s re l i ab il i t y . when handl i ng t h e produ c ts , th e fol l owi n g mea s ure s ag ains t e l e c tro s t a ti c di sch arge are stron g ly re com m e n ded : e l i m i n a t i n g t h e c h a r g e grounded wri s t str a p , esd footw e ar , clothes, a n d fl oo rs grounded workstat i on equi pm en t and tools esd tabl e/s h e l f ma t ma de o f co ndu c t i v e ma ter i al s ens u r e t h at to o l s (e .g. so ld er ing ir o n s ) , j i gs and m a ch in es t h at ar e be i n g us ed are pr operly ground e d and that proper grounding tech niqu es ar e used in wo rk area s. f o r dev i c e s / equi pm en t tha t mou n t th e le ds , protectio n a g ain s t s u rge voltag es s h ou ld also be us ed. if tools or e q uip m e n t co nt ain i n s u la ti ng mat e ria l s su ch as gla ss or pla s t i c , t h e fol l o wi ng m e as u r es agai n s t el ec t r os t a ti c di sch arge are stron g ly re com m e n ded : diss ipat i n g sta t ic c h arg e wi th co nduc t i ve mat e ria l s preventi ng charg e gen e r a tion w i th m o is ture n e u t r a l i z i n g t h e c h a r g e w i t h i o n i z e r s th e cu st ome r i s advi se d to c h ec k if the leds are da ma ged by esd when performi ng th e c h ar acter i s t i cs in spe c t i on of th e le ds in t h e app l i c at ion. damage ca n be detected with a forw ard v o ltag e mea s u r eme n t or a l i g h t - up te st a t lo w curren t ( 1m a ) . esd damag e d led s may h a ve an incr e a s e d leak ag e cur r ent , cur r e nt f l o w at a lo w vo ltage o r no lo nge r ill umina t e at a lo w cur r e n t . f a ilur e c r iter ia : v f <2.0 v at i f =0.5ma
n i chia st s-da1- 2601e 16 (6) t h ermal manageme nt proper th er mal manage m e nt is a n i m po r t an t when designing prod uc ts with le ds . le d di e t e mp er at ure i s affec t ed by pcb ther mal r e sistan ce and le d spa c ing on th e boar d. pl eas e de sig n produc ts in a w a y that t h e l ed d i e t e mperature does not exceed th e max i mu m j unc t i on t e mper a t ure ( t j ). drive curre nt s h oul d be d e ter m ined for t h e s u rround ing ambi en t te mp er ature (t a ) to dis s ipa t e the h e at from the pr oduct . the fol l owi n g equat i on s ca n be us ed to c a lcu l a t e the ju nct i on te mper a t ure of t h e pro d uct s . 1 ) t j =t a +r ja ? w 2 ) t j =t s +r js ? w * t j =led junc tio n te mp e r ature: c t a = a m b i e nt te mp e r a t ure : c t s =soldering te mper a t ure ( c at hode s i de) : c r ja =th e rm a l resi stance from juncti o n to am b i ent: c/w r js =therm a l resi stance from juncti o n to t s measuring point: c /w w = i n p u t p o w e r ( i f v f ): w ts point (7) cl eani ng the leds shoul d no t be cl eaned w i th w a t e r , b e n z i n e , an d/ o r t h i n ne r . if r e quir ed, isopr o py l a l coho l (ip a ) s h oul d be use d . ot he r solven ts may caus e pre m at ure fai l ure to t h e le ds due to the d a mage to th e r e si n port ion . t h e effe ct s of s u ch solve n t s s h ould b e ver i f i ed pr ior to u s e . in additio n , the use of c f c s su ch as freo n is hea v ily regula ted . when du st and/or dir t adh eres to th e le ds , soak a cloth with isoprop y l alco hol (ip a ), then squeeze i t b e fore wiping the led s . ul tr ason ic cl eani ng i s no t recom m e nded s i nc e i t ma y have adverse eff e ct s on t h e l e ds depending on the ultr ason ic power a n d h o w led is assembled. if ultr asoni c clea ni ng m u s t be use d , t h e c u sto m er is adv ised to mak e sure th e le ds w i ll not b e da ma ged prior to cleaning . (8) ey e saf e t y in 2006, t h e interna t i o nal el ec t r i c a l comm is si on (iec ) publi s hed iec 62471: 200 6 phot obi o l o gic a l s a fet y of l a m p s and lamp sy ste m s, wh ic h a dded le ds in it s scop e . on t h e ot her hand, t h e iec 60825- 1: 20 07 l a s e r s a f e t y s t andard r e mo v e d leds from it s sc ope. howev e r , please b e advised that some co untr i es and regions ha v e ado pted stand a rds bas ed on t h e iec l a s e r safet y s t a n dard iec 60825- 1: 20 112001, whi c h s t ill i n cl udes leds i n i t s sc op e. most of n i chi a's leds ca n be cl a s si fied as bel o ng ing in to either the ex empt group or risk group 1. hi gh - p owe r le ds , t h at em it li gh t con t ai ni ng blu e w a vel e ngth s, ma y be cla s sified as risk group 2. please pro c eed wi th cau t io n whe n view in g direc t ly an y leds driv en at high current, o r vi ewing led s with opt i ca l ins t ru me nt s w h ic h may gr eat l y in crease th e damage s to your eyes . view ing a f l ashing ligh t ma y cause ey e d i scomfort. w h e n in cor p or ati n g the l e d in to your pr oduct , please be careful to a v oid adv erse eff e cts on the hu man body caused by ligh t stimu l a t ion.
n i chia st s-da1- 2601e 17 (9) ot hers the le d s d e scr ibed in th is brochure ar e i n te nded to be used for ordin a ry e l ec t r oni c equ i pm en t ( s uch as offi ce eq uipm ent, commun i cat i ons equ i pm en t, mea s ure m e n t in str um e n t s and hou s eho l d applia nc es ). consult nichia's sales staf f in adv an ce fo r informa t io n on th e applica t ions in wh ich ex ceptiona l qua l it y and r e liab i l i t y ar e r e q u ir ed , par t i cu lar l y when the f a il ur e or malf u n c t ion of the le ds m a y dir e c t ly j e o par dize lif e or h e a l t h ( s u c h a s f o r a i r p la ne s , ae r o s p ac e, s u bm e r si bl e repeaters, nuc l e ar reactor co ntrol system , a u tom o bil e s, tr affic contr o l equi p m en t, l i fe s u pport sy s t e m s and safe ty devic e s ) . the c u s t om er sha ll not reverse eng i ne er by disas s e m bl i n g or analys i s of the le ds wi t h out ha v i ng pr i o r writt e n co ns ent from nich ia . when def e c t ive le ds are fou n d, t h e c u s t om er sha ll inf o r m ni ch ia dir e c t ly bef o r e di sas s e m bl ing or ana l y s is . the sp ecification s and app ear a nce of th is product ma y change w i thou t notice; nich ia doe s not guar an te e the cont en ts of thi s sp ec ifi c at i o n. bo th t h e c u sto m er a n d n i ch ia will agr e e on the of f i c i al s p ec if ic at ions of suppl ie d pr oduct s bef o r e th e volum e pr odu c t i on of a pr ogr a m begi ns .


▲Up To Search▲   

 
Price & Availability of NSSW206CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X