Part Number Hot Search : 
SI7148DP 01N100D 4840N GLZ8N 1N6164US T52C4V UPD72123 PST9136
Product Description
Full Text Search
 

To Download NSPB336AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n i chia st s-da1- 1959 nichia corporation specifications for blue led NSPB336AS r o hs co mp lia nt http://
n i chia st s-da1- 1959 1 specifica t ions (1) ab sol u te maxi mum r a ti ngs item symbol absolute maximum rating unit f o rw ard current i f 35 ma pulse f o rw ard current i fp 110 ma r evers e v o lta g e v r 5 v po w e r d i s s i p a t i o n p d 120 mw oper ati n g t e m p er ature t op r - 30~85 c stor age t e mper ature t st g - 40~100 c jun c t i on t e mp er ature t j 100 c * abs o l u te maxi mum r a t i ngs at t a =25c. * i fp co ndit io n s wi th pu ls e wi dth 1 0 m s an d dut y cycl e 10%. ( 2 ) in it ial e l ect r ical/ o pt i cal c h ar acterist ics ite m symbol condition typ unit f orward voltage v f i f =20ma 3.1 v lum inous intensity i v i f =20ma 1.1 cd x - i f =20ma 0.133 - chromaticit y c oordinate y - i f =20ma 0.075 - * char acteristics at t a =25c . * lum i nous int e nsit y v a lue as pe r cie 127: 2007 s t andar d . * chrom a t i ci t y coordi nate s as pe r cie 1931 chrom a ti cit y chart .
n i chia st s-da1- 1959 2 ranks item rank min max unit forward voltage - 2. 65 3. 45 v reverse current - - 5 0 a v22 1. 420 1.540 v21 1. 325 1.420 v12 1. 200 1.325 v11 1. 100 1.200 u 22 1. 020 1.100 u 21 0. 935 1.020 u 12 0. 850 0.935 luminous intensity u 11 0. 770 0.850 cd color r a nks r a nk w1na rank w1nb x 0. 137 0. 131 0. 147 0. 151 x 0. 131 0. 124 0. 142 0.147 y 0. 037 0. 046 0. 068 0. 058 y 0. 046 0. 058 0. 081 0.068 r a nk w2na rank w2nb x 0. 124 0. 118 0. 137 0. 142 x 0. 118 0. 110 0. 132 0.137 y 0. 058 0. 071 0. 095 0. 081 y 0. 071 0. 087 0. 112 0.095 * r a nking at t a =25c. * r e verse cur r ent a t v r =5v . * t o ler a nce of mea s ure m e n t s of the f o rward v o ltage is 0 .0 5 v . * t o ler a nce of mea s ure m e n t s of the l u m i n o us in ten s it y is 10%. * t o ler a nce of mea s ure m e n t s of the c h romaticit y coordinate is 0.01. * a shipm en t shal l co ns is t o f led s in a co m b ina t io n o f the above r a nk s. the per c en t a ge o f each r a nk in the sh ip men t s h al l be deter m ined by ni ch ia.
n i chia st s-da1- 1959 3 chroma ticity d i agram 440 48 0 475 47 0 46 5 46 0 455 45 0 w1na w1nb w2 n a w2nb 0.00 0.05 0.10 0.15 0.20 0 .00 0.05 0.10 0.15 0.20 x y
n i chia st s-da1- 1959 4 outline dimensions sts- da7- 1593 n s pb 33 6as ? no. ( g unit: mm) t h is produc t co m p li es wi th ro hs d i re cti v e. u ? ro hs ? m ?? * ( g unit : mm, to le r a n c e : 0 . 2 ) ???`? lead standoff 1 0.3 0.3 ? item ?| resin materials ? lens color `??`| lead frame materials | weight description ?? epoxy resin ? ( ? ) blue(with diffuser) + y? + U?`?? ag-plated and lead-free solder-plated iron 0. 17g( t yp) ? led ??????`???? ????QH???? ` ? ? ? ? ? * the ti e bar c u t-end s u rfa c e exhi b i ts exposed ir o n base metal. care m u s t be take n to ha n d l e the l e d s , as it may conta i n sharp part s such as lead, and ca n ca use injury. ? ?? ? 336 ` u ? ?u ? v S?? O ? H ?? ? * care m u s t be take n to design le d shape-related parts and too l s as the lens shape v a ries by part number , even among the same 336 ser i es pr o d uct s . * ?? ? ? ? ? ? n o noticeable exposur e of b a se metal o f the lead with a solder -d ipp e d f i nish. 3 3.9 (2) (2.5) anode cathode 1 1.1 7.4 0.5 +0.1 -0.05 1.5 max not so l dered 10.2 0.5 26.7 1
n ichia st s-da1- 1959 5 soldering ? r e co mm end e d hand so lde r ing cond it ion t e m p er a t ure 350c max solder ing t i m e 3sec max position n o closer tha n 2m m from the ba se of t h e len s . ? r e co mmend e d dip sold ering conditio n pre- heat 120c max pre-h e at ti me 60sec max solder bath t e mper a t ure 260c max d i pp ing time 10sec max dipping position n o closer tha n 2m m from the ba se of t h e len s . * solder th e l e d no clo s er t h an 2mm fro m t h e bas e of th e len s . soldering b e yond th e bas e of the ti e bar is re com m e n d e d. * d i p so lder in g/han d sold ering mu st not b e performed more than o n ce. * care should be tak e n to a v oid cooling a t a r apid r a te an d ens u re t h e p e ak te mper a t u r e r a mps down slow ly . * when sold ering, do not ap ply str e ss to t h e lead fr a m e w h i l e t h e l e d is hot. * after sold eri n g, t h e l e d po si tion mu st not be correc t ed . * after sold ering, n o mecha n ica l shock or vibr atio n sho u ld be applied to led len s u n t i l t h e l e d s c ool d o wn to room tem p er ature. * in order to a v oid damag e on the lens d u ring cutting and cl inching the leads, it is no t recommend e d to solder th e le ds directly on cu sto m er pc b withou t an y gap betw een th e lens and the boa r d. if it is u n a v oidable, custo m er is adv ised to ch eck wh eth e r such so lder ing will no t ca u s e wir e breaka ge or len s da mage. d i rect soldering to dou b le-sid ed pcbs mu st be a v o i ded due to a n in cre a sed effe ct of heat o n th e l e n s . * when it is ne ce ssary to cla m p t h e le ds t o prevent sold ering fa il ure , it is impor t a n t to mi ni m i ze the me cha n i c al stre ss on the led s . * cut th e le d lead fr ames at room temper a t ure. cu tting the lead fr ames at hig h t e mp e r ature may cau s e fai l ur e of th e le ds .
n ichia st s-da1- 1959 6 p a ckaging - bulk l a be l a ttac h ed to the bo x ? l abel p r inted on the bag sts-da7-0001b n x xxxxxx f o r detai l s , s ee " l ot nu mberi n g sc heme" in th i s docu me n t . * ? ? ?? ? if n o t p r ovi d e d , it is n ot in di cat e d on t h e labe l . ******* is t h e cus t o m er part num ber. O * ******* ? no . ro h s nxxxxxxx xxxx led * *** *** rr r pc s typ e ra n k qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan rohs n x xx xx xx ** *** ** xx xx led ca u t i o n t o elec t r os ta ti c d a m a g e ? ? ni c h ia c o r p o r at i o n 4 9 1 o k a, k a m i n a k a , anan , t o k u sh i m a , j a pan ty pe lo t qty pc s y m xx xx - r r r anti-electrostatic bag ? ni chi a led a n ti -el e c t r o s t a t i c ba gs a r e pa ck ed i n c a r d b o a r d bo x e s w i th corru gated p a r t itio ns. ? K? ?` ? pro d ucts are packed in an anti-electr o static bag. t h ey a r e ship ped in card boa r d bo xes to protect th em f r o m external fo rces during transpo r ta tio n . ?` ? ? ? y ? ? * ? \ H? y ? B ? ? y * ?Q H n ? u? p ? ? ? ? * * u? ? ? n ? g o ` y? d o not expo se to wate r, the box is no t wa ter-re si s t ant. using a n original p a ck aging material or equi val e nt in tra n s i t i s rec ommended. do not drop o r shock th e b o x. it may damage th e p r o d ucts.
n ichia st s-da1- 1959 7 l o t numbering scheme lot numb er is presented by using th e following alpha n u m er ic cod e . ymxxxx - r r r y - y e a r year y 2009 9 2010 a 2011 b 2012 c 2013 d 2014 e m - m o n t h month m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx -n ichia's product n u m b er rrr - r ank i ng by color c oordinat e s , r a nking by lu mi nous in te ns i t y
n ichia st s-da1- 1959 8 dera ting characteristics n s p x 336 x s s t s -d a 7- 139 1a no . de r a t i n g 1 0 10 20 30 40 50 0 2 04 0 6 08 0 1 0 0 1 2 0 (40, 35.0) (85, 8.50) du t y 10 10 0 10 00 1 10 100 35 11 0 S all owa bl e f orwar d c urr ent ( m a) ? - S am b i e n t t e mp e r a t u r e v s a l lo wa ble f o r w a r d c u r r e n t S allowable forward current(ma) ? a m b i en t t e m p er atu r e( c) ? ` ` d u ty r a ti o ( % ) ` ` - S d u ty r a ti o v s a l l o w a bl e f o r w a r d c u r r e n t t a = 25 c
n ichia st s-da1- 1959 9 optical characteristics ns p b 3 3 6 a s n o . s t s -d a 7 -15 8 3 spectrum 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 3 50 400 45 0 5 00 550 60 0 6 5 0 r e l a t i v e l u m i n o s i t y ( a .u .) di r e c t iv i t y 1 90 80 70 60 50 40 30 20 10 0 -1 0 -2 0 -3 0 -4 0 -5 0 -6 0 -7 0 -8 0 -9 0 k sp e c t r um k r e l a t i ve e m i s s i o n i n t e n s i t y( a . u . ) L wa v e l e n g th ( n m ) ? d ir e c t iv it y ? r a di a t i o n a n gl e 10 . 5 0 0 . 5 1 20m a i f = t a =2 5 c * ?? a l l ch a r act e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d ar e n o t g u ara n t e e d . x-x y-y 20m a i fp = t a =2 5 c y y xx
n ichia st s-da1- 1959 10 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics n s p b 336 x s s t s -d a 7- 139 3a no . tavf 2. 0 2. 5 3. 0 3. 5 4. 0 4. 5 5. 0 - 60 - 4 0 - 20 0 2 0 4 0 60 80 100 1 2 0 ta i v 0. 6 0. 8 1. 0 1. 2 1. 4 - 60 - 4 0 - 2 0 0 2 0 40 6 0 80 100 12 0 vfi f 1 10 10 0 100 0 2. 0 2 . 5 3. 0 3 . 5 4. 0 4 . 5 5. 0 20 110 relative luminosity(a.u.) ??- am b i e n t te m p e r a t u r e v s r e l a ti v e l u m i n o s i ty for ward curren t( m a) ifiv 0 1 2 3 4 5 0 2 04 06 08 0 1 0 0 1 2 0 re l a ti v e l u m i n o s i t y ( a . u . ) - fo r w a r d c u r r e n t v s r e l a ti v e lu m i n o s i ty f o r w a r d c u rre nt ( m a ) R- fo r w a r d v o l t a g e v s fo r w a r d c u r r e n t ? - R amb i e n t t e mp e r a t u r e v s fo r w a r d v o l t a g e ?R fo r w a r d v o lt a g e( v ) R forward voltage(v) ?? ambi e n t t e m p erature ( c ) ?? a m bient temperature(c) i fp = 20m a i fp = 60ma i fp = 5m a t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =2 5 c i fp = 20ma
n ichia st s-da1- 1959 11 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics no . nspb336xs sts-da7-1394a if d 46 4 46 6 46 8 47 0 47 2 47 4 47 6 1 1 0 1 00 1 0 00 ta d 464 466 468 470 472 474 476 - 6 0 - 40 - 2 0 0 2 0 40 60 80 100 12 0 20m a i fp = - L fo r w a r d c u r r e n t v s d o m i na nt w a v e l e ng t h forwar d current(ma) ? - L amb i e n t t e mp e r a t u r e v s d o m i na nt w a v e l e ng t h d o m i na nt w a v e l e ngt h ( n m ) L d o m i na nt w a v e l e n g t h ( n m ) L ?? a m b i en t t e m p er atu r e( c ) if x y 0. 05 0.06 0. 07 0. 08 0. 09 0. 10 0. 1 1 0 . 12 0. 13 0. 14 0. 1 5 0 . 1 6 1 ma(474n m) 5ma(473 nm) 20ma(47 1nm) 35ma(470nm) 11 0m a ( 468 n m ) x y - ?( L) fo r w a r d c u r r e n t vs c h r o m a ti c i ty co o r d i n a te ( d) t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =25c
n ichia st s-da1- 1959 12 reliability (1) t e s t s a n d r e sults te s t reference standard test conditions te s t duration failure criteria # units failed/tested resistance to soldering heat j e it a ed- 4701 300 30 2 t sl d =2605c, 10s ec , 1d i p , 2mm from th e base of th e l e n s #1 0/ 50 temperature cycle j e it a ed- 4701 100 10 5 - 40c( 30mi n )~25c( 5mi n )~ 100c( 30m i n )~25c( 5mi n ) 100c y c l e s #1 0/ 50 moisture resistance (cyclic) j e it a ed- 4701 200 20 3 25c~65c~-10c, 90% r h , 24hr per cy cle 10c y c l e s #1 0/ 50 te r m i n a l b e n d strength j e it a ed- 4701 400 40 1 5n , 0~90~0 bend , 2bending c y cl es #1 0/ 50 terminal pull strength j e it a ed- 4701 400 40 1 10n , 101s ec #1 0/ 50 high temperature storage j e it a ed- 4701 200 20 1 t a =100c 1000hours #1 0/ 50 temperature humidity storage j e it a ed- 4701 100 10 3 t a =60c, r h =90% 1000hours #1 0/ 50 low temperature storage j e it a ed- 4701 200 20 2 t a =- 40c 1000hours #1 0/ 50 room temperature oper ating lif e t a =25 , i f =35m a 1000hours #1 0/ 50 temperature humidity oper ating lif e 60c, r h =90 % , i f =20m a 500hours #1 0/ 50 low temperature operating life t a =- 30c, i f =20m a 1000hours #1 0/ 50 no tes: measuremen ts ar e perf ormed after allowi ng t h e l e d s to re turn to room te mp er at ure. ( 2 ) f a ilu re c r it eria criteria # items conditions failure criteria forward voltage(v f ) i f =20ma >u.s.l.1.1 luminous intensity(i v ) i f =20ma u.s.l.2.0 u . s.l . : up pe r specif ica t ion lim i t l.s . l. : lower spe c if ica t io n limit
n ichia st s-da1- 1959 13 ca u t ion s (1) lead f o rmi n g when forming lead s, th e leads shou ld be bent at a poin t at lease 3 m m from the ba se of the epoxy b u lb. d o not use the ba se of the leadfr a me as a fulcr u m d u ring lead for m in g. lead formin g shou ld be do ne before sold ering . d o not ap ply an y bending stress to th e b a se of th e lead . the stre ss t o the ba se may damage the led' s char ac te rist i cs or i t may break the l e ds . when moun tin g th e produ c t on to a prin ted cir c u i t board, th e via - ho les on th e board shou ld be exa c tly a l ig ned with th e l e a d pit c h of th e product . if th e led s are moun ted w i th str e ss at th e leads, it caus es d e ter i o r ation of th e e p oxy r esin and this w i ll degr ade th e l e ds. (2) stor age shel f li fe of the prod ucts in unopened bag i s 3 m ont h s (max.) a t <30c and 70% rh fr om th e delivery date. if the she l f l i fe exc eed s 3 mon t hs or more, t h e l e ds ne ed to be stored in a s e al ed co nta i ner with s i l i ca g e l de si cca nt s t o ensur e t h e i r she l f l i fe w i l l n ot exce ed 1 year . cus t om er is advised to s t o r e properly t h e product s i n co ntrol l ed a m b i e n t and complete immed i ately all h i gh te mper ature related process includ ing sold erin g as exposure to corrosiv e en v i ro nm ent might caus e the p l at ed m e tal par ts of t h e product to tar n is h, w h i c h mi ght l e ad to d i ffi cul t ies in solde r ing. t o avoid conden sat i on , th e pr oduc ts mu st no t be s t ore d in t h e area s where te mper a t ure a n d hu m i di t y flu c t u at e g r eat l y . (3) di recti o ns for use when de sig n ing a cir c u i t , t h e c u rren t thro ugh ea ch le d mu st no t exc e ed th e abso lu t e maxi mu m r a tin g . oper ating a t a co nstan t cu rrent p e r le d is reco mmen ded. in case of o p er ating at a c onsta nt vo ltag e, c i rcu i t b is r e commende d . if the leds are oper ated w i th con s ta nt voltag e us ing c i r c ui t a, th e curr ent throug h t h e leds may v a ry due to t h e v a riat ion in f orw ard v oltage ch ar acteristics of the leds. (a) ... (b) .. . led s sho uld be o p er ated in f o r w ar d bias. dr iv ing c i r c ui ts mus t no t subj ect le ds to ei t h er forw ard or reverse vol t ag e whi l e off . continuo us reverse vol t ag e can caus e m i gr ation an d le d dam a ge. f o r stab il iz i n g th e le d ch a r acter i s t i c s , i t i s reco mm end e d to oper ate a t greater than 1 0 % nom i na l cu rrent . care mu st b e taken to en s u re th at t h e re verse vol t age wil l no t exce ed the ab sol u t e maxi mu m r a t i ng when us ing the l e d s wi th matr ix drive . f o r outdoor use , ne ce ssary mea s ure s sho u ld be taken to prevent wa ter , moi s tur e and sal t air da mag e . (4) handl i n g precau ti ons do not hand le le ds wi th b a re hand s, it ma y con t a m i n ate t h e l e d su rface and affe c t opt i ca l char a c ter i s t i c s . in the worst case , ca tas t ro phic fa il ure fro m exce ss pr es sure throug h w i re-bond break s and packag e damage ma y r e su lt. dropping th e produc t ma y cause damage. do not sta c k asse mb led p c bs tog e t h er . f a il ure to comp l y can cau s e th e res i n port io n of the produ c t to be cut, ch ip ped, delaminated and/or defor m ed . it ma y cause w i re to break, l e ad ing to catas t roph ic f a il ures . (5) desi gn consi d er ati o n pcb warpag e after moun ti ng th e produc t s on to a pc b c a n cau s e the p a ckage to br ea k. the led s h ould be p l ac ed in a w a y to m i ni mize t h e s t re ss on the l e d s due to pc b bo w and twis t. the positi o n and ori e nta t i o n of the leds affect how much m e cha n i c al stre ss i s exerte d on the led s plac ed near th e score l i n e s . the led s h ould be p l ac ed in a w a y to mi ni mize t h e s t re ss on the l e d s due to board f l ex ing. board separ a tion mu st b e performed us in g spec ia l j i g s , no t u s in g hand s.
n i chia st s-da1- 1959 14 (6) el ectrostati c di scha r ge (es d ) the produ c t s are se ns it ive to sta t ic e l e c tr i c i t y or surg e voltag e. es d ca n damag e a di e and i t s re l i ab il i t y . when handl i ng t h e produ c ts , th e fol l owi n g mea s ure s ag ains t e l e c tro s t a ti c di sch arge are stron g ly re com m e n ded : e l i m i n a t i n g t h e c h a r g e g r o u n d e d w r i s t s t r a p , e s d footw e ar , clothes, a n d fl oo rs grounded workstat i on equi pm en t and tools esd tabl e/s h e l f ma t ma de o f co ndu c t i v e ma ter i al s pr o p er gr o u nding is r e qu ir ed f o r all d e v i c e s, equ i pm en t, and mac hi ner y used in pr o d uct a s s e mb ly . surge protecti on should be cons idere d wh en de sig n ing of commercia l products. if tools or e q uip m e n t co nt ain i n s u la ti ng mat e ria l s su ch as gla ss or pla s t i c , t h e fol l o wi ng m e as u r es agai n s t el ec t r os t a ti c di sch arge are stron g ly re com m e n ded : diss ipat i n g sta t ic c h arg e wi th co nduc t i ve mat e ria l s preventi ng charg e gen e r a tion w i th m o is ture n e u t r a l i z i n g t h e c h a r g e w i t h i o n i z e r s th e cu st ome r i s advi se d to c h ec k if the leds are da ma ged by esd when performi ng th e c h ar acter i s t i cs in spe c t i on of th e le ds in t h e app l i c at ion. damage ca n be detected with a forw ard v o ltag e mea s u r eme n t or a l i g h t - up te st a t lo w curren t ( 1m a ) . esd damag e d led s may h a ve an incr e a s e d leak ag e cur r ent , cur r e nt f l o w at a lo w vo ltage o r no lo nge r ill umina t e at a lo w cur r e n t . f a ilur e c r iter ia : v f <2.0 v at i f =0.5ma (7) t h ermal manageme nt proper th er mal manage m e nt is a n i m po r t an t when designing prod uc ts with le ds . le d di e t e mp er at ure i s affec t ed by pcb ther mal r e sistan ce and le d spa c ing on th e boar d. pl eas e de sig n produc ts in a w a y that t h e l ed d i e t e mperature does not exceed th e max i mu m j unc t i on t e mper a t ure ( t j ). drive curre nt s h oul d be d e ter m ined for t h e s u rround ing ambi en t te mp er ature (t a ) to dis s ipa t e the h e at from the pr oduct . (8) cl eani ng if r e quir ed, iso p r o py l a l co h o l (ip a ) s ho ul d be use d . ot he r solven ts may caus e pre m at ure fai l ure to t h e le ds due to the d a mage to th e r e si n port ion . t h e effe ct s o f s u ch so lve n t s s h o u ld b e ver i f i ed pr io r to u se . in additio n , the use of c f c s su ch as freo n is heavi l y re gula ted . ul tr ason ic cl eani ng is no t recom m e nde d s i nc e i t ma y have adverse eff e ct s on t h e l e ds depending on the ultr ason ic power a n d h o w led is assembled. if ultr asoni c clea ni ng mu s t be use d , t h e c u sto m er is adv i se d to mak e sure th e le ds w i ll not b e da ma ged prior to cleaning . (9) ey e saf e t y in 2006, t h e interna t i o nal el ec t r i c a l comm is si on (iec ) publi s hed iec 62471: 200 6 phot obi o l o gic a l s a fet y of l a m p s and lamp sy stem s, wh ic h a dded le ds in it s scop e . on t h e ot her hand, t h e iec 60825- 1: 20 07 l a s e r s a f e t y s t andard r e mo v e d leds from it s sc ope. however , pl ease b e advi se d that some co untr i es and regions ha v e ado p ted stand a rds bas e d on t h e iec l a s e r safet y s t a n dard iec 60825- 1: 20 112001, whi c h s t ill i n cl udes leds i n i t s sc op e. most of n i chi a 's leds ca n be cl a s si fied as bel o ng ing in to either the ex empt group or risk group 1. high-power led s , tha t e m i t l i gh t con t ai ni ng blu e wavel e ngth s, may be cla s s i fi ed as ri sk group 2 . please pro c eed wi th cau t io n whe n view in g direc t ly an y leds dri v en at hi gh current, o r vi ewing led s with opt i ca l inst ru me nt s w h ic h may great l y in crea se t h e damage s to your eyes . view ing a f l ashi ng l i gh t m a y caus e eye d i s c omfort . w h e n in co r p o r ati n g the l e d in to yo ur pr o d uct , please be careful to a v oid adverse eff e c t s on the hu man body caus ed by ligh t s t i m u l a t ion.
n i chia st s-da1- 1959 15 (10) others the led s d e scr ibed in th is brochure ar e i n te nded to be used for ordi na ry elec tron ic e q uip m e n t (su c h as offic e eq ui pme n t , commun i cat i ons equ i pm en t, mea s ure m e n t in str ume n t s and hous eho l d applia nc es ). co nsult n i c hia' s sal e s staf f in adv a n c e f o r inf o r m a t io n o n th e appl ica t i o ns i n wh ich e x cept io na l qua l it y and r eliab i l i t y ar e r eq u ir ed , par t icu l ar ly when the f a il ur e o r malf u n c t io n o f the le ds m a y dir ec t ly j eo p ar dize lif e o r health (s uc h as for airpl a n e s, a e rospa c e , sub m ers i b l e re peat ers, nuc le ar reactor co ntrol system , a u tom o bil e s, tr affic contr o l equ i p m en t, l i fe s u pport sy s t e m s and safe ty devic e s ) . the c u s t om er sha ll not reverse eng i ne er by disas s e m bl i n g or analys i s of the le ds wi t h out ha v i ng pr i o r writt e n co ns ent f r o m nich ia . w h en def e c t iv e le ds ar e f o u n d, t h e c u s t o m er sha ll inf o r m ni ch ia dir e c t ly bef o r e di sas s e m bl ing o r ana l y s is . both th e cu sto m ers a n d n i chia wi ll agr ee on offici al s p ec ifi c at ions of su pplied products before a custom er's v olume producti on . specificatio ns and app e ar ance subject to chang e for i m provem en t w i tho u t not i c e .


▲Up To Search▲   

 
Price & Availability of NSPB336AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X