Part Number Hot Search : 
115A28 101KT LTC18 S52XXM SR330PT BA7358 NDB6060L 08X7R1H
Product Description
Full Text Search
 

To Download NEZB224Z55V135X75F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change memory back-up capacitors nezb series nic p/n case size (mm) capacitance (f) holding voltage (vdc min.)* max. leakage current @ minutes ( a) max. esr @ 1khz ( ) nezb473z5.5v13.5x7.5f 13.5x7.5 0.047 4.0 69 @ 30 minutes 120 nezb104z5.5v13.5x7.5f 13.5x7.5 0.1 4.0 100 @ 30 minutes 75 nezb224z5.5v13.5x7.5f 13.5x7.5 0.22 4.0 135 @ 30 minutes 75 nezb334z5.5v13.5x7.5f 13.5x7.5 0.33 4.0 182 @ 30 minutes 75 nezb474z5.5v21.5x8f 21.5x8 0.47 4.0 216 @ 30 minutes 30 nezb105z5.5v21.5x8f 21.5x8 1.0 4.0 315 @ 30 minutes 30 nezb155z5.5v21.5x8f 21.5x8 1.5 4.0 450 @ 60 minutes 30 rated voltage range 5.5vdc rated capacitance range 0.047f ~ 1.0f (47,000 f ~ 1,000,000 f) operating temp. range -25c ~ +70c capacitance tolerance +80%/-20% (z) load life test @ 70c 1,000 hours capacitance change less than 30% of initial measured value maximum esr less than 400% of the speci ed maximum value temperature characteristics -25c & +70c capacitance change within +30% of 20c value maximum esr less than 500%x 20c value shelf life @ +70c (1,000 hours) capacitance change less than 30% of initial measured value maximum esr less than 400% of the speci ed maximum value features ? double layer capacitor ? suitable for flow soldering ? lead-free finish standard values and specifications characteristics rohs compliant includes all homogeneous materials s u p e r c a p a c i t o r super capacitor a p p l i c a t i o n g u i d e application guide *minimum voltage at 24 hours after changing for 1 hour at 5vdc. nezb 105 z 5.5v 21.5x8 f rohs compliant size in mm working voltage tolerance code z = +80%/-20% capacitance code in f, rst 2 digits are signi cant, third digit is no. of zeros series part number system precautions washing is not recommended. additional guidelines and precautions can be found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change memory back-up capacitors nezb series nic p/n dimensions (mm) d max. h max. s 0.3 l 1.0 d 1 0.1 d 2 0.1 nezb473z5.5v13.5x7.5f 13.5 7.5 5.0 6.0 1.2 0.5 nezb104z5.5v13.5x7.5f 13.5 7.5 5.0 6.0 1.2 0.5 nezb224z5.5v13.5x7.5f 13.5 7.5 5.0 6.0 1.2 0.5 nezb334z5.5v13.5x7.5f 13.5 7.5 5.0 6.0 1.2 0.5 nezb474z5.5v21.5x8f 21.5 8.0 5.0 6.0 1.2 0.5 nezb105z5.5v21.5x8f 21.5 8.0 5.0 6.0 1.2 0.5 nezb155z5.5v21.5x8f 21.5 8.0 5.0 6.0 1.2 0.5 case dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NEZB224Z55V135X75F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X