Part Number Hot Search : 
BFG17 1612B YBBND SI4467DY 00393 6R8M160 MPS65 PF1008N
Product Description
Full Text Search
 

To Download N4660-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 electronic solutions division interconnect solutions http://www.3mconnectors.com 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? surface mount header .100 .100 high temperature n4600 series ? compliant gull wing leads make a reliable surface mount connection which is easily inspectable ? optional ejector latches ? shrouded to prevent physical and chemical pin damage ? high temperature plastic for vapor phase refow process ? slotted mounting fanges for securing header to board ? raised body for easy inspection and repair ? leads are protected within the body shadow ? rohs compliant. see the regulatory information appendix (ria) in the rohs compliance section of www.3mconnectors.com for compliance information. date modifed: may 8, 2013 ts-0168-e sheet 1 of 3 physical insulator material: glass filled polyester (pct) flammability: ul 94v?0 color: black contact: material: copper alloy plating underplating: 100 ? [ 2.54 m ] nickel wiping area: 30 ? [ 0.76 m ] gold solder tails: 200 ? [ 5.08 m ] 60/40 tin lead or 300 ? matte tin (see ordering information) marking: 3m logo, part identifcation number and orientation triangle electrical current rating: 4.75 a, 1 line powered 2.25 a, 6 adjacent lines powered 1.25 a, all lines powered rating conditions: eia?364? 070 method 2, 30c maximum temperature rise, 20% derated. reference appropriate 3m product specifcation for detailed current derating curves. insulation resistance: >1 x 10 9 w at 500 v dc withstanding voltage: 1,000 v rms at sea level environmental temperature rating: -55?c to +105?c process: 260?c (per j?std?020c) moisture sensitivity level: 1 (per j?std?020c) ul file no.: e68080
3m ? surface mount header .100 .100 high temperature n4600 series inch (mm) .005 .1 .01 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only c notes: 1. notches a and c will accommodate 3m ? polarization key n3518. 2. accepts a #4, #2, or 3 mm panhead machine screw and nut. 3. mounting ears provide mechanical protection to solder joints and are recommended. for applications where there is not room for mounting ears, ejector/latches should be used. ts-0168-e sheet 2 of 3 . 41 [ 1 0 . 4 ] . 5 6 [ 1 4 . 2 ] ] 4 . 9 [ f e r 7 3 . ] 6 . 5 [ f e r 2 2 . c p o sit i on 1 d a . 25 [ 6 .4] b . 165 [ 4 . 19] . 33 [ 8 . 4 ] . 155 . 010 [ 3 . 94] 2 x r . 0 6 [ 1 . 5 ] ( s ee not e 2 ) . 100 ref [ 2 . 54] . 100 typ r e f [ 2 . 54] . 2 5 r e f [ 6 . 4 ] p o s i t i o n 1 o rient a t ion t riang l e notc h a ( s ee table 1 & not e 1 ) notch b (see tab l e 1 ) n o t ch c (se e t a ble 1 & n o t e 1 ) . 1 7 [ 4 . 3 ] a a opt i o n al eje c t o r lat c h . 5 25 [ 1 3 . 3 4 ] . 235 [ 5 . 97] . 2 4 3 r e f [ 6 . 17] .10 0 r e f [ 2 . 5 4 ] . 0 25 s q t yp [ 0 . 6 4 ] . 150 [ 3 . 81] section a-a -20xx header with no ejector/latch -22xx header with short ejector/latch for 3m sockets without strain relief -23xx header with long ejector/latch for 3m sockets with strain relief 3 electronic solutions division interconnect solutions http://www.3mconnectors.com 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373
ts-0168-e sheet 3 of 3 ordering information n46xx-2xxx-xx polarization: 0 = for pin qty 14 to 60 5 = for pin qty 10 pin quantity: (see table 1) plating suffx: blank = tin-lead solder tails (ria e3 & c2 apply) rb = matte tin solder tails (ria e1 & c1 apply) 3m ? surface mount header .100 .100 high temperature n4600 series table 1 pin qty part number dimensions polarizing notches a b c d 10 n4610 1.50 [38.2] 1.20 [30.5] 0.90 [22.9] 0.71 [18.0] b 14 n4614 1.70 [43.2] 1.40 [35.6] 1.10 [28.0] 0.91 [23.1] bc 16 n4616 1.80 [45.8] 1.50 [38.2] 1.20 [30.5] 1.01 [25.6] abc 20 n4620 2.00 [50.9] 1.70 [43.2] 1.40 [35.6] 1.21 [30.7] abc 26 n4626 2.30 [58.5] 2.00 [50.9] 1.70 [43.2] 1.51 [38.3] abc 34 n4634 2.70 [68.6] 2.40 [61.0] 2.10 [53.4] 1.91 [48.5] abc 40 n4640 3.00 [76.3] 2.70 [68.6] 2.40 [61.0] 2.21 [56.1] abc 50 n4650 3.50 [89.0] 3.20 [81.3] 2.90 [73.7] 2.71 [68.8] abc 60 n4660 4.00 [101.7] 3.70 [94.0] 3.40 [86.4] 3.21 [81.5] abc table 2 3m part number latch descr. latch/ejector dimensions f g n3505-22 short 0.335 [ 8.51] 0.726 [18.44] n3505-23 long 0.484 [12.29] 0.875 [22.23] . 1 1 5 [ 2 . 9 2 ] . 043 [ 1 . 09 ] . 1 62 [ 4 .11 ] g . 177 [ 4 . 50] .20 0 [ 5 . 0 8 ] latch /ejecto r materia l : gla s s filled p olyester (pct) f . 15 [3. 8 ] . 02 [ 0 . 5 ] . 0 9 [ 2 . 3 ] .19 5 [ 4 . 9 5 ] 3 5 1 8 b r eak a way tab . 3 4 r e f [ 8 . 6 ] p o larizi ng key 3m part no. n351 8 mat e rial : bla c k lcp . 1 0 0 typ [ 2 . 54] . 080 t y p [ 2 . 03] . 0 9 8 [2 . 4 8 ] 2 x ? . 116 [ 2 . 95] ( s ee not e 1 ) . 375 [ 9 . 5 3 ] . 050 [ 1 . 27] recomme n ded printed circuit board patte rn latch option: 0 = no ejector latch 2 = short ejector latch 3 = long ejector latch body style: 0 = with mounting ears 1 = without mounting ears ejector latch ( may be ordered separately for use with n46xx-20xx-xx version) n3505-22b (short, black) n3505-23b (long, black) polarizing key (order separately) n3518 (black only) 3 electronic solutions division interconnect solutions http://www.3mconnectors.com 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of N4660-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X