Part Number Hot Search : 
VN0645 KA228 2SK115 VRE304L 1212E VN0645 TMP87 TKD23A
Product Description
Full Text Search
 

To Download MPD300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^e-fni-^onductoi ^product*, fine. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 in4156, in4157, in4453, in4829, in483o, in5179 stabistors also, t\gt\t tolerance mpd100 thru mpd400a or application these axial lead diodes represent configurations of one to four* p-n junctions in series which may be used in any application requiring light tolerance, low voltage levels versus current. this method of low voltage regulation is com- paritively superior in dynamic impedence (voltage change versus current) than low voltage zeners where tunneling instead of avalanche current is dominant. typical applications include use as signal limiters, level shifters in transistor logic, meter protectors, and low voltage regulators. for computer circuit ap- plications, a controlled stored charge selection is provided as well. in addition, these devices may be used for temperature compensation wherein each p-n junction contributes approximately -2 mv/c each. ?consult factory for more than four p-n junction configurations. description/features h hermetically sealed glass packages (do-35) b high reverse breakdown and low leakage h excellent low voltage regulation 0 controlled stored charge e3 planar passivated die elements maximum ratings 500 mw dc power rating** power derating 4.0 mw/c above 50 c junction and storage temperatures: -65"c to +175c "consult factory for ratings up to i.5w. mz2360 and mz2361 package dimensions .010 max. i 2.03 oia. polarity mark ? (cathooel .w&j&. rjia ? .w-0,559 "" iffi , all dimensions in '"-- ni.ni. do-35 mechanical characteristics *cnse: hermetically sealed glass do-35. do-7 and do-41 glass are optional. single p-n junction devices also offered in do-41 plastic. finish: all external surfaces are corrosion resistant and leads solderable. thermal resistance: 200 c/w typical for do-3s at 0.375 inches from body. mounting position: any. polarity: cathode marked with band. to be operated with cathode negative for normal low voltage operation ? designate case sin when ordering. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to he both accurate and reliable at the time of going to press however nj semi-coinjuctor$ assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages rs til v.-rit'v tli- are rnrivnl hpt'i-irf ntarino nnleni
type in4156 in4i57 1n44s3 in4829 in4830 1n5179 mpdioo mpdiooa mpd200 mpd200a MPD300 MPD300a mpd400 mpd400a "mz2360 ?*mz23m maximim reverse c irkent 'r 5-c ?a 50 50 50 100 100 50 jo 30 30 30 30 30 30 30 icy 1


▲Up To Search▲   

 
Price & Availability of MPD300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X