Part Number Hot Search : 
F1069 OPB122A SSF1016 D7804 7906CT 17805 LVC138A C3506
Product Description
Full Text Search
 

To Download MA4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zener diodes 1 publication date: february 2002 ske00004ced parameter symbol conditions min typ max unit forward voltage v f i f = 10 ma 0.8 0.9 v zener voltage * 2 v z i z specified value v zener knee operating resistance r zk i z specified value ? zener operating resistance r z i z specified value ? reverse current i r1 v r specified value a i r2 v r specified value a temperature coefficient of zener voltage * 3 s z i z specified value mv/ c terminal capacitance c t v r specified value pf maz4000 series (MA4000 series) silicon planar type for stabilization of power supply  features ? high reliability, achieved by the dhd structure ? allowing to insert to a 5 mm pitch hole ? finely divided zener-voltage rank ? sharp rising performance ? wide voltage range: v z = 2.0 v to 39 v  absolute maximum ratings t a = 25 c unit: mm parameter symbol rating unit average forward current i f(av) 250 ma repetitive peak forward current i frm 250 ma total power dissipation * 1 p tot 370 mw non-repetitive reverse surge p zsm 30 w power dissipation * 2 junction temperature t j 200 c storage temperature t stg ? 65 to + 200 c  common electrical characteristics t a = 25 c * 1 do-34-a2 package note) * 1: with a printed circuit board * 2: t = 100 s, t j = 150c 0.40 00.5 1st band 2nd band 3rd band cathode anode colored band indicatesvz classification 2.7 0.15 2.5 0.1 13 min. 1.55 0.2 13 min. refer to the list of the electrical characteristics within part numbers note) 1. rated input/output frequency: 5 mhz y 2. * 1 : the v z value is for the temperature of 25 c. in other cases, carry out the temperature compensation. * 2 : guaranteed at 20 ms after power application. * 3:t j = 25 c to 150 c note) the part number in the parenthesis shows conventional part number. ? color indication of v z rank classification rank l m h color black blue red free datasheet http://www.datasheet-pdf.com/
maz4000 series ske00004ced 2 maz4020 1.88 ? 2.24 maz40200l 1.88 ? 2.12 0.5 120 ??? 100 1 2000 ? 3.5 ? 1.5 0 375 450 red black black maz40200h 2.01 ? 2.24 maz4022 2.08 ? 2.45 maz40220l 2.08 ? 2.33 0.7 120 ??? 100 1 2000 ? 3.5 ? 1.5 0 375 450 red red red maz40220h 2.20 ? 2.45 maz4024 2.28 2.4 2.7 maz40240l 2.28 ? 2.56 1 120 ??? 100 1 2000 ? 3.5 ? 1.6 0 375 450 red yellow yellow maz40240h 2.4 ? 2.7 maz4027 2.5 2.7 2.9 maz40270l 2.5 ? 2.75 1 100 ??? 100 1 1000 ? 3.5 ? 2 0 350 450 red purple purple maz40270h 2.65 ? 2.9 maz4030 2.8 3.0 3.2 maz40300l 2.83 2.9 2.97 150 ?? 85 100 1 1000 ? 3.5 ? 2.1 0 350 450 orange black black maz40300m 2.93 3.0 3.08 maz40300h 3.02 3.1 3.18 maz4033 3.1 3.3 3.5 maz40330l 3.12 3.2 3.28 120 ?? 83 100 1 1000 ? 3.5 ? 2.4 0 325 450 orange orange orange maz40330m 3.22 3.3 3.38 maz40330h 3.32 3.4 3.49 maz4036 3.4 3.6 3.8 maz40360l 3.41 3.5 3.59 110 ?? 81 100 1 1000 ? 3.5 ? 2.4 0 300 450 orange blue blue maz40360m 3.51 3.6 3.69 maz40360h 3.61 3.7 3.79 maz4039 3.7 3.9 4.1 maz40390l 3.71 3.8 3.9 110 ?? 79 100 1 1000 ? 3.5 ? 2.5 0 300 450 orange white white maz40390m 3.8 3.9 4.0 maz40390h 3.9 4.0 4.1 maz4043 4.0 4.3 4.6 maz40430l 4.03 4.1 4.26 110 ?? 75 100 1 1000 ? 3.5 ? 2.5 0 275 450 yellow orange orange maz40430m 4.17 4.3 4.4 maz40430h 4.31 4.4 4.54 maz4047 4.4 4.7 5.0 maz40470l 4.45 4.6 4.69 13 ?? 50 80 1 900 ? 3.5 ? 1.4 0.2 130 180 yellow purple purple maz40470m 4.59 4.7 4.83 maz40470h 4.74 4.9 4.99 maz4051 4.8 5.1 5.4 maz40510l 4.87 5.0 5.12 22 ?? 40 60 1 800 ? 2.7 0.8 1.2 110 160 green brown brown maz40510m 5.0 5.1 5.26 maz40510h 5.14 5.3 5.4 maz4056 5.3 5.6 6.0 maz40560l 5.3 5.4 5.58 21 ?? 15 40 1 500 ? 2 1.2 2.5 95 140 green blue blue maz40560m 5.48 5.6 5.76 maz40560h 5.66 5.8 5.95 maz4062 5.8 6.2 6.6 5.3 maz40620l 5.85 6.0 6.15 43 5.3 60 6 20 0.5 300 0.4 2.3 3.7 90 130 blue red red maz40620m 6.05 6.2 6.36 5.5 maz40620h 6.24 6.4 6.56 5.7 maz4068 6.4 6.8 7.2 5.9 maz40680l 6.44 6.6 6.77 42 5.9 60 6 15 0.5 140 1.2 3 4.5 85 110 blue gray gray maz40680m 6.64 6.8 6.98 6.1 maz40680h 6.85 7.0 7.2 6.3  electrical characteristics within part numbers t a = 25 c ? v z = 2.0 v to 6.8 v (i z = 5 ma) part number zener voltage reverse current v z (v) i r1 ( a) i r2 ( a) r z ( ? )r zk ( ? )s z (mv/ c) i z = 5 ma v r v r i z = 5 ma i z i z = 5 ma min nom max (v) max (v) max typ max (ma) max min typ max 1st. 2nd. 3rd. c t (pf) (v r = 0 v) f = 1 mhz typ max temperature coefficient of zener voltage terminal capaci- tance marking symbol color indication main body: yellowish green ?? ?? ?? zener operating resistance free datasheet http://www.datasheet-pdf.com/
maz4000 series 3 ske00004ced maz4075 7.0 7.5 7.9 6.5 maz40750l 7.07 7.3 7.43 51 6.5 60 6 15 0.5 120 2.5 4 5.3 80 100 purple green green maz40750m 7.29 7.5 7.67 6.7 maz40750h 7.51 7.7 7.89 7.0 maz4082 7.7 8.2 8.7 7.2 maz40820l 7.77 7.9 8.17 5 0.5 7.2 60 6 15 0.5 120 3.2 4.6 6.2 75 95 gray red red maz40820m 8.03 8.2 8.43 7.5 maz40820h 8.29 8.5 8.7 7.7 maz4091 8.5 9.1 9.6 8 maz40910l 8.58 8.8 9.02 6 0.2 8 60 6 15 0.5 130 3.8 5.5 7 70 90 white brown brown maz40910m 8.87 9.1 9.33 8.3 maz40910h 9.14 9.4 9.6 8.6 maz4100 9.4 10 10.6 8.9 maz41000l 9.44 9.7 9.92 7 0.2 8.9 60 8 20 0.5 130 4.5 6.4 8 70 90 brown black ? maz41000m 9.75 10 10.25 9.2 maz41000h 10.07 10.3 10.59 9.5 maz4110 10.4 11 11.6 9.9 maz41100l 10.4 10.7 10.94 7 0.1 9.9 60 10 20 0.5 170 5.4 7.4 9 65 85 brown brown ? maz41100m 10.73 11 11.28 10.2 maz41100h 11.05 11.3 11.6 10.5 maz4120 11.4 12 12.7 10.9 maz41200l 11.4 11.7 11.96 8 0.1 10.9 60 10 25 0.5 170 6 8.4 10 65 85 brown red ? maz41200m 11.73 12 12.33 11.2 maz41200h 12.06 12.3 12.68 11.5 maz4130 12.4 13 14.1 11.9 maz41300l 12.4 12.7 12.99 9 0.1 11.9 60 10 30 0.5 170 7 9.4 11 60 80 brown orange ? maz41300m 12.73 13 13.4 12.2 maz41300h 13.25 13.7 14.08 12.7 maz41400m 13.65 14 14.35 9 0.1 13.1 60 10 30 0.5 170 7 10 13 60 80 brown yellow ? maz4150 13.9 15 15.6 13.4 maz41500l 13.9 14.3 14.76 10 0.05 13.4 60 10 30 0.5 170 9.2 11.4 13 55 75 brown green ? maz41500m 14.6 15 15.35 14.1 maz41500h 14.95 15.3 15.6 14.4 maz4160 15.3 16 17.1 14.8 maz41600l 15.3 15.7 16.09 11 0.05 14.8 60 10 40 0.5 170 10.4 12.4 14 52 75 brown blue ? maz41600m 15.7 16 16.5 15.2 maz41600h 16.26 16.7 17.1 15.7 maz4180 16.9 18 19.1 16.4 maz41800l 16.9 17.3 17.76 13 0.05 16.4 60 10 45 0.5 170 12.4 14.4 16 47 70 brown gray ? maz41800m 17.55 18 18.45 17 maz41800h 18.2 18.7 19.1 17.7 maz4200 18.8 20 21.2 18.3 maz42000l 18.85 19.3 19.81 14 0.05 18.3 60 15 55 0.5 180 14.4 16.4 18 36 60 red black ? maz42000m 19.50 20 20.5 19 maz42000h 20.15 20.7 21.19 19.6 part number zener voltage reverse current v z (v) i r1 ( a) i r2 ( a) r z ( ? )r zk ( ? )s z (mv/ c) i z = 5 ma v r v r i z = 5 ma i z i z = 5 ma min nom max (v) max (v) max typ max (ma) max min typ max 1st. 2nd. 3rd. c t (pf) (v r = 0 v) f = 1 mhz typ max  electrical characteristics within part numbers (continued) t a = 25 c ? v z = 7.5 v to 20 v (i z = 5 ma) temperature coefficient of zener voltage terminal capaci- tance marking symbol color indication main body: yellowish green ?? ?? ?? zener operating resistance free datasheet http://www.datasheet-pdf.com/
maz4000 series ske00004ced 4 maz4220 20.8 22 23.3 20.3 maz4220-l 20.8 21.3 21.86 15 0.05 20.3 60 20 5.5 0.5 180 16.4 18.4 20 34 60 red red ? maz4220-m 21.45 22 22.55 20.9 maz4220-h 22.1 22.7 23.24 21.6 maz4240 22.8 24 25.6 22.3 maz4240-l 22.8 23.3 23.97 17 0.05 22.3 60 25 70 0.5 180 18.4 20.4 22 33 55 red yellow ? maz4240-m 23.5 24 24.7 23 maz4240-h 24.35 25 25.6 23.8 part number zener voltage reverse current v z (v) i r1 ( a) i r2 ( a) r z ( ? )r zk ( ? )s z (mv/ c) i z = 5 ma v r v r i z = 5 ma i z i z = 5 ma min nom max (v) max (v) max typ max (ma) max min typ max 1st. 2nd. 3rd. c t (pf) (v r = 0 v) f = 1 mhz typ max maz4270 25.1 27 28.9 24.8 maz42700l 25.3 26 26.7 19 0.05 24.8 60 25 80 0.5 200 21.4 23.4 25.3 30 50 red purple ? maz42700m 26.3 27 27.7 25.8 maz42700h 27.3 28 28.7 26.8 maz4300 28 30 32 27.8 maz43000l 28.3 29 29.7 21 0.05 27.8 60 30 80 0.5 200 24.4 26.6 29.4 27 50 orange black ? maz43000m 29.3 30 30.8 28.8 maz43000h 30.2 31 31.8 29.7 maz4330 31 33 35 30.7 maz43300l 31.2 32 32.8 23 0.05 30.7 60 35 80 0.5 200 27.4 29.7 33.4 25 45 orange orange ? maz43300m 32.2 33 33.8 31.7 maz43300h 33.2 34 34.9 32.7 maz4360 34 36 38 33.6 maz43600l 34.1 35 35.9 25 0.05 33.6 60 35 90 0.5 200 30.4 33 37.4 23 45 orange blue ? maz43600m 35.1 36 36.9 34.6 maz43600h 36.1 37 37.9 35.6 maz4390 37 ? 41 36 maz43900l 37.1 ? 39 27 0.05 36 60 ? 130 0.5 250 33.4 36.4 41.2 21 45 orange white ? maz43900m 38 ? 40 36 maz43900h 39 ? 41 36 ? v z = 27.0 v to 39.0 v (i z = 2 ma) part number zener voltage reverse current v z (v) i r1 ( a) i r2 ( a) r z ( ? )r zk ( ? )s z (mv/ c) i z = 2 ma v r v r i z = 2 ma i z i z = 2 ma min nom max (v) max (v) max typ max (ma) max min typ max 1st. 2nd. 3rd. c t (pf) (v r = 0 v) f = 1 mhz typ max note) 1. the v z value is the one after power application for 20 ms at t a = 25 c. 2. the zener voltage temperature coefficient is the one for t j = 25 c to 150 c.  electrical characteristics within part numbers (continued) t a = 25 c ? v z = 22.0 v to 24.0 v (i z = 5 ma) temperature coefficient of zener voltage terminal capaci- tance temperature coefficient of zener voltage terminal capaci- tance marking symbol color indication main body: yellowish green ?? ?? ?? marking symbol color indication main body: yellowish green ?? ?? ?? zener operating resistance zener operating resistance free datasheet http://www.datasheet-pdf.com/
maz4000 series 5 ske00004ced 0 0 250 200 150 100 50 100 200 300 400 500 ambient temperature t a ( c ) power dissipation p tot ( mw ) thickness of the printed-circuit board 1.6 mm copper foil 0.035 mm, hole distance 5 mm anode side copper foil 3 mm cathode side copper foil 3 mm 1 10 3 2 30 20 5 50 500 100 200 300 0.1 0.3 3 0.5 5 110 0.2 2 pulse width t w ( ms ) non-repetitive reverse surge power dissipation p zsm ( w ) t a = 25 c ( prior to surge ) 150 c ( prior to surge ) 0 40 80 120 160 200 240 280 320 0 0.2 0.4 0.6 0.8 1.0 1.2 forward voltage v f ( v ) forward current i f ( ma ) t a = 25 c 0 06 15 234 80 40 160 120 zener voltage v z ( v ) zener current i z ( ma ) t a = 25 c static characteristics maz4024 maz4027 maz4030 maz4033 maz4036 maz4039 maz4043 0 120 100 80 60 40 20 024681012 zener voltage v z ( v ) zener current i z ( ma ) t a = 25 c static characteristics maz4100 maz4091 maz4082 maz4075 maz4068 maz4062 maz4056 maz4051 maz4047 0 10 20 30 40 010 30 20 40 zener voltage v z ( v ) zener current i z ( ma ) t a = 25 c static characteristics maz4110 maz4130 maz4160 maz4200 maz4240 maz4270 maz4300 maz4330 maz4360 0 20 40 60 80 100 010 30 20 40 zener voltage v z ( v ) zener current i z ( ma ) t j = 25 c dynamic characteristics maz4360 maz4330 maz4300 maz4270 maz4240 maz4200 maz4160 maz4130 maz4110 p tot ? t a p zsm ? t w i f ? v f i z ? v z i z ? v z i z ? v z i z ? v z i z ? v z i z ? v z 0 40 80 120 160 200 0123456 zener voltage v z ( v ) zener current i z ( ma ) t j = 25 c dynamic characteristics maz4024 maz4027 maz4030 maz4033 maz4036 maz4039 maz4043 0 40 80 120 160 20 60 100 140 180 200 024681012 zener voltage v z ( v ) zener current i z ( ma ) t j = 25 c dynamic characteristics maz4068 maz4075 maz4062 maz4056 maz4051 maz4047 maz4100 maz4091 maz4082 free datasheet http://www.datasheet-pdf.com/
maz4000 series ske00004ced 6 s z ? i z s z ? i z ? 3 ? 2 ? 1 0 1 0 20 40 60 80 100 120 zener current i z ( ma ) temperature coefficient of zener voltage s z ( mv / c ) t j = 25 c to 150 c maz4043 maz4039 maz4036 maz4033 maz4030 maz4024 maz4027 0.03 3 1 0.1 0.3 0.1 100 30 10 3 1 0.3 pulse width t w ( s ) thermal impedance z th ( c / mw ) heat sink thickness t = 1.6 mm copper foil t = 0.035 mm anode side 3 mm cathode side 3 mm lead distance 5 mm 1 10 ? 1 10 10 2 10 3 10 4 11010 2 zener operating resistance r z ( ? ) zener current i z ( ma ) maz4033 maz4024 maz4300 maz4068 maz4120 maz4200 maz4047 z th ? t w r z ? i z ? 6 ? 4 ? 2 0 2 4 6 8 10 04812162024 zener current i z ( ma ) temperature coefficient of zener voltage s z ( mv / c ) t j = 25 c to 150 c maz4000 maz4091 maz4082 maz4075 maz4062 maz4056 maz4047 maz4068 maz4051 free datasheet http://www.datasheet-pdf.com/
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of MA4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X