Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download LM30-00J0512-03E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. LM30-00J0512-03E 2013.04.25-a/1 page 1 of 4 LM30-00J0512-03E 30w,ac-dc converter LM30-00J0512-03E----a metal mask switching power supply offered by mornsun. it features universal input voltage, taking both dc and ac input voltage, multiplexed output, high efficiency, high reliability, low power consumption, safer isolation. it offers good emc performance, certificate iec/en61000-4, cispr22/en55022standards, and is widely used in industrial, office and electricity applications. rohs product features 1. universal input range:85~264vac 50/60hz 2. ac and dc all in one (input from the same terminal) 3. multiplexed output 4. low standby power, high efficiency,2000vac safe isolation 5. low ripple and noise 6. output short circuit, over-current, over-voltage protection 7. emc:iec/en61000-4,cispr22/en55022 8. 3 years warranty part number system LM30-00J0512-03E special ndoutputcurrent ndoutputvoltage outputvoltage utputstyle 2 2 for power systems o inputvoltage isolation voltage ratedpower packagestyle product series selection guide output voltage/ output current model power (w) (vo1/io1) (vo2/io2) (vo3/io3) (vo4/io4) efficiency (%) (230vac,typ) standby power consumption (230vac,typ) LM30-00J0512-03E 30 5vdc/2a 12vdc/0.3a - 12vdc/0.3a 24vdc/0.5a 8 3 0.85w input specifications item test conditions min. typ. max. unit ac input 85 -- 264 input voltage range dc input 90 -- 370 ac input -- -- -- start-up voltage dc input -- -- -- ac input -- -- -- input under voltage protection shutdown voltage dc input -- -- -- v input frequency 47 -- 63 hz 115vac -- -- 0.55 input current 230vac -- -- 0.30 115vac -- 30 -- inrush current 230vac -- 50 -- a output specifications item test conditions min. typ. max. unit vo1(main output) -- -- 1 output voltage accuracy vo2,vo3,vo4(secondary output) -- -- 5 vo1(main output) -- -- 1 line regulation(full load) vo2,vo3,vo4(secondary output) -- -- 5 vo1(main output) -- -- 1 load regulation (10% to 100%) vo2,vo3,vo4(secondary output) -- -- 5 % vo1(main output) -- -- 100 vo2,vo3(secondary output) -- -- 120 ripple& noise(p-p) 20mhz bandwidth vo4(secondary output) 200 mv min load 0 -- -- trim -- -- -- %
the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. LM30-00J0512-03E 2013.04.25-a/1 page 2 of 4 115vac -- 15 -- hold-up time 230vac -- 115 -- ms short circuit protection continuous, and auto recovery over current protection >120% io auto-recovery over voltage protection zener diode clamp common specifications item test conditions min. typ. max. unit operating temperature -40 -- +70 storage temperature -40 -- +85 storage humidity 5 -- 95 %rh vo1(main output) -- 0.02 -- temperature coefficient vo2,vo3,vo4(secondary output) -- 0.06 -- -40 ~-25 4.0 -- -- power derating +50 ~+70 3.5 -- -- %/ isolation resistance 100 -- -- m input-output 2000 -- -- input-ground 2000 -- -- output-ground 1000 -- -- isolation voltage output-output tested for 1 minute 500 -- -- vac altitude -- -- 9000 m switching frequency -- 65 -- khz weight -- 190 -- g safety approvals -- safety class class i safety standards iec60950 hot swap forbid install pcb cooling free air convection mtbf 300,000 hours @ 25 note: 1.ripple and noise are measured by the method of parallel lines; 2.the power of multiplexed output will make other groups of output voltage drop at the same time after any way output over current protection , enter th e hiccup type protection condition, recover to the normal working state when faults remove; 3. unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, ta=25 , humidity < 75%. emc specifications ce cispr22/en55022, class b(without external circuit ) emi re cispr22/en55022, class b(without external circuit ) esd iec/en61000-4-2 6kv/8kv perf. criteria b rs iec/en61000-4-3 10v/m perf. criteria a eft iec/en61000-4-4 4kv (without external circuit ) perf. criteria b iec/en61000-4-5 2kv/4kv (without external circuit ) perf. criteria b surge iec/en61000-4-5 4kv/6kv (external circuit refer to figure 3) perf. criteria b cs iec/en61000-4-6 10 vr.m.s perf. criteria a pfm iec/en61000-4-8 10a/m perf. criteria a ems voltage dips, short and interruptions immunity iec/en61000-4-11 0%-70% perf. criteria b parallel lines measure ac/dc +vo -vo fuse ac(l) ac(n) 25.4mm 25.4mm c1 c2 12.7mm copper sheet connect oscillograph probe load ac(l) ac(n) note: c1: 1 f (ceramic capacitor) c2: 10 f (electrolytic capacitor)
the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. LM30-00J0512-03E 2013.04.25-a/1 page 3 of 4 product typical curve -25 -40 0 50 70 100 25 70 40 30 ambient tem.() temperature derating graph o u t p u t p o w e r p e r c e n t ( % ) input voltage 100 264vac ~ note: when input 85~100vac, it need to be voltage derated on basis of temperature derating. 40 100 60 80 100 264 load % input voltagevac 85 ambient temperature: 25 input voltage derating graph o u t p u t p o w e r p e r c e n t ( % ) note: when input dc,vdc=1.414*vac-20. efficiency vs input voltage curve (full load) 50 55 60 65 70 75 80 85 90 95 100 85100115150180200230264 input voltage(vac) efficiency(%) efficiency vs output load curve (vin=230vac) 50 55 60 65 70 75 80 85 90 95 100 102030405060708090100 output power percent(%) efficiency(%) typical applications c6 c2 c5 c1 + vo1 - vo1 tvs1 tvs3 rl rl c4 c3 tvs2 rl ac(n) ac(l) ntc fuse + vo2 com - vo3 c8 c7 tvs4 rl + vo4 - vo4 ac(n) ac(l) ac/dc (figure 1): typical application circuit for LM30-00J0512-03E ac(l) ac(n) +vo -vo ac/dc +vo -vo ac(l) ac(n) note: this application is not available for this series. if you have such application, please consult to our fae department (figure 2):LM30-00J0512-03E emc recommended circuit lcm mov1 mov2 mov3 r2 r1 r3 cx mov4 mov5 cy4 cy3 gdt4 ac/dc fuse ntc ac(n) ac(l) ac(n) ac(l) + vo1 - vo1 + vo2 com - vo3 + vo4 - vo4 output1 output2 output3 output4 (figure 3):LM30-00J0512-03E recommended circuit for applications which require higher emc standard (external circuit output is the same as figure 1) emc recommended circuit pcb layout top layer bottom layer (figure 4): emc application circuit pcb layout safety and recommend wiring: linewidth 3mm, line-line distance 6mm, line- ground distance 6mm
the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. LM30-00J0512-03E 2013.04.25-a/1 page 4 of 4 external circuit parameters model c1,c3,c5,c7( f) c2( f) c4,c6( f) c8( f) tvs1 tvs2 ,tvs3 tvs4 LM30-00J0512-03E 1 470 220 120 smbj7.0a smbj20a smbj30a note: 1. output filtering capacitors c2,c4,c6,c8 are electrolytic capacitors, it is recommended to use high frequency and low impedance electrolytic capacitors. for capacitance and current of capacitor please refer to manufacture s datasheet. voltage derating of capacitor should be 80% or above. c1,c3,c5,c7 are ceramic capacitor, it is used to filter high frequency noise, recommended to use 1 f. tvs is a recommended component to protect post-circuits (if converter fails). 2. for standard emc requirement, please refer to figure 1 .if higher emc requirement ,please refer to figure 3, recom mended parameters are shown in the table below. recommend parameter for higher emc standard circuit components recommend parameter mov1 s20k350 mov2 s14k350 mov3 s14k350 mov4 s07k350 mov5 s07k350 cx 0.15 f/300vac cy3 2.2nf/400vac cy4 2.2nf/400vac r1,r2 2 /3w winding resistor r3 1m /2w lcm 3.3mh, recommended to use mornsun s fl2d-10-332 gdt4 b5g3600 ntc 5d-14 fuse 3.15a/250v, slow blow, it must be connected to fuse outline dimensions, recommended footprint&packaging mornsun science & technology co.,ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou,p.r.china. tel: 86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com


▲Up To Search▲   

 
Price & Availability of LM30-00J0512-03E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X